Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S5933 Datasheet(PDF) 5 Page - Applied Micro Circuits Corporation

Part # S5933
Description  32-Bit PCI MatchMaker
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

S5933 Datasheet(HTML) 5 Page - Applied Micro Circuits Corporation

  S5933 Datasheet HTML 1Page - Applied Micro Circuits Corporation S5933 Datasheet HTML 2Page - Applied Micro Circuits Corporation S5933 Datasheet HTML 3Page - Applied Micro Circuits Corporation S5933 Datasheet HTML 4Page - Applied Micro Circuits Corporation S5933 Datasheet HTML 5Page - Applied Micro Circuits Corporation S5933 Datasheet HTML 6Page - Applied Micro Circuits Corporation S5933 Datasheet HTML 7Page - Applied Micro Circuits Corporation S5933 Datasheet HTML 8Page - Applied Micro Circuits Corporation S5933 Datasheet HTML 9Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
6290 Sequence Drive, San Diego, California 92121-4358 800-755-2622
5
S5933
32-Bit PCI “MatchMaker”
Pass-Thru Operation
Pass-Thru operation executes PCI bus cycles in real
time with the Add-On bus. This allows the PCI bus
to directly read or write to Add-On resources. The
S5933 allows the designer to declare up to four indi-
vidual Pass-Thru Regions. Each region may be
defined as 8-, 16-, or 32-bits wide, mapped into host
memory or I/O space and may be up to 512MB bytes
in size. Figure 4 right shows a block diagram of the
S5933 Pass-Thru architecture.
Pass-Thru operations are performed in PCI target
only mode, making this data channel useful for con-
verting existing ISA or EISA designs over to the fast
PCI architecture. The Pass-Thru data channel uti-
lizes separate Add-On bus signal pins to reflect a
PCI bus read or write request. Add-On logic decodes these signals to determine if it must read or write data to the
S5933 to satisfy the request. Information decoded includes PCI request occurring, the byte lanes involved, the spe-
cific Pass-Thru region accessed and if the request is a burst or single-cycle access. All requested Pass-Thru address
and data information is passed via Add-On Operation Registers.
Pass-Thru operation supports single PCI data cycles and PCI data bursts. During PCI burst operations, the S5933 is
capable of transferring data at the full PCI bandwidth. Should slower Add-On logic be implemented, the S5933 auto-
matically issues PCI bus waits or a Host retry indication until the requested transfer is satisfied.
FIFO PCI Bus Mastering Operation
FIFO PCI Bus Master data transfers are processed by one of two 8-DWORD FIFOs. The FIFO block diagram is
shown in Figure 5. The particular FIFO selected for a data transfer is dependent only on the direction of data flow and
is completely transparent to the user. Internal S5933 decode logic selects the FIFO that is dedicated to transferring
data to the other bus.
The way data is transferred by a FIFO, is determined by Operation and Configuration Registers contained within the
S5933. A FIFO may be configured for either PCI or Add-On initiated Bus Mastering with programmable byte
advance conditions, read vs. write priorities and Add-On bus widths. Advance conditions allow the FIFO to imple-
ment 8-, 16- or 32-bit bus widths. Configuring the S5933 for Bus Master operation enables separate address and data
count registers, which are loaded with the PCI memory address location and number of bytes to be read or written.
This is accomplished by either the Host CPU or Add-On logic. Data can be transferred between the two buses trans-
parent to the PCI Host processor, however, the Add-On logic is required to service the S5933 Add-On Local bus. An
indication of transfer completion can be seen by polling a status register done bit or S5933 signal pin or enabling a
'transfer count = 0' interrupt to either bus.
Further FIFO configuration bits select 16, 32, or 64 bit Endian conversion options for incoming and outgoing data.
Endian conversion allows an Add-On processor and the host to transfer data in their native Endian format. Other con-
figuration bits determine if the Add-On Local bus width is 8, 16 or 32 bits. 16-bit bus configurations internally steer
FIFO data from the upper 16 bits of the DWORD and then to the lower 16-bits on alternate accesses. FIFO pointers
are then updated when appropriate bytes are accessed. Other methods are available for 8-bit or 16-bit Add-Ons.
Efficient FIFO management configuration schemes unique to the AMCC S5933 specify how full or empty a FIFO
must be before it requests the PCI Local bus. These criteria include bus requests when any of the 8 DWORDs are
empty, or when four or more DWORDs are empty. This allows the designer to control how often the S5933 requests
the bus. The S5933 always attempts to perform burst operations to empty or fill the FIFOs. Further FIFO capabilities
over the standard register access methods allow for direct hardware FIFO access. This is provided through separate
access pins on the S5933. Other status output pins allow for easily cascading external FIFOs to the Add-On design.
S5933
Add-On Pass-Thru Read Data
Add-On Pass-Thru Write Data
Address Latch
Add-On Pass-
Thru Address
Register
Figure 4


Similar Part No. - S5933

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S5930 HAMAMATSU-S5930 Datasheet
243Kb / 6P
   NMOS multichannel detector head
S5930-256S HAMAMATSU-S5930-256S Datasheet
243Kb / 6P
   NMOS multichannel detector head
S5930-256S HAMAMATSU-S5930-256S Datasheet
216Kb / 6P
   NMOS linear image sensor Built-in thermoelectric cooler ensures long exposure time and stable operation.
S5930-512S HAMAMATSU-S5930-512S Datasheet
243Kb / 6P
   NMOS multichannel detector head
S5930-512S HAMAMATSU-S5930-512S Datasheet
216Kb / 6P
   NMOS linear image sensor Built-in thermoelectric cooler ensures long exposure time and stable operation.
More results

Similar Description - S5933

ManufacturerPart #DatasheetDescription
logo
PLX Technology
PCI6350 PLX-PCI6350 Datasheet
883Kb / 2P
   Asynchronous 32-bit PCI-to-PCI Bridge
logo
Texas Instruments
PCI2050APDV TI1-PCI2050APDV Datasheet
223Kb / 17P
[Old version datasheet]   Two 32-Bit, 66-MHz PCI Buses
logo
Applied Micro Circuits ...
S5935 AMCC-S5935 Datasheet
705Kb / 190P
   PCI 5V Bus Master/Target Device 32-bit
logo
List of Unclassifed Man...
APCI-IB40 ETC2-APCI-IB40 Datasheet
253Kb / 10P
   32-bit PCI Local Bus I/O board
logo
PLX Technology
PCI6156 PLX-PCI6156 Datasheet
207Kb / 2P
   Synchronous, 32-bit, 33MHz PCI-to-PCI Bridge for Video Capture Applications
logo
Renesas Technology Corp
HD74CBT32160C RENESAS-HD74CBT32160C Datasheet
228Kb / 11P
   16-bit to 32-bit Demux PCI Hot-plug Bus Switch
logo
Broadcom Corporation.
BCM5788 BOARDCOM-BCM5788 Datasheet
115Kb / 1P
   SINGLE CHIP 32 BIT PCI GIGABIT CONTROLLER WITH PHY
logo
Advantech Co., Ltd.
PCIE-1824 ADVANTECH-PCIE-1824 Datasheet
433Kb / 1P
   16-bit ,32/16-ch Analog Output PCI Express Card
15-Jan-2020
PCI-1724U ADVANTECH-PCI-1724U Datasheet
538Kb / 1P
   14-bit, 32-ch Isolated Analog Output Universal PCI Card
logo
Davicom Semiconductor, ...
DM9106EP DAVICOM-DM9106EP Datasheet
30Kb / 2P
   Three Port Ethernet Switch Controller with 32-bit PCI Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com