Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJL31V367A Datasheet(PDF) 7 Page - New Japan Radio

Part # NJL31V367A
Description  INFRARED REMOTE CONTROL RECEIVER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJL31V367A Datasheet(HTML) 7 Page - New Japan Radio

  NJL31V367A Datasheet HTML 1Page - New Japan Radio NJL31V367A Datasheet HTML 2Page - New Japan Radio NJL31V367A Datasheet HTML 3Page - New Japan Radio NJL31V367A Datasheet HTML 4Page - New Japan Radio NJL31V367A Datasheet HTML 5Page - New Japan Radio NJL31V367A Datasheet HTML 6Page - New Japan Radio NJL31V367A Datasheet HTML 7Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
NJL31H/31V/32H/33H/34H000A
- 7 -
Ver.2004-08-27
7.0
2.54
11.0
3.5
9.1
1.9
(12.6)
0.3
0.5
1.3
12 3
8.2
2.54 2.54
2.0
3-
φ0.8
PCB Pattern
7.0
0.5
8.0
3.5
8.2
2.54 2.54
2.0
3-
φ0.8
6.1
1.9
0.3
1.3
PCB Pattern
(9.6)
2.54
7.0
2.54 2.54
15.0
13.1
3.5
1.9
(16.6)
0.3
1.3
0.5
8.2
2.54 2.54
2.0
3-
φ0.8
PCB Pattern
12 3
2.54
1: OUT
2: GND
3: Vcc
1: OUT
2: GND
3: Vcc
2.54
1: OUT
2: GND
3: Vcc
123
[CAUTION]
The specifications on this databook are only
given for information , without any guarantee
as regards either mistakes or omissions. The
application circuits in this databook are
described only to show representative usages
of the product and not intended for the
guarantee or permission of any right including
the industrial rights.
NJL32H000A
UNIT:mm
NJL33H000A
UNIT:mm
NJL34H000A
UNIT:mm
1. Tolerance is
±0.3mm unless otherwise noted.
2. Ground metal case on PCB. Metal case is not
connected to GND pin inside.Tolerance is
±0.3mm
unless otherwise noted.


Similar Part No. - NJL31V367A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NJL3281D ONSEMI-NJL3281D Datasheet
103Kb / 8P
   Complementary ThermalTrak Transistors
December, 2004 ??Rev. P1
NJL3281D ONSEMI-NJL3281D Datasheet
75Kb / 7P
   Complementary ThermalTrak Transistors
June, 2006 ??Rev. 2
NJL3281DG ONSEMI-NJL3281DG Datasheet
75Kb / 7P
   Complementary ThermalTrak Transistors
June, 2006 ??Rev. 2
NJL3281D ONSEMI-NJL3281D_06 Datasheet
75Kb / 7P
   Complementary ThermalTrak Transistors
June, 2006 ??Rev. 2
More results

Similar Description - NJL31V367A

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJL71H000A NJRC-NJL71H000A Datasheet
124Kb / 5P
   INFRARED REMOTE CONTROL RECEIVER
logo
Princeton Technology Co...
PT2249A PTC-PT2249A Datasheet
48Kb / 6P
   Infrared Remote Control Receiver
logo
New Japan Radio
NJL24H400A NJRC-NJL24H400A Datasheet
150Kb / 7P
   INFRARED REMOTE CONTROL RECEIVER
NJL61V360A NJRC-NJL61V360A Datasheet
223Kb / 6P
   INFRARED REMOTE CONTROL RECEIVER
logo
STMicroelectronics
TDA8160 STMICROELECTRONICS-TDA8160 Datasheet
51Kb / 4P
   INFRARED REMOTE CONTROL RECEIVER
logo
Silan Microelectronics ...
SC9150A SILAN-SC9150A Datasheet
155Kb / 13P
   INFRARED REMOTE CONTROL RECEIVER
logo
Everlight Electronics C...
IRM-8885V-P EVERLIGHT-IRM-8885V-P Datasheet
231Kb / 9P
   Infrared Remote-control Receiver Module
IRM-8751-2 EVERLIGHT-IRM-8751-2 Datasheet
251Kb / 9P
   Infrared Remote-control Receiver Module
IRM-2638AF31 EVERLIGHT-IRM-2638AF31 Datasheet
220Kb / 9P
   Infrared Remote-control Receiver Module
IRM-2738F4 EVERLIGHT-IRM-2738F4 Datasheet
295Kb / 10P
   Infrared Remote-control Receiver Module
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com