Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA4237UA Datasheet(PDF) 1 Page - Texas Instruments

Part # OPA4237UA
Description  SINGLE-SUPPLY OPERATIONAL AMPLIFIERS MicroAmplifier??Series
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA4237UA Datasheet(HTML) 1 Page - Texas Instruments

  OPA4237UA Datasheet HTML 1Page - Texas Instruments OPA4237UA Datasheet HTML 2Page - Texas Instruments OPA4237UA Datasheet HTML 3Page - Texas Instruments OPA4237UA Datasheet HTML 4Page - Texas Instruments OPA4237UA Datasheet HTML 5Page - Texas Instruments OPA4237UA Datasheet HTML 6Page - Texas Instruments OPA4237UA Datasheet HTML 7Page - Texas Instruments OPA4237UA Datasheet HTML 8Page - Texas Instruments OPA4237UA Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
FEATURES
q MICRO-SIZE, MINIATURE PACKAGES
Single: SOT-23-5, SO-8
Dual: MSOP-8, SO-8
Quad: SSOP-16
q LOW OFFSET VOLTAGE: 750
µV max
q WIDE SUPPLY RANGE
Single Supply: +2.7V to +36V
Dual Supply:
±1.35V to ±18V
q LOW QUIESCENT CURRENT: 350
µA max
q WIDE BANDWIDTH: 1.5MHz
DESCRIPTION
The OPA237 op amp family is one of Burr-Brown’s
Micro
Amplifier
series of miniature products. In addi-
tion to small size, these devices feature low offset
voltage, low quiescent current, low bias current, and a
wide supply range. Single, dual, and quad versions
have identical specifications for maximum design flex-
ibility. They are ideal for single supply, battery oper-
ated, and space-limited applications, such as PCMCIA
cards and other portable instruments.
OPA237 series op amps can operate from either single
or dual supplies. When operated from a single supply,
the input common-mode range extends below ground
and the output can swing to within 10mV of ground.
Dual and quad designs feature completely indepen-
dent circuitry for lowest crosstalk and freedom from
interaction.
Single, dual, and quad are offered in space-saving
surface-mount packages. The single version is available
in the ultra-miniature 5-lead SOT-23-5 and SO-8 sur-
face-mount. The dual version comes in a miniature
MSOP-8 and SO-8 surface-mount. The quad is avail-
able in an SSOP-16. The SSOP-16 has the same body
size as an SO-8 with 16 leads, while the MSOP-8 has the
same lead count as a SO-8 but half the size. The
SOT-23-5 is even smaller at one-fourth the size of an
SO-8. All are specified for –40
°C to +85°C operation. A
macromodel is available for design analysis.
APPLICATIONS
q BATTERY POWERED INSTRUMENTS
q PORTABLE DEVICES
q PCMCIA CARDS
q MEDICAL INSTRUMENTS
q TEST EQUIPMENT
OPA237
OPA2237
OPA4237
®
SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
Micro
Amplifier Series
InternationalAirportIndustrialPark • MailingAddress:POBox11400,Tucson,AZ85734 • StreetAddress:6730S.TucsonBlvd.,Tucson,AZ 85706 • Tel:(520)746-1111 • Twx:910-952-1111
Internet:http://www.burr-brown.com/ • FAXLine:(800)548-6133(US/CanadaOnly) • Cable:BBRCORP • Telex:066-6491 • FAX:(520)889-1510 • ImmediateProductInfo:(800)548-6132
© 1996 Burr-Brown Corporation
PDS-1327B
Printed in U.S.A. October, 1996
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
Out D
–In D
+In D
V–
+In C
–In C
Out C
NC
Out A
–In A
+In A
V+
+In B
–In B
Out B
NC
OPA4237
SSOP-16
AD
BC
1
2
3
4
8
7
6
5
NC
V+
Output
NC
NC
–In
+In
V–
OPA237
SO-8
1
2
3
4
8
7
6
5
V+
Out B
–In B
+In B
Out A
–In A
+In A
V–
OPA2237
SO-8, MSOP-8
A
B
1
2
3
5
4
V+
–In
Out
V–
+In
OPA237
SOT-23-5
SSOP-16
quad
SO-8
single/dual
MSOP dual
SOT-23-5
single
SBOS057


Similar Part No. - OPA4237UA

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA4237UA BURR-BROWN-OPA4237UA Datasheet
217Kb / 10P
   SINGLE-SUPPLY OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
OPA4237UA BURR-BROWN-OPA4237UA Datasheet
1Mb / 19P
   SINGLE-SUPPLY OPERATIONAL AMPLIFIERS MicroAmplifier??Series
logo
Texas Instruments
OPA4237UA/250 TI1-OPA4237UA/250 Datasheet
1Mb / 22P
[Old version datasheet]   SINGLE-SUPPLY OPERATIONAL AMPLIFIERS MicroAmplifier Series
OPA4237UA/2K5 TI1-OPA4237UA/2K5 Datasheet
1Mb / 22P
[Old version datasheet]   SINGLE-SUPPLY OPERATIONAL AMPLIFIERS MicroAmplifier Series
logo
Burr-Brown (TI)
OPA4237UA250 BURR-BROWN-OPA4237UA250 Datasheet
1Mb / 19P
   SINGLE-SUPPLY OPERATIONAL AMPLIFIERS MicroAmplifier??Series
More results

Similar Description - OPA4237UA

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA237 BURR-BROWN-OPA237_07 Datasheet
1Mb / 19P
   SINGLE-SUPPLY OPERATIONAL AMPLIFIERS MicroAmplifier??Series
logo
National Semiconductor ...
OPA237 NSC-OPA237 Datasheet
1Mb / 22P
   SINGLE-SUPPLY OPERATIONAL AMPLIFIERS MicroAmplifier Series
logo
Texas Instruments
OPA237 TI1-OPA237 Datasheet
1Mb / 22P
[Old version datasheet]   SINGLE-SUPPLY OPERATIONAL AMPLIFIERS MicroAmplifier Series
logo
Burr-Brown (TI)
OPA237 BURR-BROWN-OPA237 Datasheet
217Kb / 10P
   SINGLE-SUPPLY OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
OPA244 BURR-BROWN-OPA244 Datasheet
224Kb / 11P
   MicroPower, Single-Supply OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
logo
Texas Instruments
OPA338NA250 TI1-OPA338NA250 Datasheet
1Mb / 25P
[Old version datasheet]   MicroSIZE, Single-Supply CMOS OPERATIONAL AMPLIFIERS MicroAmplifier Series
logo
Burr-Brown (TI)
OPA337 BURR-BROWN-OPA337 Datasheet
179Kb / 9P
   MicroSIZE, Single-Supply CMOS OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
logo
Texas Instruments
OPA336 TI1-OPA336_17 Datasheet
1Mb / 27P
[Old version datasheet]   SINGLE-SUPPLY, microPower CMOS OPERATIONAL AMPLIFIERS microAmplifier Series
logo
Burr-Brown (TI)
OPA2336 BURR-BROWN-OPA2336 Datasheet
621Kb / 17P
   SINGLE-SUPPLY, microPower CMOS OPERATIONAL AMPLIFIERS microAmplifier Series
logo
Texas Instruments
OPA336NA3K TI1-OPA336NA3K Datasheet
1Mb / 24P
[Old version datasheet]   SINGLE-SUPPLY, microPower CMOS OPERATIONAL AMPLIFIERS microAmplifier ??Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com