Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LS5421-S Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # LS5421-S
Description  5 mm (T1 쩐) LED, Non Diffused Super-Bright LED
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

LS5421-S Datasheet(HTML) 6 Page - Infineon Technologies AG

  LS5421-S Datasheet HTML 1Page - Infineon Technologies AG LS5421-S Datasheet HTML 2Page - Infineon Technologies AG LS5421-S Datasheet HTML 3Page - Infineon Technologies AG LS5421-S Datasheet HTML 4Page - Infineon Technologies AG LS5421-S Datasheet HTML 5Page - Infineon Technologies AG LS5421-S Datasheet HTML 6Page - Infineon Technologies AG LS5421-S Datasheet HTML 7Page - Infineon Technologies AG LS5421-S Datasheet HTML 8Page - Infineon Technologies AG LS5421-S Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
LS 5421, LO 5411, LY 5421, LG 5411
2000-03-01
6
OPTO SEMICONDUCTORS
Durchlaßstrom
I
F = f (VF)
Forward Current
T
A = 25 °C
Maximal zulässiger Durchlaßstrom
I
F = f (T)
Max. Permissible Forward Current
Relative Lichtstärke
I
V/IV(10 mA) = f (IF)
Relative Luminous Intensity
T
A = 25 °C
Relative Lichtstärke
I
V / IV(25 °C)= f (TA)
Relative Luminous Intensity
I
F = 10 mA
10 -1
V
5
OHL01263
I
F
F
V
0
10
1
10
2
10
5
mA
1
1.4
1.8
2.2
2.6
3
3.4
OHL01092
0
0
20
40
60
80 ˚C 100
T
I
F
temp. ambient
temp. solder point
A
S
T
T
A
T
S
T
10
20
30
40
50
mA
V
V(10 mA)
10 -1
0
10
10 12
10
mA
yellow
green
super-red
orange
10 -3
5
OHL02357
F
I
5
-2
10
5
-1
10
0
10
1
10
I
I
55
OHL01149
0
0.8
1.2
0.4
1.6
2.0
yellow
green
orange
super-red
040
60
80 ˚C
100
20
A
T
V
I
V (25 ˚C)
I


Similar Part No. - LS5421-S

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
LS5421-S SIEMENS-LS5421-S Datasheet
405Kb / 8P
   5 mm T1 3/4 LED, Non Diffused Super-Bright LED
More results

Similar Description - LS5421-S

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LB5433 OSRAM-LB5433 Datasheet
121Kb / 11P
   Hyper 5 mm (T1 쩐) LED, Non Diffused Hyper-Bright LED
logo
Siemens Semiconductor G...
LS5421 SIEMENS-LS5421 Datasheet
405Kb / 8P
   5 mm T1 3/4 LED, Non Diffused Super-Bright LED
LS3341 SIEMENS-LS3341 Datasheet
320Kb / 7P
   3 mm T1 LED, Non Diffused Super-Bright LED
LS5436 SIEMENS-LS5436 Datasheet
64Kb / 6P
   Hyper 5 mm T1 LED, Non Diffused Hyper-Bright LED
LH5424 SIEMENS-LH5424 Datasheet
284Kb / 7P
   5 mm T1 3/4 LED, Non Diffused Super-Bright, Hyper-Red GaAIAs-LED
LH3344 SIEMENS-LH3344 Datasheet
283Kb / 7P
   3 mm (T1) LED, Non Diffused, Super-Bright, Hyper-Red GaAIAs-LED
logo
OSRAM GmbH
LW3333 OSRAM-LW3333 Datasheet
198Kb / 12P
   Hyper 3 mm (T1) LED, Non Diffused Hyper-Bright LED
logo
Siemens Semiconductor G...
LS3336 SIEMENS-LS3336 Datasheet
52Kb / 7P
   Hyper 3 mm T1 LED, Non Diffused Hyper-Bright LED
LH5464 SIEMENS-LH5464 Datasheet
284Kb / 7P
   5 mm T1 3/4 LED, Diffused Super-Bright, Hyper-Red GaAIAs-LED
LSK376 SIEMENS-LSK376 Datasheet
364Kb / 7P
   Hyper ARGUS LED Hyper-Bright, 3 mm T1 LED, Non Diffused
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com