Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HM51W16400LTS-5 Datasheet(PDF) 12 Page - Hitachi Semiconductor

Part # HM51W16400LTS-5
Description  4,194,304-word x 4-bit Dynamic RAM
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HM51W16400LTS-5 Datasheet(HTML) 12 Page - Hitachi Semiconductor

Back Button HM51W16400LTS-5 Datasheet HTML 8Page - Hitachi Semiconductor HM51W16400LTS-5 Datasheet HTML 9Page - Hitachi Semiconductor HM51W16400LTS-5 Datasheet HTML 10Page - Hitachi Semiconductor HM51W16400LTS-5 Datasheet HTML 11Page - Hitachi Semiconductor HM51W16400LTS-5 Datasheet HTML 12Page - Hitachi Semiconductor HM51W16400LTS-5 Datasheet HTML 13Page - Hitachi Semiconductor HM51W16400LTS-5 Datasheet HTML 14Page - Hitachi Semiconductor HM51W16400LTS-5 Datasheet HTML 15Page - Hitachi Semiconductor HM51W16400LTS-5 Datasheet HTML 16Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 33 page
background image
HM51W16400 Series, HM51W17400 Series
12
Read Cycle
HM51W16400/HM51W17400
-5
-6
-7
Parameter
Symbol
Min
Max
Min
Max
Min
Max
Unit
Notes
Access time from
RAS
t
RAC
50
60
70
ns
8, 9, 20
Access time from
CAS
t
CAC
13
15
18
ns
9, 10, 17,
20
Access time from address
t
AA
25
30
35
ns
9, 11, 17,
20
Access time from
OE
t
OEA
13
15
18
ns
9, 20
Read command setup time
t
RCS
0—
0—
0—
ns
Read command hold time to
CAS
t
RCH
0—
0—
0—
ns
12
Read command hold time to
RAS
t
RRH
0—
0—
0—
ns
12
Column address to
RAS lead time
t
RAL
25
30
35
ns
Column address to
CAS lead time
t
CAL
25
30
35
ns
CAS to output in low-Z
t
CLZ
0—
0—
0—
ns
Output data hold time
t
OH
3—
3—
3—
ns
Output data hold time from
OE
t
OHO
3—
3—
3—
ns
Output buffer turn-off time
t
OFF
—13
15
—15
ns
13
Output buffer turn-off to
OE
t
OEZ
—13
15
—15
ns
13
CAS to Din delay time
t
CDD
13
15
18
ns
5
Write Cycle
HM51W16400/HM51W17400
-5
-6
-7
Parameter
Symbol
Min
Max
Min
Max
Min
Max
Unit
Notes
Write command setup time
t
WCS
0—
0—
0—
ns
14
Write command hold time
t
WCH
8
10
15
ns
Write command pulse width
t
WP
8
10
10
ns
Write command to
RAS lead time
t
RWL
13
15
18
ns
Write command to
CAS lead time
t
CWL
13
15
18
ns
Data-in setup time
t
DS
0—
0—
0—
ns
15
Data-in hold time
t
DH
8
10
15
ns
15


Similar Part No. - HM51W16400LTS-5

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
HM51W16405 ELPIDA-HM51W16405 Datasheet
625Kb / 35P
   16 M EDO DRAM (4-Mword 쨈 4-bit) 4 k Refresh/2 k Refresh
HM51W16405LS-5 ELPIDA-HM51W16405LS-5 Datasheet
625Kb / 35P
   16 M EDO DRAM (4-Mword 쨈 4-bit) 4 k Refresh/2 k Refresh
HM51W16405LS-6 ELPIDA-HM51W16405LS-6 Datasheet
625Kb / 35P
   16 M EDO DRAM (4-Mword 쨈 4-bit) 4 k Refresh/2 k Refresh
HM51W16405LS-7 ELPIDA-HM51W16405LS-7 Datasheet
625Kb / 35P
   16 M EDO DRAM (4-Mword 쨈 4-bit) 4 k Refresh/2 k Refresh
HM51W16405LTS-5 ELPIDA-HM51W16405LTS-5 Datasheet
625Kb / 35P
   16 M EDO DRAM (4-Mword 쨈 4-bit) 4 k Refresh/2 k Refresh
More results

Similar Description - HM51W16400LTS-5

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HM5116400 HITACHI-HM5116400 Datasheet
273Kb / 33P
   4,194,304 - WORD X 4-BIT DYNAMIC RAM
logo
Toshiba Semiconductor
TC5116400BSJ TOSHIBA-TC5116400BSJ Datasheet
442Kb / 8P
   4,194,304 WORD X 4 BIT DYNAMIC RAM
TC5116400J TOSHIBA-TC5116400J Datasheet
1Mb / 25P
   4,194,304 WORD X 4 BIT DYNAMIC RAM
TC5117400BSJ TOSHIBA-TC5117400BSJ Datasheet
1Mb / 21P
   4,194,304 WORD X 4 BIT DYNAMIC RAM
TC514100AP TOSHIBA-TC514100AP Datasheet
635Kb / 21P
   4,194,304 WORD x BIT DYNAMIC RAM
TC514100APL TOSHIBA-TC514100APL Datasheet
632Kb / 21P
   4,194,304 WORD x BIT DYNAMIC RAM
TC514101AP TOSHIBA-TC514101AP Datasheet
721Kb / 23P
   4,194,304 WORD x 1 BIT DYNAMIC RAM
logo
List of Unclassifed Man...
TC514100J-10 ETC-TC514100J-10 Datasheet
647Kb / 24P
   4,194,304 WORD X 1 BIT DYNAMIC RAM
logo
Toshiba Semiconductor
TC5141001 TOSHIBA-TC5141001 Datasheet
647Kb / 24P
   4,194,304 WORD x 1 BIT DYNAMIC RAM
logo
OKI electronic componet...
MD56V62400 OKI-MD56V62400 Datasheet
303Kb / 28P
   4-Bank x 4,194,304-Word x 4-Bit SYNCHRONOUS DYNAMIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com