Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BQ2083-V1P2 Datasheet(PDF) 4 Page - Texas Instruments

Part No. BQ2083-V1P2
Description  SBS-COMPLIANT GAS GAUGE IC FOR USE WITH THE bp29311
Download  55 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [Texas Instruments]
Homepage  http://www.ti.com
Logo 

BQ2083-V1P2 Datasheet(HTML) 4 Page - Texas Instruments

 
Zoom Inzoom in Zoom Outzoom out
 4 / 55 page
background image
bq2083-V1P2
SLUS573 − JULY 2003
www.ti.com
4
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range unless otherwise noted(1)
UNIT
Supply voltage range, VDD relative to VSS(2)
−0.3 V to 6 V
Open-drain I/O pins, V(IOD) relative to VSS(2)
−0.3 V to 6 V
Input voltage range to all other pins, VI relative to VSS(2)
−0.3 V to VDD + 0.3 V
HBM
1.5 kV
ESDS Rating
CDM
1.5 kV
ESDS Rating
MM
50 V
Operating free-air temperature range, TA
−20
°C to 85°C
Storage temperature range, Tstg
−65
°C to 150°C
(1) Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2) VSS refers to the common node of V(SSA), V(SSD), and V(SSP).
ELECTRICAL CHARACTERISTICS
VDD = 3.0 V to 3.6 V, TA = −20°C to 85°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VDD
Supply voltage
VDDA and VDDD
3.0
3.3
3.6
V
IDD
Operating current
No flash programming
450
µA
V(OLS)
Output voltage low: (LED1−LED5)
I(OLS) = 10 mA
0.4
V
VIL
Input voltage low DISP
−0.3
0.8
V
VIH
Input voltage high DISP
2
VCC + 0.3
V
VOL
Output voltage low SMBC, SMBD, SDATA, SCLK,
EVENT, SAFE
IOL = 10 mA
0.4
V
V(ILS)
Input voltage low SMBC, SMBD, SDATA, SCLK,
EVENT, SAFE
−0.3
0.8
V
V(IHS)
Input voltage high SMBC, SMBD, SDATA, SCLK,
EVENT, SAFE
1.7
6
V
V(AI)
Input voltage range VIN, TS, OC
VSS − 0.3
1.0
V
Z(AI1)
Input impedance SR1, SR2
0 V–1.0 V
10
M
Z(AI2)
Input impedance VIN, TS, OC
0 V–1.0 V
8
M
Power-On Reset (see Figure 1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIT−
Negative-going voltage input
2.1
2.3
2.5
V
Vhys
Power-on reset hysteresis
50
125
210
mV


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn