Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ARM720T Datasheet(PDF) 100 Page - List of Unclassifed Manufacturers

Part # ARM720T
Description  General-purpose 32-bit Microprocessor with 8KB cache, enlarged Write buffer, and Memory Management Unit (MMU) combined in a single chip
Download  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ARM720T Datasheet(HTML) 100 Page - List of Unclassifed Manufacturers

Back Button ARM720T Datasheet HTML 96Page - List of Unclassifed Manufacturers ARM720T Datasheet HTML 97Page - List of Unclassifed Manufacturers ARM720T Datasheet HTML 98Page - List of Unclassifed Manufacturers ARM720T Datasheet HTML 99Page - List of Unclassifed Manufacturers ARM720T Datasheet HTML 100Page - List of Unclassifed Manufacturers ARM720T Datasheet HTML 101Page - List of Unclassifed Manufacturers ARM720T Datasheet HTML 102Page - List of Unclassifed Manufacturers ARM720T Datasheet HTML 103Page - List of Unclassifed Manufacturers ARM720T Datasheet HTML 104Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 242 page
background image
Memory Management Unit
6-18
Copyright © ARM Limited 1997, 1998, 2000. All rights reserved.
ARM DDI 0192A
6.11 MMU faults and CPU aborts
The MMU generates four types of faults:
alignment fault
translation fault
domain fault
permission fault.
In addition, an external abort can be raised on external data access.
The access control mechanisms of the MMU detect the conditions that produce these
faults. If a fault is detected as the result of a memory access, the MMU aborts the access
and signals the fault condition to the CPU. The MMU is also capable of retaining status
and address information about the abort. The CPU recognizes two types of abort that
are treated differently by the MMU:
Data Aborts
Prefetch Aborts.
If the MMU detects an access violation, it does so before the external memory access
takes place, and it therefore inhibits the access. External aborts do not necessarily
inhibit the external access, as described in External aborts on page 6-25.
If the ARM720T is operating in fastbus mode an internally aborting access can cause
the address on the external address bus to change, even though the external bus cycle
has been canceled. The address that is placed on the bus is the translation of the address
that caused the abort, though in the case of a translation fault the value of this address
is undefined. No memory access is performed to this address.


Similar Part No. - ARM720T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ARM7 PHILIPS-ARM7 Datasheet
193Kb / 38P
   Single-chip 16-bit/32-bit microcontrollers; up to 512 kB flash with ISP/IAP, USB 2.0 full-speed device, 10-bit ADC and DAC
Rev. 01-3 October 2005
logo
List of Unclassifed Man...
ARM7TDMI ETC-ARM7TDMI Datasheet
1Mb / 268P
   general purpose 32-bit microprocessors
logo
ATMEL Corporation
ARM7TDMI ATMEL-ARM7TDMI Datasheet
1Mb / 284P
   Technical Reference Manual
ARM7TDMI ATMEL-ARM7TDMI_14 Datasheet
1Mb / 284P
   Technical Reference Manual
logo
List of Unclassifed Man...
ARM7TDMI_G ETC2-ARM7TDMI_G Datasheet
1Mb / 284P
   Technical Reference Manual
More results

Similar Description - ARM720T

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
80960MC INTEL-80960MC Datasheet
406Kb / 39P
   EMBEDDED 32-BIT MICROPROCESSOR WITH INTEGRATED FLOATING-POINT UNIT AND MEMORY MANAGEMENT UNIT
logo
List of Unclassifed Man...
N3292X ETC2-N3292X Datasheet
197Kb / 8P
   ARM926EJ-S 32-bit RISC CPU with 8KB I-Cache & 8KB D-Cache
logo
Intel Corporation
NG80386DX33 INTEL-NG80386DX33 Datasheet
1Mb / 139P
   32-BIT CHMOS MICROPROCESSOR WITH INTEGRATED MEMORY MANAGEMENT
logo
Motorola, Inc
MC68851 MOTOROLA-MC68851 Datasheet
1Mb / 47P
   32-Bit Paged Memory Management Unit
logo
Zarlink Semiconductor I...
P610ARM-B ZARLINK-P610ARM-B Datasheet
897Kb / 173P
   General purpose 32-bit microprocessor
logo
List of Unclassifed Man...
ET9000 ETC2-ET9000 Datasheet
2Mb / 46P
   486 WRITE BACK CACHE "AT" SINGLE CHIP
logo
Intersil Corporation
80C286 INTERSIL-80C286 Datasheet
365Kb / 13P
   High Performance Microprocessor with Memory Management and Protection
March 1997
logo
Advanced Micro Devices
80286 AMD-80286 Datasheet
3Mb / 62P
   HIGH PERFORMANCE MICROPROCESSOR WITH MEMORY MANAGEMENT AND PROTECTION
logo
Renesas Technology Corp
80C286 RENESAS-80C286 Datasheet
2Mb / 65P
   High Performance Microprocessor with Memory Management and Protection
logo
Intersil Corporation
80C286883 INTERSIL-80C286883 Datasheet
508Kb / 13P
   High Performance Microprocessor with Memory Management and Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com