Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AN6531 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part No. AN6531
Description  4-pin variable positive output voltage regulator
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PANASONIC [Panasonic Semiconductor]
Homepage  http://www.panasonic.com/industrial/
Logo 

AN6531 Datasheet(HTML) 2 Page - Panasonic Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
AN6531
Voltage Regulators
2
I Absolute Maximum Ratings at Ta = 25°C
I Electrical Characteristics at T
a
= 25°C
VCC
ICC *
PD
Topr
Tstg
V
A
W
°C
°C
Parameter
Symbol
Rating
Unit
40
1.5
7.5
−20 to +75
−55 to +150
Supply voltage
Supply current
Power dissipation
Operating ambient temperature
Storage temperature
*
The internal circuit is provided with a current limiting circuit.
Parameter
Symbol
Conditions
Min
Typ
Max
Output voltage tolerance
VO
4%
VI
= VO+3V to VO+15V,
IO
= 5 to 350mA, Tj = 25°C
%
VO
= 5V, IO = 200mA,
VI
= 7.5 to 25V, Tj = 25°C
Line regulation
REGIN
0.75
%
VO
= 18V, IO = 5mA,
VI
= 21 to 33V, Tj = 25°C
%
VO
= 18V, IO = 200mA,
VI
= 21 to 25V, Tj = 25°C
mA
Tj
= 25°C
Bias current
IBias
µA
1
Tj
= 25°C
Note 1) The specified condition Tj
= 25°C means that the test should be carried out within so short a test time (within 10ms) that the
characteristic value drift due to the chip junction temperature rise can be ignored.
Note 2) Unless otherwise specified, VI
= 10V, VO = 5V, IO = 350mA, CI = 0.33µF, CO = 0.1µF
Control pin current
Icont
dB
80
VI
= 8 to 18V, VO = 5V, f = 120Hz
Ripple rejection ratio
RR
µV
Output noise voltage
Vno
V
2
VO
= 5V, f = 10Hz to 100kHz
Minimum input/output voltage difference
VDIF(min)
mA
50
IO
= 500mA, Tj = 25°C
600
1.4
0.67
1
5
8
62
Output short-circuit current
IOS
VI
= 35V, VO = 5V, Tj = 25°C
A
1
VO
= 5V, Tj = 25°C
Peak output current
IOP
mV/
°C
0.5
Output voltage temperature coefficient
∆VO/Ta
V
5
VO
= 5V
Control pin voltage
Vcont
Tj
= 25°C
5.2
3
VO
= 5V, VI = 12V,
IO
= 5 to 500mA, Tj = 25°C
Load regulation
REGL
%
1
40
4.8
0.4
Tj
= −55 to +25°C
− 0.5
IO
= 5mA
Tj
= 25 to 150°C
Unit


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn