Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3407 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC3407
Description  Dual Synchronous, 600mA, 1.5MHz Step-Down DC/DC Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3407 Datasheet(HTML) 1 Page - Linear Technology

  LTC3407 Datasheet HTML 1Page - Linear Technology LTC3407 Datasheet HTML 2Page - Linear Technology LTC3407 Datasheet HTML 3Page - Linear Technology LTC3407 Datasheet HTML 4Page - Linear Technology LTC3407 Datasheet HTML 5Page - Linear Technology LTC3407 Datasheet HTML 6Page - Linear Technology LTC3407 Datasheet HTML 7Page - Linear Technology LTC3407 Datasheet HTML 8Page - Linear Technology LTC3407 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LTC3407
1
sn3407 3407fs
APPLICATIO S
FEATURES
TYPICAL APPLICATIO
DESCRIPTIO
PDAs/Palmtop PCs
Digital Cameras
Cellular Phones
Portable Media Players
PC Cards
Wireless and DSL Modems
High Efficiency: Up to 96%
Very Low Quiescent Current: Only 40µA
1.5MHz Constant Frequency Operation
High Switch Current: 1A on Each Channel
No Schottky Diodes Required
Low RDS(ON) Internal Switches: 0.35Ω
Current Mode Operation for Excellent Line
and Load Transient Response
Short-Circuit Protected
Low Dropout Operation: 100% Duty Cycle
Ultralow Shutdown Current: IQ < 1µA
Output Voltages from 5V down to 0.6V
Power-On Reset Output
Externally Synchronizable Oscillator
Small Thermally Enhanced MSOP and 3mm × 3mm
DFN Packages
Dual Synchronous, 600mA,
1.5MHz Step-Down
DC/DC Regulator
The LTC
®3407 is a dual, constant frequency, synchronous
step down DC/DC converter. Intended for low power
applications, it operates from 2.5V to 5.5V input voltage
range and has a constant 1.5MHz switching frequency,
allowing the use of tiny, low cost capacitors and inductors
2mm or less in height. Each output voltage is adjustable
from 0.6V to 5V. Internal synchronous 0.35Ω, 1A power
switches provide high efficiency without the need for
external Schottky diodes.
A user selectable mode input is provided to allow the user
to trade-off ripple noise for low power efficiency. Burst
Mode
® operation provides high efficiency at light loads,
while Pulse Skip Mode provides low ripple noise at light
loads.
To further maximize battery life, the P-channel MOSFETs
are turned on continuously in dropout (100% duty cycle),
and both channels draw a total quiescent current of only
40µA. In shutdown, the device draws <1µA.
, LTC and LT are registered trademarks of Linear Technology Corporation.
Burst Mode is a registered trademark of Linear Technology Corporation.
LTC3407 Efficiency Curve
Figure 1. 2.5V/1.8V at 600mA Step-Down Regulators
RUN2
VIN
VIN = 2.5V
TO 5.5V
VOUT2 = 2.5V
AT 600mA
VOUT1 = 1.8V
AT 600mA
RUN1
POR
SW1
VFB1
GND
VFB2
SW2
MODE/SYNC
LTC3407
C1
10µF
R5
100k
RESET
C4, 22pF
C5, 22pF
L1
2.2µH
L2
2.2µH
R4
887k
R2
887k
R1
442k
R3
280k
C3
10µF
C2
10µF
3407 TA01
C1, C2, C3: TAIYO YUDEN JMK316BJ106ML
L1, L2: MURATA LQH32CN2R2M33
LOAD CURRENT (mA)
1
100
95
90
85
80
75
70
65
60
10
100
1000
3407 TA02
VIN = 3.3V
Burst Mode OPERATION
NO LOAD ON OTHER CHANNEL
2.5V
1.8V


Similar Part No. - LTC3407

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3407 LINER-LTC3407 Datasheet
350Kb / 30P
   Monolithic Dual Tracking 2A Step-Down Switching
LTC3407 LINER-LTC3407 Datasheet
210Kb / 20P
   2.5A, 10V, Monolithic Synchronous Step-Down Regulator
LTC3407 LINER-LTC3407 Datasheet
210Kb / 20P
   2.5A, 10V, Monolithic Synchronous Step-Down Regulator
logo
Linear Integrated Syste...
LTC3407 LINEAR-LTC3407 Datasheet
205Kb / 16P
   Dual Synchronous, 600mA, 1.5MHz Step-Down DC/DC Regulator
logo
Linear Technology
LTC3407-2 LINER-LTC3407-2 Datasheet
219Kb / 16P
   Dual Synchronous, 800mA, 2.25MHz Step-Down DC/DC Regulator
More results

Similar Description - LTC3407

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3407A LINER-LTC3407A_15 Datasheet
294Kb / 16P
   Dual Synchronous 600mA, 1.5MHz Step-Down DC/DC Regulator
LTC3407A LINER-LTC3407A Datasheet
282Kb / 16P
   Dual Synchronous 600mA, 1.5MHz Step-Down DC/DC Regulator
LTC3407 LINER-LTC3407_15 Datasheet
224Kb / 16P
   Dual Synchronous, 600mA, 1.5MHz Step-Down DC/DC Regulator
logo
Linear Integrated Syste...
LTC3407AIDD LINEAR-LTC3407AIDD Datasheet
205Kb / 16P
   Dual Synchronous, 600mA, 1.5MHz Step-Down DC/DC Regulator
logo
Analog Microelectronics
AME5252 AME-AME5252 Datasheet
158Kb / 18P
   Dual Synchronous, 600mA, 1.5MHz Step-Down DC/DC Converter
logo
ams AG
AS1324 AMSCO-AS1324 Datasheet
910Kb / 20P
   1.5MHz, 600mA, DC/DC Step-Down Regulator
logo
Union Semiconductor, In...
UM3500 UNIONSEMI-UM3500 Datasheet
368Kb / 11P
   600mA, 1.5MHz, Synchronous Step-Down DC-DC Converter
UM3500 UNIONSEMI-UM3500_16 Datasheet
450Kb / 11P
   600mA, 1.5MHz, Synchronous Step-Down DC-DC Converter
logo
Champion Microelectroni...
CM3706 CHAMP-CM3706 Datasheet
391Kb / 11P
   1.5MHz, 600mA Synchronous Step-Down Regulator
logo
Feeling Technology Corp...
FP6160B FEELING-FP6160B Datasheet
422Kb / 14P
   1.5MHz, 600mA Synchronous Step-Down Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com