Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BU1506DX Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BU1506DX
Description  Silicon Diffused Power Transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BU1506DX Datasheet(HTML) 3 Page - NXP Semiconductors

  BU1506DX Datasheet HTML 1Page - NXP Semiconductors BU1506DX Datasheet HTML 2Page - NXP Semiconductors BU1506DX Datasheet HTML 3Page - NXP Semiconductors BU1506DX Datasheet HTML 4Page - NXP Semiconductors BU1506DX Datasheet HTML 5Page - NXP Semiconductors BU1506DX Datasheet HTML 6Page - NXP Semiconductors BU1506DX Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Philips Semiconductors
Product specification
Silicon Diffused Power Transistor
BU1506DX
Fig.1. Switching times waveforms.
Fig.2. Switching times definitions.
Fig.3. Switching times test circuit.
Fig.4. Typical DC current gain. h
FE = f (IC)
parameter V
CE
Fig.5. Typical base-emitter saturation voltage.
V
BEsat = f (IC); parameter IC/IB
Fig.6. Typical collector-emitter saturation voltage.
V
CEsat = f (IC); parameter IC/IB
IC
IB
VCE
ICsat
IBend
64us
26us
20us
t
t
t
TRANSISTOR
DIODE
0.01
1
100
10
1
10
0.1
Tj = 25 C
Tj = 125 C
h FE
IC / A
5V
1V
ICsat
90 %
10 %
tf
ts
IBend
IC
IB
t
t
- IBM
0.1
1
10
1.2
1.1
1
0.9
0.8
0.7
0.6
0.5
0.4
Tj = 25 C
Tj = 125 C
VBESAT / V
IC / A
IC/IB =
3
4
5
+ 150 v nominal
adjust for ICsat
Lc
Cfb
D.U.T.
LB
IBend
-VBB
Rbe
0.1
1
10
1
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
Tj = 25 C
Tj = 125 C
VCESAT / V
IC / A
IC/IB =
5
4
3
September 1997
3
Rev 1.300


Similar Part No. - BU1506DX

ManufacturerPart #DatasheetDescription
logo
Savantic, Inc.
BU1506DX SAVANTIC-BU1506DX Datasheet
205Kb / 3P
   Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
BU1506DX ISC-BU1506DX Datasheet
129Kb / 3P
   Silicon NPN Power Transistors
logo
Savantic, Inc.
BU1506DX SAVANTIC-BU1506DX Datasheet
207Kb / 3P
   Silicon NPN Power Transistors
More results

Similar Description - BU1506DX

ManufacturerPart #DatasheetDescription
logo
Wing Shing Computer Com...
2SD1577 WINGS-2SD1577 Datasheet
138Kb / 1P
   Silicon Diffused Power Transistor
logo
NXP Semiconductors
BU2508DF PHILIPS-BU2508DF Datasheet
71Kb / 7P
   Silicon Diffused Power Transistor
July 1998-Rev 1.600
logo
Wing Shing Computer Com...
S2005A WINGS-S2005A Datasheet
95Kb / 1P
   SILICON DIFFUSED POWER TRANSISTOR
logo
NXP Semiconductors
BU2522DX PHILIPS-BU2522DX Datasheet
80Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2523DX PHILIPS-BU2523DX Datasheet
69Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2525AW PHILIPS-BU2525AW Datasheet
74Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.100
BU2525DF PHILIPS-BU2525DF Datasheet
71Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2527AF PHILIPS-BU2527AF Datasheet
70Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2527DF PHILIPS-BU2527DF Datasheet
81Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2527DX PHILIPS-BU2527DX Datasheet
83Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2530AL PHILIPS-BU2530AL Datasheet
65Kb / 6P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com