Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HAT2240C Datasheet(PDF) 5 Page - Renesas Technology Corp

Part No. HAT2240C
Description  Silicon N Channel MOS FET Power Switching
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RENESAS [Renesas Technology Corp]
Homepage  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HAT2240C Datasheet(HTML) 5 Page - Renesas Technology Corp

  HAT2240C Datasheet HTML 1Page - Renesas Technology Corp HAT2240C Datasheet HTML 2Page - Renesas Technology Corp HAT2240C Datasheet HTML 3Page - Renesas Technology Corp HAT2240C Datasheet HTML 4Page - Renesas Technology Corp HAT2240C Datasheet HTML 5Page - Renesas Technology Corp HAT2240C Datasheet HTML 6Page - Renesas Technology Corp HAT2240C Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
HAT2240C
R07DS1184EJ0500 Rev.5.00
Page 5 of 6
Mar 19, 2014
Vin Monitor
D.U.T.
Vin
4.5 V
RL
VDD
= 10 V
tr
td(on)
Vin
90%
90%
10%
10%
Vout
td(off)
Vout
Monitor
4.7 Ω
90%
10%
tf
Switching Time Test Circuit
Waveform


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn