Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTB48560AAS Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # PTB48560AAS
Description  30-W, 48-V INPUT DC/DC CONVERTERS WITH AUTO-TRACK TM SEQUENCING
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTB48560AAS Datasheet(HTML) 11 Page - Texas Instruments

Back Button PTB48560AAS Datasheet HTML 7Page - Texas Instruments PTB48560AAS Datasheet HTML 8Page - Texas Instruments PTB48560AAS Datasheet HTML 9Page - Texas Instruments PTB48560AAS Datasheet HTML 10Page - Texas Instruments PTB48560AAS Datasheet HTML 11Page - Texas Instruments PTB48560AAS Datasheet HTML 12Page - Texas Instruments PTB48560AAS Datasheet HTML 13Page - Texas Instruments PTB48560AAS Datasheet HTML 14Page - Texas Instruments PTB48560AAS Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
www.ti.com
APPLICATION INFORMATION
Operating Features and System Considerations for the PTB48560x DC/DC Converters
Primary-Secondary Isolation
Undervoltage Lockout
Soft-Start Power Up
UVLO Threshold
t - Time = 5 ms/div
I (0.5 A/div)
I
V (5 V/div)
O
tdelay
V (20 V/div)
I
Overcurrent Protection
PTB48560A, PTB48560B
PTB48560C
SLTS236A–MARCH 2005–REVISED OCTOBER 2005
These converters incorporate electrical isolation between the input terminals (primary) and the output terminals
(secondary). All converters are tested to a withstand voltage of 1500 VDC. This complies with UL/cUL 60950 and
EN 60950 and the requirements for functional isolation. It allows the converter to be configured for either a
positive or negative input voltage source. The data sheet Terminal Functions table provides guidance as to the
correct reference that must be used for the external control signals.
The undervoltage lockout (UVLO) is designed to prevent the operation of the converter until the input voltage is
close to the minimum operating voltage. The converter is held off when the input voltage is below the UVLO
threshold, and turns on when the input voltage rises above the threshold. This prevents high start-up current
during normal power up of the converter, and minimizes the current drain from the input source during low input
voltage conditions. The converter meets full specifications when the minimum specified input voltage is reached.
The UVLO circuitry also overrides the operation of the PEN and NEN enable controls. Only when the input
voltage is above the UVLO threshold do these inputs become functional.
When the converter is first powered, the internal soft-start circuit limits how fast the output voltage can rise. The
soft-start circuit functions whenever the converter output is enabled from the PEN and NEN inputs, or when a
valid input source is first applied with the output enabled. It also functions on a recovery from a load fault,
overtemperature, or input overvoltage condition. The purpose of the soft-start feature is to limit the surge of
current drawn from the input source when the converter begins to operate. By limiting the rate at which the
output voltage rises, the magnitude of current required to charge up the load circuit capacitance is significantly
reduced.
Figure 13 shows the power-up characteristic of a PTB48560C converter. The output voltage is set to 12 V. The
soft-start circuit introduces a short time delay (typically 5-10 ms) before allowing the output to rise. The output
then progressively rises to the voltage set-point. The waveforms were recorded with a resistive load of 2.5 A.
Figure 13. Soft-Start Waveform
To protect against load faults, these converters incorporate output overcurrent protection. Applying a load to the
11


Similar Part No. - PTB48560AAS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTB48560A TI-PTB48560A_15 Datasheet
782Kb / 29P
[Old version datasheet]   30-W, 48-V INPUT DC/DC CONVERTERS WITH AUTO-TRACK??SEQUENCING
More results

Similar Description - PTB48560AAS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTB48560A TI-PTB48560A_15 Datasheet
782Kb / 29P
[Old version datasheet]   30-W, 48-V INPUT DC/DC CONVERTERS WITH AUTO-TRACK??SEQUENCING
PTB78560A TI-PTB78560A Datasheet
975Kb / 29P
[Old version datasheet]   30-W, 24-V/48-V INPUT DC/DC CONVERTERS WITH AUTO-TRACK SEQUENCING
PTB78560A TI-PTB78560A_15 Datasheet
592Kb / 27P
[Old version datasheet]   30-W, 24-V/48-V INPUT DC/DC CONVERTERS WITH AUTO-TRACK??SEQUENCING
PTB48520W TI1-PTB48520W Datasheet
433Kb / 18P
[Old version datasheet]   25-A, 48-V INPUT ISOLATED DC/DC CONVERTER WITH AUTO-TRACK??SEQUENCING
PT4560 TI-PT4560 Datasheet
243Kb / 10P
[Old version datasheet]   30-W 48-V Input Isolated DC/DC Converter
PT3322A TI-PT3322A Datasheet
184Kb / 9P
[Old version datasheet]   30-W 48-V Input Isolated DC/DC Converter
PT4562C TI-PT4562C Datasheet
436Kb / 12P
[Old version datasheet]   30-W 48-V Input Isolated DC/DC Converter
PTB78560A TI1-PTB78560A_16 Datasheet
653Kb / 27P
[Old version datasheet]   AUTO-TRACK??SEQUENCING
PT4582 TI-PT4582 Datasheet
181Kb / 9P
[Old version datasheet]   30-W 24/48-V Input Isolated DC/DC Converter
PT3400 TI-PT3400 Datasheet
284Kb / 13P
[Old version datasheet]   35-W 48-V Input Isolated DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com