Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTB48560AAH Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # PTB48560AAH
Description  30-W, 48-V INPUT DC/DC CONVERTERS WITH AUTO-TRACK TM SEQUENCING
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTB48560AAH Datasheet(HTML) 3 Page - Texas Instruments

  PTB48560AAH Datasheet HTML 1Page - Texas Instruments PTB48560AAH Datasheet HTML 2Page - Texas Instruments PTB48560AAH Datasheet HTML 3Page - Texas Instruments PTB48560AAH Datasheet HTML 4Page - Texas Instruments PTB48560AAH Datasheet HTML 5Page - Texas Instruments PTB48560AAH Datasheet HTML 6Page - Texas Instruments PTB48560AAH Datasheet HTML 7Page - Texas Instruments PTB48560AAH Datasheet HTML 8Page - Texas Instruments PTB48560AAH Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
PACKAGE SPECIFICATIONS
PTB48560A, PTB48560B
PTB48560C
SLTS236A–MARCH 2005–REVISED OCTOBER 2005
ORDERING INFORMATION
PTB48560 (Base Pt. Number)
Output Voltage Range
Part Number
DESCRIPTION
Pb – free and RoHS
Package Ref. (1)
Compatible
PTB48560AAH
Horizontal T/H
Yes
ERW
3.6 V to 5.5 V
PTB48560AAS
Standard SMD (2)
No
ERY
PTB48560AAZ
Optional SMD (3)
Yes
PTB48560BAH (4)
Horizontal T/H
Yes
ERW
1.8 V to 3.6 V
PTB48560BAS (4)
Standard SMD (2)
No
ERY
PTB48560BAZ (4)
Optional SMD (3)
Yes
PTB48560CAH
Horizontal T/H
Yes
ERW
9 V to o13.2 V
PTB48560CAS
Standard SMD (2)
No
ERY
PTB48560CAZ
Optional SMD (3)
Yes
(1) See the applicable package reference drawing for the dimensions and PC board layout.
(2) Standard option specifies 63/37, Sn/Pb pin solder material.
(3) Lead (Pb) – free option specifies Sn/Ag pin solder material.
(4) Includes an Auto-Track compatible output, VO Seq, which sequences with the Track control during power up.
PTB48560x
UNIT
Continuous
75
VI
Input Voltage
Surge, 1 s max
100(1)
V
V(Track)
Track input voltage
0toVO Bus+0.3
I(Track) max
Track input current
From external source
10 (2)
mA
TA 1
Operating temperature range
Over VI range
–40 to 85
Overtemperature protection
PCB temperature (near pin 1)
115
Surface temperature of module
PTB48560xAH
260(3)
T(WAVE)
Wave solder temperature
or pins (5 seconds)
°C
PTB48560xAS
235 (3)
Surface temperature of module
T(REFLOW)
Solder reflow temperature
or pins
PTB48560xAZ
260 (3)
Tstg
Storage temperature
–40 to 125
(1) The converter's internal protection circuitry may cause the output to turn off when the applied input voltage is greater than 75 V.
(2) When the Track input is fed from an external voltage source, the input current must be limited. A 2.74-kΩ value series resistor is
recommended.
(3) During solder reflow of SMD package version, do not elevate the module PCB, pins, or internal component temperatures this peak
temperature.
PTB48560x (Suffixes AH and AS)
Weight
13.6 grams
Flammability
Meets UL94V-O
Horizontal T/H (Suffix AH)
500 Gs (1)
Per Mil-STD-883D, Method 2002.3, 1 ms,
Mechanical shock
1/2 Sine, mounted
Horizontal SMD (Suffix AS)
250 G (1)
Horizontal T/H (Suffix AH)
20 G (1)
Mil-STD-883D, Method 2007.2, 20-2000 Hz,
Mechanical vibration
PCB mounted
Horizontal SMD (Suffix AS)
5 G (1)
(1) Qualification limit.
3


Similar Part No. - PTB48560AAH

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTB48560A TI-PTB48560A_15 Datasheet
782Kb / 29P
[Old version datasheet]   30-W, 48-V INPUT DC/DC CONVERTERS WITH AUTO-TRACK??SEQUENCING
More results

Similar Description - PTB48560AAH

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTB48560A TI-PTB48560A_15 Datasheet
782Kb / 29P
[Old version datasheet]   30-W, 48-V INPUT DC/DC CONVERTERS WITH AUTO-TRACK??SEQUENCING
PTB78560A TI-PTB78560A Datasheet
975Kb / 29P
[Old version datasheet]   30-W, 24-V/48-V INPUT DC/DC CONVERTERS WITH AUTO-TRACK SEQUENCING
PTB78560A TI-PTB78560A_15 Datasheet
592Kb / 27P
[Old version datasheet]   30-W, 24-V/48-V INPUT DC/DC CONVERTERS WITH AUTO-TRACK??SEQUENCING
PTB48520W TI1-PTB48520W Datasheet
433Kb / 18P
[Old version datasheet]   25-A, 48-V INPUT ISOLATED DC/DC CONVERTER WITH AUTO-TRACK??SEQUENCING
PT4560 TI-PT4560 Datasheet
243Kb / 10P
[Old version datasheet]   30-W 48-V Input Isolated DC/DC Converter
PT3322A TI-PT3322A Datasheet
184Kb / 9P
[Old version datasheet]   30-W 48-V Input Isolated DC/DC Converter
PT4562C TI-PT4562C Datasheet
436Kb / 12P
[Old version datasheet]   30-W 48-V Input Isolated DC/DC Converter
PTB78560A TI1-PTB78560A_16 Datasheet
653Kb / 27P
[Old version datasheet]   AUTO-TRACK??SEQUENCING
PT4582 TI-PT4582 Datasheet
181Kb / 9P
[Old version datasheet]   30-W 24/48-V Input Isolated DC/DC Converter
PT3400 TI-PT3400 Datasheet
284Kb / 13P
[Old version datasheet]   35-W 48-V Input Isolated DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com