Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTB48560A Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # PTB48560A
Description  30-W, 48-V INPUT DC/DC CONVERTERS WITH AUTO-TRACK TM SEQUENCING
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTB48560A Datasheet(HTML) 8 Page - Texas Instruments

Back Button PTB48560A Datasheet HTML 4Page - Texas Instruments PTB48560A Datasheet HTML 5Page - Texas Instruments PTB48560A Datasheet HTML 6Page - Texas Instruments PTB48560A Datasheet HTML 7Page - Texas Instruments PTB48560A Datasheet HTML 8Page - Texas Instruments PTB48560A Datasheet HTML 9Page - Texas Instruments PTB48560A Datasheet HTML 10Page - Texas Instruments PTB48560A Datasheet HTML 11Page - Texas Instruments PTB48560A Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
www.ti.com
TYPICAL CHARACTERISTICS
PTB48560B Characteristic Data (VO =3.3 V) (1)(2)
30
40
50
60
70
80
90
0
12345
67
8
I
- Output Current - A
O
V = 60 V
I
V = 48 V
I
V = 75 V
I
V = 36 V
I
01
23
4
5
67
8
0
10
20
30
40
50
I
- Output Current - A
O
60
V = 60 V
I
V = 36 V
I
V = 48 V
I
V = 75 V
I
0
1
2
02
6
4
I
- Output Current - A
O
8
V = 60 V
I
V = 48 V
I
13
5
7
3
4
5
6
7
V = 75 V
I
V = 36 V
I
20
30
40
50
60
70
80
90
02
4
8
IO − Output Current − A
6
400 LFM
200 LFM
100 LFM
Nat
conv
PTB48560A, PTB48560B
PTB48560C
SLTS236A–MARCH 2005–REVISED OCTOBER 2005
EFFICIENCY
OUTPUT VOLTAGE RIPPLE
vs
vs
OUTPUT CURRENT
OUTPUT CURRENT
Figure 1.
Figure 2.
POWER DISSIPATION
TEMPERATURE DERATING
vs
vs
OUTPUT CURRENT
OUTPUT CURRENT
Figure 3.
Figure 4.
(1) All data listed in Figure 1, Figure 2, and Figure 3 have been developed from actual products tested at 25°C. This data is considered
typical data for the dc-dc converter.
(2) The temperature derating curves represent operating conditions at which internal components are at or below manufacturer's maximum
rated operating temperature. Derating limits apply to modules soldered directly to a 100–mm × 100–mm, double-sided PCB with 2 oz.
copper. For surface mount packages, multiple vias (plated through holes) are required to add thermal paths around the power pins.
Please refer to the mechanical specification for more information. Applies to Figure 4.
8


Similar Part No. - PTB48560A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTB48560A TI-PTB48560A_15 Datasheet
782Kb / 29P
[Old version datasheet]   30-W, 48-V INPUT DC/DC CONVERTERS WITH AUTO-TRACK??SEQUENCING
More results

Similar Description - PTB48560A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTB48560A TI-PTB48560A_15 Datasheet
782Kb / 29P
[Old version datasheet]   30-W, 48-V INPUT DC/DC CONVERTERS WITH AUTO-TRACK??SEQUENCING
PTB78560A TI-PTB78560A Datasheet
975Kb / 29P
[Old version datasheet]   30-W, 24-V/48-V INPUT DC/DC CONVERTERS WITH AUTO-TRACK SEQUENCING
PTB78560A TI-PTB78560A_15 Datasheet
592Kb / 27P
[Old version datasheet]   30-W, 24-V/48-V INPUT DC/DC CONVERTERS WITH AUTO-TRACK??SEQUENCING
PTB48520W TI1-PTB48520W Datasheet
433Kb / 18P
[Old version datasheet]   25-A, 48-V INPUT ISOLATED DC/DC CONVERTER WITH AUTO-TRACK??SEQUENCING
PT4560 TI-PT4560 Datasheet
243Kb / 10P
[Old version datasheet]   30-W 48-V Input Isolated DC/DC Converter
PT3322A TI-PT3322A Datasheet
184Kb / 9P
[Old version datasheet]   30-W 48-V Input Isolated DC/DC Converter
PT4562C TI-PT4562C Datasheet
436Kb / 12P
[Old version datasheet]   30-W 48-V Input Isolated DC/DC Converter
PTB78560A TI1-PTB78560A_16 Datasheet
653Kb / 27P
[Old version datasheet]   AUTO-TRACK??SEQUENCING
PT4582 TI-PT4582 Datasheet
181Kb / 9P
[Old version datasheet]   30-W 24/48-V Input Isolated DC/DC Converter
PT3400 TI-PT3400 Datasheet
284Kb / 13P
[Old version datasheet]   35-W 48-V Input Isolated DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com