Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP8691ADG Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # SP8691ADG
Description  200MHz첨8/9/10/11
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SP8691ADG Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  SP8691ADG Datasheet HTML 1Page - List of Unclassifed Manufacturers SP8691ADG Datasheet HTML 2Page - List of Unclassifed Manufacturers SP8691ADG Datasheet HTML 3Page - List of Unclassifed Manufacturers SP8691ADG Datasheet HTML 4Page - List of Unclassifed Manufacturers SP8691ADG Datasheet HTML 5Page - List of Unclassifed Manufacturers SP8691ADG Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
6
SP8690/SP8691
HEADQUARTERS OPERATIONS
GEC PLESSEY SEMICONDUCTORS
Cheney Manor, Swindon,
Wiltshire SN2 2QW, United Kingdom.
Tel: (0793) 518000
Fax: (0793) 518411
GEC PLESSEY SEMICONDUCTORS
P.O. Box 660017
1500 Green Hills Road,
Scotts Valley, CA95067-0017
United States of America.
Tel (408) 438 2900
Fax: (408) 438 5576
CUSTOMER SERVICE CENTRES
G FRANCE & BENELUX Les Ulis Cedex Tel: (1) 64 46 23 45 Fax : (1) 64 46 06 07
G GERMANY Munich Tel: (089) 3609 06-0 Fax : (089) 3609 06-55
G ITALY Milan Tel: (02) 66040867 Fax: (02) 66040993
G JAPAN Tokyo Tel: (3) 5276-5501 Fax: (3) 5276-5510
G NORTH AMERICA Scotts Valley, USA Tel: (408) 438 2900 Fax: (408) 438 7023.
G SOUTH EAST ASIA Singapore Tel: (65) 3827708 Fax: (65) 3828872
G SWEDEN Stockholm Tel: 46 8 702 97 70 Fax: 46 8 640 47 36
G UK, EIRE, DENMARK, FINLAND & NORWAY
Swindon Tel: (0793) 518510 Fax : (0793) 518582
These are supported by Agents and Distributors in major countries world-wide.
© GEC Plessey Semiconductors 1994 Publication No. DS3647 Issue No. 1.2 March 1994
This publication is issued to provide information only which (unless agreed by the Company in writing) may not be used, applied or reproduced for any purpose nor form part of any order or contract nor to be regarded
as a representation relating to the products or services concerned. No warranty or guarantee express or implied is made regarding the capability, performance or suitability of any product or service. The Company
reserves the right to alter without prior knowledge the specification, design or price of any product or service. Information concerning possible methods of use is provided as a guide only and does not constitute
any guarantee that such methods of use will be satisfactory in a specific piece of equipment. It is the user's responsibility to fully determine the performance and suitability of any equipment using such information
and to ensure that any publication or data used is up to date and has not been superseded. These products are not suitable for use in any medical products whose failure to perform may result in significant injury
or death to the user. All products and materials are sold and services provided subject to the Company's conditions of sale, which are available on request.
PACKAGE DETAILS
Dimensions are shown thus: mm (in).
0·51 (0·02)
MIN
16 LEADS AT 2·54 (0·10)
NOM. SPACING
0·36/0·58
(0·014/0·23)
20·32 (0·800)
MAX
5·59/7·87
(0·220/0·310)
16-LEAD CERAMIC DIL – DG16
1
16
3·18/4·06
(0·125/0·160)
PIN 1 REF
NOTCH
0·20/0·36
(0·008/0·014)
7·62 (0·3)
NOM CTRS
5·08/(0·20)
MAX
1·14/1·65
(0·045/0·065)
SEATING PLANE
NOTES
1. Controlling dimensions are inches.
2. This package outline diagram is for guidance
only. Please contact your GPS Customer
Service Centre for further information.


Similar Part No. - SP8691ADG

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SP8695A ETC-SP8695A Datasheet
729Kb / 4P
   LOW POWER ECL COUNTER WITH BOTH ECL 10K AND TTL COMPATIBLE OUTPUTS
SP8695B ETC-SP8695B Datasheet
729Kb / 4P
   LOW POWER ECL COUNTER WITH BOTH ECL 10K AND TTL COMPATIBLE OUTPUTS
More results

Similar Description - SP8691ADG

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGB2010 TRIQUINT-TGB2010 Datasheet
283Kb / 7P
   6, 7, 8, 9, 10 & 11 GHz Filters
logo
Adels-Contact
157509 ADELS-157509 Datasheet
128Kb / 2P
   LEDtrack BU/11-9
158109 ADELS-158109 Datasheet
124Kb / 1P
   LEDtrack TAP/11-9 fix
logo
Zarlink Semiconductor I...
SP8647 ZARLINK-SP8647 Datasheet
271Kb / 7P
   250MHz 10/11
SP8643A ZARLINK-SP8643A Datasheet
1Mb / 5P
   350MHz 10/11
logo
Adels-Contact
158209 ADELS-158209 Datasheet
125Kb / 1P
   LEDtrack TAP/11-9 fly
logo
PHOENIX CONTACT
1670235 PHOENIX-1670235 Datasheet
57Kb / 3P
   Cover caps - Q-PROT 9/11
logo
HBH Microwave GmbH
HX5006 HBH-HX5006 Datasheet
67Kb / 3P
   9 - 11 GHz Double Balanced Mixer
logo
HARTING Technology Grou...
09-00-000-5061 HARTING-09-00-000-5061 Datasheet
448Kb / 2P
   REDUKTION M. O-RING PG 11-9
2021-10-01
logo
WOLFSPEED, INC.
CMPA801B030D1 WOLFSPEED-CMPA801B030D1 Datasheet
2Mb / 20P
   9 - 11 GHz, 40 W GaN HPA
Rev. 1.0, December 2021
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com