Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD6670FM Datasheet(PDF) 8 Page - Rohm

Part # BD6670FM
Description  3Phase spindle motor driver for CD-RW
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD6670FM Datasheet(HTML) 8 Page - Rohm

Back Button BD6670FM Datasheet HTML 4Page - Rohm BD6670FM Datasheet HTML 5Page - Rohm BD6670FM Datasheet HTML 6Page - Rohm BD6670FM Datasheet HTML 7Page - Rohm BD6670FM Datasheet HTML 8Page - Rohm BD6670FM Datasheet HTML 9Page - Rohm BD6670FM Datasheet HTML 10Page - Rohm BD6670FM Datasheet HTML 11Page - Rohm BD6670FM Datasheet HTML 12Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
BD6670FM
Motor driver ICs
8/17
Fig.6
12V
10k
5
5
EC / ECR : Torque control operating range
ECIN : Value of A1 and A2 at EC=ECR=1.65V
ECOfS
+ / − : EC voltage range that VM current
is 0A monitor VRNF1
0.01
µF
5
1.65V
5V
0.1
µF
100pF
V
5V
H1+
H2+
H3+
H1
H2
H3
0.5
A2
A1
Fig.7
12V
10k
5
GECL : Defining V1 as value of V at EC=1.2V
and V2 as value of V at EC=1.5V on
condition that GSW=0V,
GECL={(V1
−V2) / (1.5−1.2)} / 0.5
GECH : Defining V1 as value of V at EC=1.2V
and V2 as value of V at EC=1.5V on
condition that GSW=5V,
GECL={(V1
−V2) / (1.5−1.2)} / 0.5
GECM : Defining V1 as value of V at EC=1.2V
and V2 as value of V at EC=1.5V on
condition that GSW=open,
GECL={(V1
−V2) / (1.5−1.2)} / 0.5
0.01
µ
5
1.65V
5V
100pF
V
5V
H1+
H2+
H3+
H1
H2
H3
17V
0.5
5


Similar Part No. - BD6670FM

ManufacturerPart #DatasheetDescription
logo
Rohm
BD6671FM ROHM-BD6671FM Datasheet
292Kb / 6P
   3-Phase spindle motor driver
BD6671FM ROHM-BD6671FM Datasheet
537Kb / 18P
   1ch Spindle Motor Driver ICs
More results

Similar Description - BD6670FM

ManufacturerPart #DatasheetDescription
logo
Rohm
BD6669FV ROHM-BD6669FV Datasheet
213Kb / 17P
   3Phase spindle motor driver for CD-ROM
BD6665FM ROHM-BD6665FM Datasheet
218Kb / 2P
   Spindle motor driver IC for CD-ROM/RW
BD6609FV ROHM-BD6609FV Datasheet
76Kb / 2P
   Spindle Motor Driver for CD/MD
logo
Sanyo Semicon Device
LB1916 SANYO-LB1916 Datasheet
127Kb / 7P
   CD-ROM Spindle Motor Driver
logo
Rohm
BA6855AFM ROHM-BA6855AFM Datasheet
131Kb / 8P
   CD-ROM spindle motor driver
logo
Silan Microelectronics ...
SA5664 SILAN-SA5664 Datasheet
263Kb / 12P
   3-PHASE SPINDLE MOTOR DRIVER FOR CD-ROM
logo
Sanyo Semicon Device
LB11996 SANYO-LB11996 Datasheet
87Kb / 10P
   Three-Phase Brushless Motor Driver for CD-ROM Spindle Motor Driver
logo
Rohm
BD6922FV ROHM-BD6922FV Datasheet
390Kb / 6P
   Driver For 3Phase Blushless Motor
logo
Sanyo Semicon Device
LB1998 SANYO-LB1998 Datasheet
91Kb / 9P
   Three-Phase Brushless Motor Driver for CD-ROM Spindle Drive
LB11997H SANYO-LB11997H Datasheet
74Kb / 8P
   Three-Phase Brushless Motor Driver for CD-ROM Spindle Drive
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com