Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZXMC4A16DN8 Datasheet(PDF) 5 Page - Zetex Semiconductors

Part # ZXMC4A16DN8
Description  COMPLEMENTARY 40V ENHANCEMENT MODE MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXMC4A16DN8 Datasheet(HTML) 5 Page - Zetex Semiconductors

  ZXMC4A16DN8 Datasheet HTML 1Page - Zetex Semiconductors ZXMC4A16DN8 Datasheet HTML 2Page - Zetex Semiconductors ZXMC4A16DN8 Datasheet HTML 3Page - Zetex Semiconductors ZXMC4A16DN8 Datasheet HTML 4Page - Zetex Semiconductors ZXMC4A16DN8 Datasheet HTML 5Page - Zetex Semiconductors ZXMC4A16DN8 Datasheet HTML 6Page - Zetex Semiconductors ZXMC4A16DN8 Datasheet HTML 7Page - Zetex Semiconductors ZXMC4A16DN8 Datasheet HTML 8Page - Zetex Semiconductors ZXMC4A16DN8 Datasheet HTML 9Page - Zetex Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
ZXMC4A16DN8
SEMICO NDUC TORS
ISSUE 1 - NOVEMBER 2004
5
TYPICAL CHARACTERISTICS


Similar Part No. - ZXMC4A16DN8

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXMC4A16DN8 DIODES-ZXMC4A16DN8 Datasheet
192Kb / 10P
   COMPLEMENTARY 40V ENHANCEMENT MODE MOSFET
ZXMC4A16DN8 DIODES-ZXMC4A16DN8 Datasheet
192Kb / 10P
   COMPLEMENTARY 40V ENHANCEMENT MODE MOSFET
ZXMC4A16DN8TA DIODES-ZXMC4A16DN8TA Datasheet
192Kb / 10P
   COMPLEMENTARY 40V ENHANCEMENT MODE MOSFET
logo
VBsemi Electronics Co.,...
ZXMC4A16DN8TA VBSEMI-ZXMC4A16DN8TA Datasheet
2Mb / 14P
   N- and P-Channel 60-V (D-S) MOSFET
logo
Diodes Incorporated
ZXMC4A16DN8TC DIODES-ZXMC4A16DN8TC Datasheet
192Kb / 10P
   COMPLEMENTARY 40V ENHANCEMENT MODE MOSFET
More results

Similar Description - ZXMC4A16DN8

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXMC4A16DN8 DIODES-ZXMC4A16DN8 Datasheet
192Kb / 10P
   COMPLEMENTARY 40V ENHANCEMENT MODE MOSFET
ZXMC4A16DN8 DIODES-ZXMC4A16DN8_15 Datasheet
192Kb / 10P
   COMPLEMENTARY 40V ENHANCEMENT MODE MOSFET
logo
ACE Technology Co., LTD...
ACE1H004B ACE-ACE1H004B Datasheet
1Mb / 11P
   40V Complementary Enhancement Mode MOSFET
VER 1.2
logo
Diodes Incorporated
DMC4040SSD DIODES-DMC4040SSD_15 Datasheet
273Kb / 11P
   40V COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC4050SSD DIODES-DMC4050SSD_15 Datasheet
424Kb / 12P
   40V COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC4040SSD DIODES-DMC4040SSD Datasheet
273Kb / 11P
   40V COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC4028SSD DIODES-DMC4028SSD Datasheet
753Kb / 11P
   40V COMPLEMENTARY DUAL ENHANCEMENT MODE MOSFET
D35041 Rev: 1 - 2
DMC4050SSD-13 DIODES-DMC4050SSD-13 Datasheet
319Kb / 11P
   40V COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC4028SSD DIODES-DMC4028SSD_15 Datasheet
312Kb / 11P
   40V COMPLEMENTARY DUAL ENHANCEMENT MODE MOSFET
DMC4050SSDQ DIODES-DMC4050SSDQ Datasheet
450Kb / 12P
   40V COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com