Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MB90F362 Datasheet(PDF) 2 Page - Fujitsu Component Limited.

Part No. MB90F362
Description  16-bit Proprietary Microcontroller
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90F362 Datasheet(HTML) 2 Page - Fujitsu Component Limited.

  MB90F362 Datasheet HTML 1Page - Fujitsu Component Limited. MB90F362 Datasheet HTML 2Page - Fujitsu Component Limited. MB90F362 Datasheet HTML 3Page - Fujitsu Component Limited. MB90F362 Datasheet HTML 4Page - Fujitsu Component Limited. MB90F362 Datasheet HTML 5Page - Fujitsu Component Limited. MB90F362 Datasheet HTML 6Page - Fujitsu Component Limited. MB90F362 Datasheet HTML 7Page - Fujitsu Component Limited. MB90F362 Datasheet HTML 8Page - Fujitsu Component Limited. MB90F362 Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 59 page
background image
MB90360 Series
2
■ FEATURES
• Clock
• Built-in PLL clock frequency multiplication circuit
• Selection of machine clocks (PLL clocks) is allowed among frequency division by 2 on oscillation clock and
multiplication of 1 to 6 times of oscillation clock (for 4 MHz oscillation clock, 4 MHz to 24 MHz) .
• Operation by sub-clock (up to 50 kHz : 100 kHz oscillation clock divided two) is allowed (devices without S-
suffix only) .
• Minimum execution time of instruction : 42 ns (when operating with 4-MHz oscillation clock and 6-time multiplied
PLL clock) .
• Clock monitor function (MB90x367x only)
• Main clock or sub-clock is monitored independently
• Internal CR oscillation clock (100 kHz typical) can be used as sub-clock
• Instruction system best suited to controller
• 16 Mbytes CPU memory space
• 24-bit internal addressing
• Wide choice of data types (bit, byte, word, and long word)
• Wide choice of addressing modes (23 types)
• Enhanced multiply-divide instructions with sign and RETI instructions
• Enhanced high-precision computing with 32-bit accumulator
• Instruction system compatible with high-level language (C language) and multitask
• Employing system stack pointer
• Enhanced various pointer indirect instructions
• Barrel shift instructions
• Increased processing speed
• 4-byte instruction queue
• Powerful interrupt function
• Powerful 8-level, 34-condition interrupt feature
• Up to 8 channel external interrupts are supported
• Automatic data transfer function independent of CPU
• Expanded intelligent I/O service function (EI2OS) : up to 16 channels
• Low-power consumption (standby) mode
• Sleep mode (a mode that halts CPU operating clock)
• Main timer mode (timebase timer mode that is transferred from main clock mode)
• PLL timer mode (timebase timer mode that is transferred from PLL clock mode)
• Watch mode (a mode that operates sub-clock and watch timer only, devices without S-suffix)
• Stop mode (a mode that stops oscillation clock and sub-clock)
• CPU blocking operation mode
• Process
•CMOS technology
• I/O port
• General-purpose input/output port (CMOS output)
- 34 ports (devices without S-suffix)
- 36 ports (devices with S-suffix)
• Sub-clock pin (X0A and X1A)
• Provided (used for external oscillation), devices without S-suffix
• Not provided (used with internal CR oscillation in sub-clock mode) , devices with S-suffix
(Continued)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn