Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS2581L1 Datasheet(PDF) 1 Page - California Eastern Labs

Part # PS2581L1
Description  LONG CREEPAGE TYPE HIGH ISOLATION VOLTAGE 4-PIN PHOTOCOUPLER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS2581L1 Datasheet(HTML) 1 Page - California Eastern Labs

  PS2581L1 Datasheet HTML 1Page - California Eastern Labs PS2581L1 Datasheet HTML 2Page - California Eastern Labs PS2581L1 Datasheet HTML 3Page - California Eastern Labs PS2581L1 Datasheet HTML 4Page - California Eastern Labs PS2581L1 Datasheet HTML 5Page - California Eastern Labs PS2581L1 Datasheet HTML 6Page - California Eastern Labs PS2581L1 Datasheet HTML 7Page - California Eastern Labs PS2581L1 Datasheet HTML 8Page - California Eastern Labs PS2581L1 Datasheet HTML 9Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
PHOTOCOUPLER
PS2581L1,PS2581L2
LONG CREEPAGE TYPE HIGH ISOLATION VOLTAGE
4-PIN PHOTOCOUPLER
−NEPOC Series−
DESCRIPTION
The PS2581L1, PS2581L2 are optically coupled isolators containing a GaAs light emitting diode and an NPN
silicon phototransistor in a plastic DIP (Dual In-line Package).
Creepage distance and clearance of leads are over 8 millimeters.
The PS2581L2 is lead bending type (Gull-wing) for surface mounting.
FEATURES
• Long creepage and clearance distance (8 mm)
• High isolation voltage (BV = 5 000 Vr.m.s.)
• High collector to emitter voltage (VCEO = 80 V)
• High-speed switching (tr = 3
µs TYP., tf = 5 µs TYP.)
• High current transfer ratio (CTR = 200 % TYP.)
• UL approved: File No. E72422 (S)
• CSA approved: No. CA101391
• BSI approved: No. 8243/8244
• NEMKO approved: No. P97103006
• DEMKO approved: No. 307269
• SEMKO approved: No. 9741154/01
• FIMKO approved: No. 018277
• VDE0884 approved
ORDERING INFORMATION (Solder Contains Lead)
Part Number
Package
Safety Standard Approval
Application Part Number
*1
PS2581L1
4-pin DIP
UL, CSA, BSI, NEMKO, DEMKO,
PS2581L1
PS2581L2
4-pin DIP
(lead bending surface mount)
SEMKO, FIMKO, VDE approved
PS2581L2
PS2581L2-E3, E4
4-pin DIP taping
*1 As applying to Safety Standard, following part number should be used.
ORDERING INFORMATION (Pb-Free)
Part Number
Package
Safety Standard Approval
Application Part Number
*1
PS2581L1-A
4-pin DIP
UL, CSA, BSI, NEMKO, DEMKO,
PS2581L1
PS2581L2-A
4-pin DIP
(lead bending surface mount)
SEMKO, FIMKO, VDE approved
PS2581L2
PS2581L2-E3, E4-A
4-pin DIP taping
*1 As applying to Safety Standard, following part number should be used.
Document No. PN10239EJ01V0DS (1st edition)
(Previous No. P12809EJ2V0DS00)
Date Published February 2003 CP(K)
The mark
shows major revised points.


Similar Part No. - PS2581L1

ManufacturerPart #DatasheetDescription
logo
NEC
PS2581L1 NEC-PS2581L1 Datasheet
108Kb / 12P
   LONG CREEPAGE TYPE HIGH ISOLATION VOLTAGE 4-PIN PHOTOCOUPLER
logo
California Eastern Labs
PS2581L1 CEL-PS2581L1 Datasheet
270Kb / 14P
   LONG CREEPAGE TYPE HIGH ISOLATION VOLTAGE 4-PIN PHOTOCOUPLER
logo
Renesas Technology Corp
PS2581L1 RENESAS-PS2581L1 Datasheet
247Kb / 15P
   LONG CREEPAGE TYPE HIGH ISOLATION VOLTAGE 4-PIN PHOTOCOUPLER
logo
California Eastern Labs
PS2581L1-A CEL-PS2581L1-A Datasheet
270Kb / 14P
   LONG CREEPAGE TYPE HIGH ISOLATION VOLTAGE 4-PIN PHOTOCOUPLER
logo
Renesas Technology Corp
PS2581L1 RENESAS-PS2581L1_15 Datasheet
247Kb / 15P
   LONG CREEPAGE TYPE HIGH ISOLATION VOLTAGE 4-PIN PHOTOCOUPLER
More results

Similar Description - PS2581L1

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS2581L1 RENESAS-PS2581L1_15 Datasheet
247Kb / 15P
   LONG CREEPAGE TYPE HIGH ISOLATION VOLTAGE 4-PIN PHOTOCOUPLER
logo
NEC
PS2581L1 NEC-PS2581L1 Datasheet
108Kb / 12P
   LONG CREEPAGE TYPE HIGH ISOLATION VOLTAGE 4-PIN PHOTOCOUPLER
logo
California Eastern Labs
PS2581-1 CEL-PS2581-1 Datasheet
270Kb / 14P
   LONG CREEPAGE TYPE HIGH ISOLATION VOLTAGE 4-PIN PHOTOCOUPLER
logo
Renesas Technology Corp
PS2581AL1 RENESAS-PS2581AL1_15 Datasheet
258Kb / 15P
   LONG CREEPAGE HIGH ISOLATION VOLTAGE 4-PIN PHOTOCOUPLER
logo
List of Unclassifed Man...
PS2581AL1 ETC1-PS2581AL1 Datasheet
361Kb / 11P
   LONG CREEPAGE HIGH ISOLATION VOLTAGE 4-PIN PHOTOCOUPLER
logo
California Eastern Labs
PS2581AL1 CEL-PS2581AL1 Datasheet
849Kb / 13P
   LONG CREEPAGE HIGH ISOLATION VOLTAGE 4-PIN PHOTOCOUPLER
PS2653 CEL-PS2653 Datasheet
125Kb / 4P
   LONG CREEPAGE TYPE HIGH ISOLATION VOLTAGE 6 PIN OPTOCOUPLER
PS2651 CEL-PS2651 Datasheet
128Kb / 4P
   LONG CREEPAGE TYPE HIGH ISOLATION VOLTAGE 6 PIN OPTOCOUPLER
logo
NEC
PS2651 NEC-PS2651 Datasheet
124Kb / 4P
   LONG CREEPAGE TYPE HIGH ISOLATION VOLTAGE 6 PIN OPTOCOUPLER
logo
Everlight Electronics C...
EL101X-G EVERLIGHT-EL101X-G_17 Datasheet
1Mb / 12P
   4 PIN LONG CREEPAGE SOP PHOTOTRANSISTOR PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com