Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PIC16C505 Datasheet(PDF) 5 Page - Microchip Technology

Part No. PIC16C505
Description  14-Pin, 8-Bit CMOS Microcontroller
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C505 Datasheet(HTML) 5 Page - Microchip Technology

  PIC16C505 Datasheet HTML 1Page - Microchip Technology PIC16C505 Datasheet HTML 2Page - Microchip Technology PIC16C505 Datasheet HTML 3Page - Microchip Technology PIC16C505 Datasheet HTML 4Page - Microchip Technology PIC16C505 Datasheet HTML 5Page - Microchip Technology PIC16C505 Datasheet HTML 6Page - Microchip Technology PIC16C505 Datasheet HTML 7Page - Microchip Technology PIC16C505 Datasheet HTML 8Page - Microchip Technology PIC16C505 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 80 page
background image
© 1998 Microchip Technology Inc.
Preliminary
DS40192A-page 5
PIC16C505
2.0
PIC16C505 DEVICE VARIETIES
A
variety
of
packaging
options
are
available.
Depending
on
application
and
production
requirements, the proper device option can be
selected using the information in this section. When
placing orders, please use the PIC16C505 Product
Identification System at the back of this data sheet to
specify the correct part number.
2.1
UV Erasable Devices
The UV erasable version, offered in ceramic side
brazed package, is optimal for prototype development
and pilot programs.
The UV erasable version can be erased and
reprogrammed to any of the configuration modes.
Microchip's PICSTART® PLUS and PRO MATE® pro-
grammers all support programming of the PIC16C505.
Third party programmers also are available; refer to the
Microchip Third Party Guide for a list of sources.
2.2
One-Time-Programmable (OTP)
Devices
The availability of OTP devices is especially useful for
customers who need the flexibility for frequent code
updates or small volume applications.
The OTP devices, packaged in plastic packages permit
the user to program them once. In addition to the
program memory, the configuration bits must also be
programmed.
Note:
Please note that erasing the device will
also erase the pre-programmed internal
calibration value for the internal oscillator.
The calibration value must be saved prior
to erasing the part.
2.3
Quick-Turnaround-Production (QTP)
Devices
Microchip offers a QTP Programming Service for
factory production orders. This service is made
available for users who choose not to program a
medium to high quantity of units and whose code
patterns have stabilized. The devices are identical to
the OTP devices but with all EPROM locations and fuse
options already programmed by the factory. Certain
code and prototype verification procedures do apply
before production shipments are available. Please con-
tact your local Microchip Technology sales office for
more details.
2.4
Serialized Quick-Turnaround
Production (SQTPSM) Devices
Microchip offers a unique programming service where
a few user-defined locations in each device are
programmed with different serial numbers. The serial
numbers
may
be
random,
pseudo-random
or
sequential.
Serial programming allows each device to have a
unique number which can serve as an entry-code,
password or ID number.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
TMP87PM29U CMOS 8-Bit Microcontroller 1  2  3  4  5  More Toshiba Semiconductor
PIC16LV5X EPROM-Based 8-Bit CMOS Microcontroller Series 1  2  3  4  5  More Microchip Technology
TMP87C841N CMOS 8-BIT MICROCONTROLLER 1  2  3  4  5  More Toshiba Semiconductor
TMP88CP77F CMOS 8-BIT Microcontroller 1  2  3  4  5  More Toshiba Semiconductor
TMP87C844N CMOS 8-Bit Microcontroller 1  2  3  4  5  More Toshiba Semiconductor
P87LPC778 CMOS single-chip 8-bit 80C51 microcontroller 128-byte data RAM 8 kB OTP 1  2  3  4  5  More NXP Semiconductors
TMP86PM47AUG CMOS 8-Bit Microcontroller 1  2  3  4  5  More Toshiba Semiconductor
TMP86PM47U CMOS 8-Bit Microcontroller 1  2  3  4  5  More Toshiba Semiconductor
HM628128LP 131072-word x 8-bit High Speed CMOS Static RAM 1  2  3  4  5  More Hitachi Semiconductor
Z86E22 CMOS Z8 OTP MICROCONTROLLER 1  2  3  4  5  More Zilog, Inc.

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn