Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PIC16C505 Datasheet(PDF) 4 Page - Microchip Technology

Part No. PIC16C505
Description  14-Pin, 8-Bit CMOS Microcontroller
Download  80 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MICROCHIP [Microchip Technology]
Homepage  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C505 Datasheet(HTML) 4 Page - Microchip Technology

  PIC16C505 Datasheet HTML 1Page - Microchip Technology PIC16C505 Datasheet HTML 2Page - Microchip Technology PIC16C505 Datasheet HTML 3Page - Microchip Technology PIC16C505 Datasheet HTML 4Page - Microchip Technology PIC16C505 Datasheet HTML 5Page - Microchip Technology PIC16C505 Datasheet HTML 6Page - Microchip Technology PIC16C505 Datasheet HTML 7Page - Microchip Technology PIC16C505 Datasheet HTML 8Page - Microchip Technology PIC16C505 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 80 page
background image
PIC16C505
DS40192A-page 4
Preliminary
© 1998 Microchip Technology Inc.
TABLE 1-1:
PIC16C505 DEVICE
PIC16C505
Clock
Maximum Frequency
of Operation (MHz)
20
Memory
EPROM Program Memory
1024
Data Memory (bytes)
72
Peripherals
Timer Module(s)
TMR0
Wake-up from SLEEP on
pin change
Yes
Features
I/O Pins
11
Input Pins
1
Internal Pull-ups
Yes
In-Circuit Serial Programming
Yes
Number of Instructions
33
Packages
14-pin DIP, SOIC, JW
The PIC16C505 device has Power-on Reset, selectable Watchdog Timer, selectable code protect,
high I/O current capability and precision internal oscillator.
The PIC16C505 device uses serial programming with data pin RB0 and clock pin RB1.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TMP87PM29UCMOS 8-Bit Microcontroller 1 2 3 4 5 MoreToshiba Semiconductor
PIC16LV5XEPROM-Based 8-Bit CMOS Microcontroller Series 1 2 3 4 5 MoreMicrochip Technology
TMP87C841NCMOS 8-BIT MICROCONTROLLER 1 2 3 4 5 MoreToshiba Semiconductor
TMP88CP77FCMOS 8-BIT Microcontroller 1 2 3 4 5 MoreToshiba Semiconductor
TMP87C844NCMOS 8-Bit Microcontroller 1 2 3 4 5 MoreToshiba Semiconductor
P87LPC778CMOS single-chip 8-bit 80C51 microcontroller 128-byte data RAM 8 kB OTP 1 2 3 4 5 MoreNXP Semiconductors
TMP86PM47AUGCMOS 8-Bit Microcontroller 1 2 3 4 5 MoreToshiba Semiconductor
TMP86PM47UCMOS 8-Bit Microcontroller 1 2 3 4 5 MoreToshiba Semiconductor
HM628128LP131072-word x 8-bit High Speed CMOS Static RAM 1 2 3 4 5 MoreHitachi Semiconductor
Z86E22CMOS Z8 OTP MICROCONTROLLER 1 2 3 4 5 MoreZilog, Inc.

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn