Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PIC16C505 Datasheet(PDF) 32 Page - Microchip Technology

Part # PIC16C505
Description  14-Pin, 8-Bit CMOS Microcontroller
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C505 Datasheet(HTML) 32 Page - Microchip Technology

Back Button PIC16C505 Datasheet HTML 28Page - Microchip Technology PIC16C505 Datasheet HTML 29Page - Microchip Technology PIC16C505 Datasheet HTML 30Page - Microchip Technology PIC16C505 Datasheet HTML 31Page - Microchip Technology PIC16C505 Datasheet HTML 32Page - Microchip Technology PIC16C505 Datasheet HTML 33Page - Microchip Technology PIC16C505 Datasheet HTML 34Page - Microchip Technology PIC16C505 Datasheet HTML 35Page - Microchip Technology PIC16C505 Datasheet HTML 36Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 80 page
background image
PIC16C505
DS40192A-page 32
Preliminary
© 1998 Microchip Technology Inc.
7.3.1
MCLR ENABLE
This configuration bit when unprogrammed (left in the
‘1’ state) enables the external MCLR function. When
programmed, the MCLR function is tied to the internal
VDD, and the pin is assigned to be a I/O. See Figure 7-
7.
FIGURE 7-7:
MCLR SELECT
7.4
Power-On Reset (POR)
The PIC16C505 family incorporates on-chip Power-On
Reset (POR) circuitry which provides an internal chip
reset for most power-up situations.
A Power-on Reset pulse is generated on-chip when
VDD rise is detected (in the range of 2.3V - 2.8V). To
take advantage of the internal POR, program the RB3/
MCLR/VPP pin as MCLR and tie directly to VDD or pro-
gram the pin as RB3. An internal weak pull-up resistor
is implemented using a transistor. Refer to Table 10-6
for the pull-up resistor ranges. This will eliminate exter-
nal RC components usually needed to create a Power-
on Reset. A maximum rise time for VDD is specified.
See Electrical Specifications for details.
When the device starts normal operation (exits the
reset condition), device operating parameters (voltage,
frequency, temperature, ...) must be met to ensure
operation. If these conditions are not met, the device
must be held in reset until the operating parameters are
met.
A simplified block diagram of the on-chip Power-On
Reset circuit is shown in Figure 7-8.
RB3/MCLR/VPP
MCLRE
INTERNAL MCLR
WEAK
PULL-UP
RBWU
The Power-On Reset circuit and the Device Reset
Timer (Section 7.5) circuit are closely related. On
power-up, the reset latch is set and the DRT is reset.
The DRT timer begins counting once it detects MCLR
to be high. After the time-out period, which is typically
18 ms, it will reset the reset latch and thus end the on-
chip reset signal.
A power-up example where MCLR is held low is
shown in Figure 7-9. VDD is allowed to rise and
stabilize before bringing MCLR high. The chip will
actually come out of reset TDRT msec after MCLR
goes high.
In Figure 7-10, the on-chip Power-On Reset feature is
being used (MCLR and VDD are tied together or the
pin is programmed to be RB3.). The VDD is stable
before the start-up timer times out and there is no
problem in getting a proper reset. However, Figure 7-
11 depicts a problem situation where VDD rises too
slowly. The time between when the DRT senses that
MCLR is high and when MCLR (and VDD) actually
reach their full value, is too long. In this situation, when
the start-up timer times out, VDD has not reached the
VDD (min) value and the chip is, therefore, not
guaranteed to function correctly. For such situations,
we recommend that external RC circuits be used to
achieve longer POR delay times (Figure 7-10).
For additional information refer to Application Notes
Power-Up Considerations” - AN522 and “Power-up
Trouble Shooting” - AN607.
Note:
When the device starts normal operation
(exits the reset condition), device operat-
ing parameters (voltage, frequency, tem-
perature, etc.) must be meet to ensure
operation. If these conditions are not met,
the device must be held in reset until the
operating conditions are met.


Similar Part No. - PIC16C505

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16C50X MICROCHIP-PIC16C50X Datasheet
191Kb / 14P
   EPROM Memory Programming Specification
2001
More results

Similar Description - PIC16C505

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
P12C508 MICROCHIP-P12C508 Datasheet
526Kb / 84P
   8-Pin, 8-Bit CMOS Microcontroller
1996
PIC12F510 MICROCHIP-PIC12F510 Datasheet
1Mb / 114P
   8/14-Pin, 8-Bit Flash Microcontroller
2006
PIC12F510 MICROCHIP-PIC12F510_07 Datasheet
1Mb / 116P
   8/14-Pin, 8-Bit Flash Microcontroller
2007
PIC16F526 MICROCHIP-PIC16F526 Datasheet
1Mb / 122P
   14-Pin, 8-Bit Flash Microcontroller
2010
PIC12F529T39A MICROCHIP-PIC12F529T39A Datasheet
1Mb / 106P
   14-Pin, 8-Bit Flash Microcontroller
11/29/11
PIC16LF1614 MICROCHIP-PIC16LF1614 Datasheet
5Mb / 584P
   14/20-Pin, 8-Bit Flash Microcontroller
07/14/15
PIC16F872 MICROCHIP-PIC16F872 Datasheet
2Mb / 160P
   28-Pin, 8-Bit CMOS FLASH Microcontroller
1999
PIC12F615 MICROCHIP-PIC12F615_05 Datasheet
177Kb / 4P
   8/14-Pin, 8-Bit Flash Microcontroller Product Brief
2005
logo
Toshiba Semiconductor
TMP87CH34BN TOSHIBA-TMP87CH34BN Datasheet
7Mb / 138P
   CMOS 8-BIT MICROCONTROLLER
logo
Siemens Semiconductor G...
C509-L SIEMENS-C509-L Datasheet
1Mb / 74P
   8-Bit CMOS Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com