Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC12179 Datasheet(PDF) 4 Page - Motorola, Inc

Part # MC12179
Description  500 - 2800 MHz Single Channel Frequency Synthesizer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC12179 Datasheet(HTML) 4 Page - Motorola, Inc

  MC12179 Datasheet HTML 1Page - Motorola, Inc MC12179 Datasheet HTML 2Page - Motorola, Inc MC12179 Datasheet HTML 3Page - Motorola, Inc MC12179 Datasheet HTML 4Page - Motorola, Inc MC12179 Datasheet HTML 5Page - Motorola, Inc MC12179 Datasheet HTML 6Page - Motorola, Inc MC12179 Datasheet HTML 7Page - Motorola, Inc MC12179 Datasheet HTML 8Page - Motorola, Inc MC12179 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
MC12179
4
MOTOROLA RF/IF DEVICE DATA
APPLICATIONS INFORMATION
The MC12179 is intended for applications where a fixed
local oscillator is required to be synthesized. The prescaler
on the MC12179 operates up to 2.8GHz which makes the
part ideal for many satellite receiver applications as well as
applications in the 2nd ISM (Industrial, Scientific, and
Medical) band which covers the frequency range of
2400MHz to 2483MHz. The part is also intended for MMDS
(Multi–channel Multi–point Distribution System) block
downconverter applications. Below is a typical block diagram
of the complete PLL.
Figure 3. Typical Block Diagram of Complete PLL
External Ref
10.0 MHz
MC12179 PLL
φ/Freq
Det
Charge
Pump
2560.00 MHz
Loop
Filter
VCO
÷P
256
As can be seen from the block diagram, with the addition
of a VCO, a loop filter, and either an external oscillator or
crystal, a complete PLL sub–system can be realized. Since
most of the PLL function is integrated into the MC12179, the
user’s primary focus is on the loop filter design and the
crystal reference circuit. Figure 13 and Figure 14 illustrate
typical VCO spectrum and phase noise characteristics.
Figure 17 and Figure 18 illustrate the typical input impedance
versus frequency for the prescaler input.
Crystal Oscillator Design
The MC12179 is used as a multiply–by–256 PLL circuit
which transfers the high stability characteristic of a low
frequency reference source to the high frequency VCO in the
PLL loop. To facilitate this, the device contains an input circuit
which can be configured as a crystal oscillator or a buffer for
accepting an external signal source.
In the external reference mode, the reference source is
AC–coupled into the OSCin input pin. The input level signal
should be between 500–2200 mVpp. When configured with
an external reference, the device can operate with input
frequencies down to 2MHz, thus allowing the circuit to control
the VCO down to 512 MHz. To optimize the phase noise of
the PLL when used in this mode, the input signal amplitude
should be closer to the upper specification limit. This
maximizes the slew rate of the input signal as it switches
against the internal voltage reference.
In the crystal mode, an external parallel–resonant
fundamental mode crystal is connected between the OSCin
and OSCout pins. This crystal must be between 5.0 MHz and
11 MHz. External capacitors, C1 and C2 as shown in
Figure 1, are required to set the proper crystal load
capacitance and oscillator frequency. The values of the
capacitors are dependent on the crystal chosen and the input
capacitance of the device and any stray board capacitance.
In either mode, a 50k
Ω resistor must be connected
between the OSCin and the OSCout pins for proper device
operation. The value of this resistor is not critical so a 47k
Ω or
51k
Ω ±10% resistor is acceptable.
Since the MC12179 is realized with an all–bipolar ECL
style design, the internal oscillator circuitry is different from
more traditional CMOS oscillator designs which realize the
crystal oscillator with a modified inverter topology. These
CMOS designs typically excite the crystal with a rail–to–rail
signal which may overdrive the crystal resulting in damage or
unstable operation. The MC12179 design does not exhibit
these phenomena because the swing out of the OSCout pin is
less than 600mV. This has the added advantage of
minimizing EMI and switching noise which can be generated
by rail–to–rail CMOS outputs. The OSCout output should not
be used to drive other circuitry.
The oscillator buffer in the MC12179 is a single stage, high
speed, differential input/output amplifier; it may be
considered to be a form of the Pierce oscillator. A simplified
circuit diagram is seen in Figure 4.
Figure 4. Simplified Crystal Oscillator/Buffer Circuit
OSCin
Bias
Source
VCC
OSCout
To Phase/
Frequency
Detector
OSCin drives the base of one input of an NPN transistor
differential pair. The non–inverting input of the differential pair
is internally biased. OSCout is the inverted input signal and is
buffered by an emitter follower with a 70
µA pull–down
current and has a voltage swing of about 600 mVpp. Open
loop output impedance is about 425
Ω. The opposite side of
the differential amplifier output is used internally to drive
another buffer stage which drives the phase/frequency
detector. With the 50 k
Ω feedback resistor in place, OSCin
and OSCout are biased to approximately 1.1V below VCC.
The amplifier has a voltage gain of about 15 dB and a
bandwidth in excess of 150 MHz. Adherence to good RF
design and layout techniques, including power supply pin
decoupling, is strongly recommended.
A typical crystal oscillator application is shown in Figure 1.
The crystal and the feedback resistor are connected directly
between OSCin and OSCout, while the loading capacitors, C1
and C2, are connected between OSCin and ground, and
OSCout and ground respectively. It is important to understand
that as far as the crystal is concerned, the two loading
capacitors are in series (albeit through ground). So when the
crystal specification defines a specific loading capacitance,
this refers to the total external (to the crystal) capacitance
seen across its two pins.
This capacitance consists of the capacitance contributed
by the amplifier (IC and packaging), layout capacitance, and
the series combination of the two loading capacitors. This is
illustrated in the equation below:
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MC12179

ManufacturerPart #DatasheetDescription
logo
LANSDALE Semiconductor ...
MC12179D LANSDALE-MC12179D Datasheet
582Kb / 11P
   500-2800 MHz Single Channel Frequency Synthesizer
MC12179D LANSDALE-MC12179D Datasheet
298Kb / 11P
   500-2800 MHz Single Channel Frequency Synthesizer
More results

Similar Description - MC12179

ManufacturerPart #DatasheetDescription
logo
LANSDALE Semiconductor ...
ML12179 LANSDALE-ML12179 Datasheet
582Kb / 11P
   500-2800 MHz Single Channel Frequency Synthesizer
ML12179 LANSDALE-ML12179_08 Datasheet
298Kb / 11P
   500-2800 MHz Single Channel Frequency Synthesizer
logo
Mallory Sonalert Produc...
PS-551DGQ MSPI-PS-551DGQ Datasheet
89Kb / 1P
   Oscillation Frequency (Hz) 2800 ± 500
MAS803Q MSPI-MAS803Q Datasheet
107Kb / 1P
   Oscillation Frequency (Hz) 2800 ± 500
PS-554DY-AQ MSPI-PS-554DY-AQ Datasheet
83Kb / 1P
   Oscillation Frequency (Hz) 2800 ± 500
PS-550DG-24AQ MSPI-PS-550DG-24AQ Datasheet
89Kb / 1P
   Oscillation Frequency (Hz) 2800 ± 500
PS-551DYQ MSPI-PS-551DYQ Datasheet
83Kb / 1P
   Oscillation Frequency (Hz) 2800 ± 500
MAS806Q MSPI-MAS806Q Datasheet
96Kb / 1P
   Oscillation Frequency (Hz) 2800 ± 500
MAS806SQ MSPI-MAS806SQ Datasheet
112Kb / 1P
   Oscillation Frequency (Hz) 2800 ± 500
PS-554F-12V-VRQ MSPI-PS-554F-12V-VRQ Datasheet
100Kb / 1P
   Oscillation Frequency (Hz) 2800 ± 500
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com