Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

KM641003B Datasheet(PDF) 3 Page - Samsung semiconductor

Part No. KM641003B
Description  256Kx4 Bit (with OE) High Speed Static RAM(5.0V Operating), Revolutionary Pin out
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SAMSUNG [Samsung semiconductor]
Homepage  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KM641003B Datasheet(HTML) 3 Page - Samsung semiconductor

  KM641003B Datasheet HTML 1Page - Samsung semiconductor KM641003B Datasheet HTML 2Page - Samsung semiconductor KM641003B Datasheet HTML 3Page - Samsung semiconductor KM641003B Datasheet HTML 4Page - Samsung semiconductor KM641003B Datasheet HTML 5Page - Samsung semiconductor KM641003B Datasheet HTML 6Page - Samsung semiconductor KM641003B Datasheet HTML 7Page - Samsung semiconductor KM641003B Datasheet HTML 8Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
KM641003B
CMOS SRAM
PRELIMINARY
Rev 2.0
- 3 -
February 1998
PRELIMINARY
Preliminary
ABSOLUTE MAXIMUM RATINGS*
* Stresses greater than those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress r ating only and
functional operation of the device at these or any other conditions above those indicated in the operating sections of this spec ification is not implied.
Exposure to absolute maximum rating conditions for extended periods may affect reliability.
Parameter
Symbol
Rating
Unit
Voltage on Any Pin Relative to V SS
VIN, VOUT
-0.5 to 7.0
V
Voltage on VCC Supply Relative to V SS
VCC
-0.5 to 7.0
V
Power Dissipation
PD
1.0
W
Storage Temperature
TSTG
-65 to 150
°C
Operating Temperature
TA
0 to 70
°C
RECOMMENDED DC OPERATING CONDITIONS (TA=0 to 70
°C)
NOTE: * VIL(Min) = -2.0V a.c(Pulse Width
≤6ns) for I≤20mA
** VIH(Max) = VCC + 2.0V a.c (Pulse Width
≤6ns) for I≤20mA
Parameter
Symbol
Min
Typ
Max
Unit
Supply Voltage
VCC
4.5
5.0
5.5
V
Ground
VSS
0
0
0
V
Input High Voltage
VIH
2.2
-
VCC+0.5**
V
Input Low Voltage
VIL
-0.5*
-
0.8
V
CAPACITANCE*(TA=25
°C, f=1.0MHz)
* NOTE : Capacitance is sampled and not 100% tested.
Item
Symbol
Test Conditions
MIN
Max
Unit
Input/Output Capacitance
CI/O
VI/O=0V
-
8
pF
Input Capacitance
CIN
VIN=0V
-
6
pF
DC AND OPERATING CHARACTERISTICS (TA=0 to 70
°C, Vcc=5.0V±10%, unless otherwise specified)
NOTE : * VCC=5.0V, Temp.=25
°C
Parameter
Symbol
Test Conditions
Min
Max
Unit
Input Leakage Current
ILI
VIN=VSS to VCC
-2
2
µA
Output Leakage Current
ILO
CS=VIH or OE=VIH or WE=VIL
VOUT=VSS to VCC
-2
2
µA
Operating Current
ICC
Min. Cycle, 100% Duty
CS=VIL, VIN=VIH or VIL,
IOUT=0mA
8ns
-
150
mA
10ns
-
145
12ns
-
140
Standby Current
ISB
Min. Cycle, CS=VIH
-
50
mA
ISB1
f=0MHz, CS
≥VCC-0.2V,
VIN
≥VCC-0.2V or VIN≤0.2V
-
10
Output Low Voltage Level
VOL
IOL=8mA
-
0.4
V
Output High Voltage Level
VOH
IOH=-4mA
2.4
-
V
VOH1*
IOH1=-0.1mA
-
3.95
V


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn