Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

KM641003B Datasheet(PDF) 1 Page - Samsung semiconductor

Part No. KM641003B
Description  256Kx4 Bit (with OE) High Speed Static RAM(5.0V Operating), Revolutionary Pin out
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KM641003B Datasheet(HTML) 1 Page - Samsung semiconductor

  KM641003B Datasheet HTML 1Page - Samsung semiconductor KM641003B Datasheet HTML 2Page - Samsung semiconductor KM641003B Datasheet HTML 3Page - Samsung semiconductor KM641003B Datasheet HTML 4Page - Samsung semiconductor KM641003B Datasheet HTML 5Page - Samsung semiconductor KM641003B Datasheet HTML 6Page - Samsung semiconductor KM641003B Datasheet HTML 7Page - Samsung semiconductor KM641003B Datasheet HTML 8Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
KM641003B
CMOS SRAM
PRELIMINARY
Rev 2.0
- 1 -
February 1998
PRELIMINARY
Preliminary
Document Title
256Kx4 Bit (with OE) High Speed Static RAM(5.0V Operating), Revolutionary Pin out.
Revision History
The attached data sheets are prepared and approved by SAMSUNG Electronics. SAMSUNG Electronics CO., LTD. reserve the
right to change the specifications. SAMSUNG Electronics will evaluate and reply to your requests and questions on the parameters
of this device. If you have any questions, please contact the SAMSUNG branch office near your office, call or contact Headquart ers.
RevNo.
Rev. 0.0
Rev.1.0
Rev.2.0
Remark
Design Target
Preliminary
Final
History
Initial release with Design Target.
Release to Preliminary Data Sheet.
1. Replace Design Target to Preliminary.
Release to Final Data Sheet.
2.1. Delete Preliminary
2.2. Delete L-version.
2.3. Delete Data Retention Characteristics and Waveform.
2.4. Delete Industrial Temperature Range Part
2.5. Delete TSOP2 Package
2.6. Add Capacitive load of the test environment in A.C test load
2.7. Change D.C characteristics
Items
Previous spec.
(8/10/12ns part)
Changed spec.
(8/10/12ns part)
Icc
150/140/130mA
150/145/140mA
Isb
30mA
50mA
Draft Data
Apr. 1st, 1997
Jun. 1st, 1997
Feb. 25th, 1998


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn