Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

KM641003B Datasheet(PDF) 5 Page - Samsung semiconductor

Part No. KM641003B
Description  256Kx4 Bit (with OE) High Speed Static RAM(5.0V Operating), Revolutionary Pin out
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KM641003B Datasheet(HTML) 5 Page - Samsung semiconductor

  KM641003B Datasheet HTML 1Page - Samsung semiconductor KM641003B Datasheet HTML 2Page - Samsung semiconductor KM641003B Datasheet HTML 3Page - Samsung semiconductor KM641003B Datasheet HTML 4Page - Samsung semiconductor KM641003B Datasheet HTML 5Page - Samsung semiconductor KM641003B Datasheet HTML 6Page - Samsung semiconductor KM641003B Datasheet HTML 7Page - Samsung semiconductor KM641003B Datasheet HTML 8Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
KM641003B
CMOS SRAM
PRELIMINARY
Rev 2.0
- 5 -
February 1998
PRELIMINARY
Preliminary
WRITE CYCLE
Parameter
Symbol
KM641003B-8
KM641003B-10
KM641003B-12
Unit
Min
Max
Min
Max
Min
Max
Write Cycle Time
tWC
8
-
10
-
12
-
ns
Chip Select to End of Write
tCW
6
-
7
-
8
-
ns
Address Set-up Time
tAS
0
-
0
-
0
-
ns
Address Valid to End of Write
tAW
6
-
7
-
8
-
ns
Write Pulse Width( OE High)
tWP
6
-
7
-
8
-
ns
Write Pulse Width( OE Low)
tWP1
8
-
10
-
12
-
ns
Write Recovery Time
tWR
0
-
0
-
0
-
ns
Write to Output High-Z
tWHZ
0
4
0
5
0
6
ns
Data to Write Time Overlap
tDW
4
-
5
-
6
-
ns
Data Hold from Write Time
tDH
0
-
0
-
0
-
ns
End Write to Output Low-Z
tOW
3
-
3
-
3
-
ns
Address
Data Out
Previous Valid Data
Valid Data
TIMMING DIAGRAMS
TIMING WAVEFORM OF READ CYCLE(1) (Address Controlled, CS=OE=VIL, WE=VIH)
tAA
tRC
tOH
TIMING WAVEFORM OF READ CYCLE(2) (WE=VIH)
CS
Address
OE
Data out
tAA
tOLZ
tLZ(4,5)
tOH
tOHZ
tRC
tOE
tCO
tPU
tPD
tHZ(3,4,5)
50%
50%
VCC
Current
ICC
ISB
Valid Data


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn