Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

KM641003A Datasheet(PDF) 1 Page - Samsung semiconductor

Part No. KM641003A
Description  256Kx4 High Speed Static RAM(5V Operating), Revolutionary Pin out Operated at Commercial and Industrial Temperature Range
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SAMSUNG [Samsung semiconductor]
Homepage  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KM641003A Datasheet(HTML) 1 Page - Samsung semiconductor

  KM641003A Datasheet HTML 1Page - Samsung semiconductor KM641003A Datasheet HTML 2Page - Samsung semiconductor KM641003A Datasheet HTML 3Page - Samsung semiconductor KM641003A Datasheet HTML 4Page - Samsung semiconductor KM641003A Datasheet HTML 5Page - Samsung semiconductor KM641003A Datasheet HTML 6Page - Samsung semiconductor KM641003A Datasheet HTML 7Page - Samsung semiconductor KM641003A Datasheet HTML 8Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
KM641003A
CMOS SRAM
PRELIMINARY
Rev 4.0
- 1 -
February 1998
Document Title
256Kx4 High Speed Static RAM(5V Operating), Revolutionary Pin out.
Operated at Commercial and Industrial Temperature Range.
Revision History
The attached data sheets are prepared and approved by SAMSUNG Electronics. SAMSUNG Electronics CO., LTD. reserve the right
to change the specifications. SAMSUNG Electronics will evaluate and reply to your requests and questions on the parameters of this
device. If you have any questions, please contact the SAMSUNG branch office near your office, call or contact Headquarters.
Rev.No.
Rev. 0.0
Rev. 1.0
Rev. 2.0
Rev. 3.0
Rev. 4.0
Remark
Preliminary
Final
Final
Final
Final
History
Initial release with Preliminary.
Release to final Data Sheet.
1.1. Delete Preliminary
Update D.C parameters.
2.1. Update D.C parameters.
Add Industrial Temperature Range parts.
3.1. Add Industrial Temperature Range parts with the same parame-
ters as Commercial Temperature Range parts.
3.1.1. Add KM641003AI parts for Industrial Temperature Range.
3.1.2. Add ordering information.
3.1.3. Add the condition for operating at Industrial Temp. Range.
3.2. Add the test condition for Voh1 with Vcc=5V
±5% at 25°C
3.3. Add timing diagram to define tWP as
″(Timing Wave Form of
Write Cycle(CS=Controlled)
4.1. Delete Industrial Temperature Range Part
4.2. Delete TSOP2 Package
4.3. Delete 17ns Part
Items
Previous spec.
(12/15/17/20ns part)
Updated spec.
(12/15/17/20ns part)
Icc
200/190/180/170mA
150/145/145/140mA
Isb
30mA
25mA
Isb1
10mA
8mA
Draft Data
Apr. 22th, 1995
Feb. 29th, 1996
Jul. 16th, 1996
Jun. 2nd, 1997
Feb. 25th, 1998


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn