Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

KM641003A Datasheet(PDF) 4 Page - Samsung semiconductor

Part No. KM641003A
Description  256Kx4 High Speed Static RAM(5V Operating), Revolutionary Pin out Operated at Commercial and Industrial Temperature Range
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KM641003A Datasheet(HTML) 4 Page - Samsung semiconductor

  KM641003A Datasheet HTML 1Page - Samsung semiconductor KM641003A Datasheet HTML 2Page - Samsung semiconductor KM641003A Datasheet HTML 3Page - Samsung semiconductor KM641003A Datasheet HTML 4Page - Samsung semiconductor KM641003A Datasheet HTML 5Page - Samsung semiconductor KM641003A Datasheet HTML 6Page - Samsung semiconductor KM641003A Datasheet HTML 7Page - Samsung semiconductor KM641003A Datasheet HTML 8Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
KM641003A
CMOS SRAM
PRELIMINARY
Rev 4.0
- 4 -
February 1998
TEST CONDITIONS
Parameter
Value
Input Pulse Levels
0V to 3V
Input Rise and Fall Times
3ns
Input and Output timing Reference Levels
1.5V
Output Loads
See below
AC CHARACTERISTICS(TA=0 to 70
°C, VCC=5.0V±10%, unless otherwise noted.)
READ CYCLE
Parameter
Symbol
KM641003A-12
KM641003A-15
KM641003A-20
Unit
Min
Max
Min
Max
Min
Max
Read Cycle Time
tRC
12
-
15
-
20
-
ns
Address Access Time
tAA
-
12
-
15
-
20
ns
Chip Select to Output
tCO
-
12
-
15
-
20
ns
Output Enable to Valid Output
tOE
-
6
-
7
-
9
ns
Chip Enable to Low-Z Output
tLZ
3
-
3
-
3
-
ns
Output Enable to Low-Z Output
tOLZ
0
-
0
-
0
-
ns
Chip Disable to High-Z Output
tHZ
0
6
0
7
0
9
ns
Output Disable to High-Z Output
tOHZ
0
6
0
7
0
9
ns
Output Hold from Address Change
tOH
3
-
3
-
3
-
ns
Chip Selection to Power Up Time
tPU
0
-
0
-
0
-
ns
Chip Selection to Power DownTime
tPD
-
12
-
15
-
20
ns
Output Loads(A)
Output Loads(B)
DOUT
5pF*
480
255
for tHZ, tLZ, tWHZ, tOW, tOLZ & tOHZ
+5.0V
DOUT
30pF*
480
255
+5.0V
* Including Scope and Jig Capacitance


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn