Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

KM641001B Datasheet(PDF) 2 Page - Samsung semiconductor

Part No. KM641001B
Description  256Kx4 Bit (with OE) High Speed Static RAM(5V Operating), Evolutionary Pin out
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KM641001B Datasheet(HTML) 2 Page - Samsung semiconductor

  KM641001B Datasheet HTML 1Page - Samsung semiconductor KM641001B Datasheet HTML 2Page - Samsung semiconductor KM641001B Datasheet HTML 3Page - Samsung semiconductor KM641001B Datasheet HTML 4Page - Samsung semiconductor KM641001B Datasheet HTML 5Page - Samsung semiconductor KM641001B Datasheet HTML 6Page - Samsung semiconductor KM641001B Datasheet HTML 7Page - Samsung semiconductor KM641001B Datasheet HTML 8Page - Samsung semiconductor KM641001B Datasheet HTML 9Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
KM641001B/BL
CMOS SRAM
PRELIMINARY
Rev. 3.0
- 2 -
July 1998
256K x 4 Bit (with OE)High-Speed CMOS Static RAM
GENERAL DESCRIPTION
FEATURES
• Fast Access Time 15, 20ns(Max.)
• Low Power Dissipation
Standby (TTL)
: 20mA(Max.)
(CMOS) : 5mA(Max.)
1mA(Max) L-Ver. Only
Operating KM641001B/BL - 15 : 120mA(Max.)
KM641001B/BL - 20 : 118mA(Max.)
• Single 5.0V
±10% Power Supply
• TTL Compatible Inputs and Outputs
• Fully Static Operation
- No Clock or Refresh required
• Three State Outputs
• 2V Minimum Data Retention ; L-Ver. only
• Standard Pin Configuration
KM641001B/BLJ : 28-SOJ-400A
PIN FUNCTION
Pin Name
Pin Function
A0 - A17
Address Inputs
WE
Write Enable
CS
Chip Select
OE
Output Enable
I/O1 ~ I/O4
Data Inputs/Outputs
VCC
Power(+5.0V)
VSS
Ground
N.C
No Connection
The KM641001B is a 1,048,576-bit high-speed Static Random
Access Memory organized as 262,144 words by 4 bits. The
KM641001B/BL uses 4 common input and output lines and has
at output enable pin which operates faster than address access
time at read cycle. The device is fabricated using SAMSUNG
′s
advanced CMOS process and designed for high-speed circuit
technology. It is particularly well suited for use in high-density
high-speed system applications. The KM641001B/BL is pack-
aged in a 400 mil 28-pin plastic SOJ.
PIN CONFIGURATION(Top View)
Clk Gen.
I/O1~I/O4
CS
WE
OE
FUNCTIONAL BLOCK DIAGRAM
Data
Cont.
Column Select
CLK
Gen.
Pre-Charge Circuit
Memory Array
512 Rows
512x4 Columns
I/O Circuit &
SOJ
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
Vcc
A17
A16
A15
A14
A13
A12
A11
N.C
I/O4
I/O3
I/O2
I/O1
WE
A0
A1
A2
A3
A4
A5
A6
A7
A8
A9
A10
CS
OE
Vss
A9 A10 A11 A12 A13 A14 A15 A16 A17
A0
A1
A2
A3
A4
A5
A6
A7
A8


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn