Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PLSI1016E80LT44I Datasheet(PDF) 4 Page - Lattice Semiconductor

Part # PLSI1016E80LT44I
Description  High-Density Programmable Logic
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

PLSI1016E80LT44I Datasheet(HTML) 4 Page - Lattice Semiconductor

  PLSI1016E80LT44I Datasheet HTML 1Page - Lattice Semiconductor PLSI1016E80LT44I Datasheet HTML 2Page - Lattice Semiconductor PLSI1016E80LT44I Datasheet HTML 3Page - Lattice Semiconductor PLSI1016E80LT44I Datasheet HTML 4Page - Lattice Semiconductor PLSI1016E80LT44I Datasheet HTML 5Page - Lattice Semiconductor PLSI1016E80LT44I Datasheet HTML 6Page - Lattice Semiconductor PLSI1016E80LT44I Datasheet HTML 7Page - Lattice Semiconductor PLSI1016E80LT44I Datasheet HTML 8Page - Lattice Semiconductor PLSI1016E80LT44I Datasheet HTML 9Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
4
1996 ISP Encyclopedia
Specifications ispLSI and pLSI 1016E
Switching Test Conditions
Figure 2. Test Load
DC Electrical Characteristics
Over Recommended Operating Conditions
Input Pulse Levels
Table 2-0003/1016E
Input Rise and Fall Time
10% to 90%
Input Timing Reference Levels
Ouput Timing Reference Levels
Output Load
GND to 3.0V
1.5V
1.5V
See figure 2
3-state levels are measured 0.5V from
steady-state active level.
-125
-100, -80
≤ 2 ns
≤ 3 ns
Output Load Conditions (see figure 2)
TEST CONDITION
R1
R2
CL
A
470
390
35pF
B
390
35pF
470
390
35pF
Active High
Active Low
C
470
390
5pF
390
5pF
Active Low to Z
at V +0.5V
OL
Active High to Z
at V
-0.5V
OH
Table 2-0004/1016E
+ 5V
R1
R2
CL*
Device
Output
Test
Point
*CL includes Test Fixture and Probe Capacitance.
0213a
VOL
SYMBOL
1. One output at a time for a maximum duration of one second. V
= 0.5V was selected to avoid test problems
by tester ground degradation. Guaranteed but not 100% tested.
2. Measured using four 16-bit counters.
3. Typical values are at V = 5V and T = 25
°C.
4. Maximum I
varies widely with specific device configuration and operating frequency. Refer to the Power Consumption
section of this data sheet and Thermal Management section of the Lattice Semiconductor Data Book to estimate maximum
I
.
Table 2-0007/1016E
1
VOH
IIH
IIL
IIL-isp
PARAMETER
IIL-PU
IOS
2, 4
ICC
Output Low Voltage
Output High Voltage
Input or I/O High Leakage Current
Input or I/O Low Leakage Current
ispEN Input Low Leakage Current
I/O Active Pull-Up Current
Output Short Circuit Current
Operating Power Supply Current
I = 8 mA
I
= -4 mA
3.5V
≤ V ≤ V
0V
≤ V ≤ V (Max.)
0V
≤ V ≤ V
0V
≤ V ≤ V
V = 5V, V
= 0.5V
V = 0.5V, V = 3.0V
f
= 1 MHz
OL
OH
IN
IL
IN
CC
IN
IL
IN
IL
CC
OUT
CLOCK
IL
IH
CONDITION
MIN.
TYP.
MAX.
UNITS
3
2.4
90
90
0.4
10
-10
-150
-150
-200
V
V
µA
µA
µA
µA
mA
mA
mA
CC
A
OUT
CC
CC
Commercial
Industrial


Similar Part No. - PLSI1016E80LT44I

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
PLSI1032-60LG/883 LATTICE-PLSI1032-60LG/883 Datasheet
256Kb / 19P
   High-Density Programmable Logic
PLSI1032-60LJ LATTICE-PLSI1032-60LJ Datasheet
256Kb / 19P
   High-Density Programmable Logic
PLSI1032-60LJI LATTICE-PLSI1032-60LJI Datasheet
256Kb / 19P
   High-Density Programmable Logic
PLSI1032-60LT LATTICE-PLSI1032-60LT Datasheet
256Kb / 19P
   High-Density Programmable Logic
PLSI1032-80LJ LATTICE-PLSI1032-80LJ Datasheet
256Kb / 19P
   High-Density Programmable Logic
More results

Similar Description - PLSI1016E80LT44I

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
3256 LATTICE-3256 Datasheet
1Mb / 18P
   High Density Programmable Logic
1032E1111 LATTICE-1032E1111 Datasheet
212Kb / 16P
   High-Density Programmable Logic
ISP1048E LATTICE-ISP1048E Datasheet
158Kb / 16P
   High-Density Programmable Logic
10321111 LATTICE-10321111 Datasheet
256Kb / 19P
   High-Density Programmable Logic
ISP1032E LATTICE-ISP1032E Datasheet
301Kb / 17P
   High-Density Programmable Logic
ISPLSI3192 LATTICE-ISPLSI3192 Datasheet
156Kb / 15P
   High Density Programmable Logic
ISPLSI2064V LATTICE-ISPLSI2064V Datasheet
179Kb / 14P
   3.3V High Density Programmable Logic
ISPLSI2128V LATTICE-ISPLSI2128V Datasheet
151Kb / 15P
   3.3V High Density Programmable Logic
logo
Advanced Micro Devices
MACH220-10 AMD-MACH220-10 Datasheet
213Kb / 33P
   High-Density EE CMOS Programmable Logic
MACH210A-7 AMD-MACH210A-7 Datasheet
301Kb / 51P
   High-Density EE CMOS Programmable Logic
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com