Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PLSI1016E80LJI Datasheet(PDF) 5 Page - Lattice Semiconductor

Part # PLSI1016E80LJI
Description  High-Density Programmable Logic
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

PLSI1016E80LJI Datasheet(HTML) 5 Page - Lattice Semiconductor

  PLSI1016E80LJI Datasheet HTML 1Page - Lattice Semiconductor PLSI1016E80LJI Datasheet HTML 2Page - Lattice Semiconductor PLSI1016E80LJI Datasheet HTML 3Page - Lattice Semiconductor PLSI1016E80LJI Datasheet HTML 4Page - Lattice Semiconductor PLSI1016E80LJI Datasheet HTML 5Page - Lattice Semiconductor PLSI1016E80LJI Datasheet HTML 6Page - Lattice Semiconductor PLSI1016E80LJI Datasheet HTML 7Page - Lattice Semiconductor PLSI1016E80LJI Datasheet HTML 8Page - Lattice Semiconductor PLSI1016E80LJI Datasheet HTML 9Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
5
1996 ISP Encyclopedia
Specifications ispLSI and pLSI 1016E
External Timing Parameters
Over Recommended Operating Conditions
tpd1
UNITS
-125
MIN.
TEST
COND.
1. Unless noted otherwise, all parameters use the GRP, 20 PTXOR path, ORP and Y0 clock.
2. Refer to Timing Model in this data sheet for further details.
3. Standard 16-bit counter using GRP feedback.
4. Reference Switching Test Conditions Section.
Table 2-0030-16/125,100, 80
1
4
3
1
tsu2 + tco1
(
)
-100
MIN.
MAX.
MAX.
DESCRIPTION
#
2
PARAMETER
A
1
Data Prop. Delay, 4PT Bypass, ORP Bypass
7.5
10.0
ns
tpd2
A
2
Data Prop. Delay, Worst Case Path
ns
fmax
A
3
Clk. Frequency with Int. Feedback
125
100
MHz
fmax (Ext.)
4
Clk. Frequency with Ext. Feedback
MHz
fmax (Tog.)
5
Clk. Frequency, Max. Toggle
MHz
tsu1
6
GLB Reg. Setup Time before Clk., 4 PT Bypass
ns
tco1
A
7
GLB Reg. Clk. to Output Delay, ORP Bypass
ns
th1
8
GLB Reg. Hold Time after Clk., 4 PT Bypass
0.0
ns
tsu2
9
GLB Reg. Setup Time before Clk.
5.5
ns
tco2
10 GLB Reg. Clk. to Output Delay
ns
th2
11 GLB Reg. Hold Time after Clk.
0.0
ns
tr1
A
12 Ext. Reset Pin to Output Delay
ns
trw1
13 Ext. Reset Pulse Duration
5.0
ns
tptoeen
B
14 Input to Output Enable
ns
tptoedis
C
15 Input to Output Disable
ns
twh
18 Ext. Sync. Clk. Pulse Duration, High
3.0
4.0
ns
twl
19 Ext. Sync. Clk. Pulse Duration, Low
3.0
4.0
ns
tsu3
20 I/O Reg. Setup Time before Ext. Sync. Clk. (Y2, Y3) 3.0
ns
th3
21 I/O Reg. Hold Time after Ext. Sync. Clk. (Y2, Y3)
0.0
ns
100
167
5.0
4.5
5.5
10.0
12.0
12.0
10.0
77
125
7.0
0.0
8.0
0.0
6.5
3.5
0.0
13.0
5.0
6.0
13.5
15.0
15.0
(
)
1
twh + tw1
tgoeen
B
16 Global OE Output Enable
ns
7.0
9.0
tgoedis
C
17 Global OE Output Disable
ns
7.0
9.0
-80
MIN. MAX.
15.0
18.5
84.0
57.0
100
8.5
8.0
0.0
9.5
9.5
0.0
17.0
10.0
20.0
20.0
10.5
10.5
5.0
0.0
4.5
5.0


Similar Part No. - PLSI1016E80LJI

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
PLSI1032-60LG/883 LATTICE-PLSI1032-60LG/883 Datasheet
256Kb / 19P
   High-Density Programmable Logic
PLSI1032-60LJ LATTICE-PLSI1032-60LJ Datasheet
256Kb / 19P
   High-Density Programmable Logic
PLSI1032-60LJI LATTICE-PLSI1032-60LJI Datasheet
256Kb / 19P
   High-Density Programmable Logic
PLSI1032-60LT LATTICE-PLSI1032-60LT Datasheet
256Kb / 19P
   High-Density Programmable Logic
PLSI1032-80LJ LATTICE-PLSI1032-80LJ Datasheet
256Kb / 19P
   High-Density Programmable Logic
More results

Similar Description - PLSI1016E80LJI

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
3256 LATTICE-3256 Datasheet
1Mb / 18P
   High Density Programmable Logic
1032E1111 LATTICE-1032E1111 Datasheet
212Kb / 16P
   High-Density Programmable Logic
ISP1048E LATTICE-ISP1048E Datasheet
158Kb / 16P
   High-Density Programmable Logic
10321111 LATTICE-10321111 Datasheet
256Kb / 19P
   High-Density Programmable Logic
ISP1032E LATTICE-ISP1032E Datasheet
301Kb / 17P
   High-Density Programmable Logic
ISPLSI3192 LATTICE-ISPLSI3192 Datasheet
156Kb / 15P
   High Density Programmable Logic
ISPLSI2064V LATTICE-ISPLSI2064V Datasheet
179Kb / 14P
   3.3V High Density Programmable Logic
ISPLSI2128V LATTICE-ISPLSI2128V Datasheet
151Kb / 15P
   3.3V High Density Programmable Logic
logo
Advanced Micro Devices
MACH220-10 AMD-MACH220-10 Datasheet
213Kb / 33P
   High-Density EE CMOS Programmable Logic
MACH210A-7 AMD-MACH210A-7 Datasheet
301Kb / 51P
   High-Density EE CMOS Programmable Logic
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com