Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

2SC5746 Datasheet(PDF) 1 Page - NEC

Part No. 2SC5746
Description  NPN SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW NOISE 3-PIN LEAD-LESS MINIMOLD
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC5746 Datasheet(HTML) 1 Page - NEC

  2SC5746 Datasheet HTML 1Page - NEC 2SC5746 Datasheet HTML 2Page - NEC 2SC5746 Datasheet HTML 3Page - NEC 2SC5746 Datasheet HTML 4Page - NEC 2SC5746 Datasheet HTML 5Page - NEC 2SC5746 Datasheet HTML 6Page - NEC 2SC5746 Datasheet HTML 7Page - NEC 2SC5746 Datasheet HTML 8Page - NEC 2SC5746 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
DATA SHEET
The information in this document is subject to change without notice. Before using this document, please confirm that
this is the latest version.
Not all devices/types available in every country. Please check with local NEC Compound Semiconductor Devices
representative for availability and additional information.
Document No. PU10007EJ02V0DS (2nd edition)
Date Published January 2002 CP(K)
Printed in Japan
NPN SILICON RF TRANSISTOR
2SC5746
NPN SILICON RF TRANSISTOR FOR
HIGH-FREQUENCY LOW NOISE
3-PIN LEAD-LESS MINIMOLD
©
©
©
© NEC Compound Semiconductor Devices 2001, 2002
The mark
• shows major revised points.
FEATURES
• Low voltage operation, low phase distortion
• Ideal for OSC applications
• 3-pin lead-less minimold package
ORDERING INFORMATION
Part Number
Quantity
Supplying Form
2SC5746
50 pcs (Non reel)
• 8 mm wide embossed taping
2SC5746-T3
10 kpcs/reel
• Pin 2 (Base) face the perforation side of the tape
Remark To order evaluation samples, contact your nearby sales office.
The unit sample quantity is 50 pcs.
ABSOLUTE MAXIMUM RATINGS (TA = +25
°°°°C)
Parameter
Symbol
Ratings
Unit
Collector to Base Voltage
VCBO
15
V
Collector to Emitter Voltage
VCEO
5.5
V
Emitter to Base Voltage
VEBO
1.5
V
Collector Current
IC
100
mA
Total Power Dissipation
Ptot
Note
140
mW
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
−65 to +150
°C
Note Mounted on 1.08 cm
2
× 1.0 mm (t) glass epoxy PCB
Because this product uses high-frequency technology, avoid excessive static electricity, etc.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn