Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

2SC5746 Datasheet(PDF) 5 Page - NEC

Part No. 2SC5746
Description  NPN SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW NOISE 3-PIN LEAD-LESS MINIMOLD
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC5746 Datasheet(HTML) 5 Page - NEC

  2SC5746 Datasheet HTML 1Page - NEC 2SC5746 Datasheet HTML 2Page - NEC 2SC5746 Datasheet HTML 3Page - NEC 2SC5746 Datasheet HTML 4Page - NEC 2SC5746 Datasheet HTML 5Page - NEC 2SC5746 Datasheet HTML 6Page - NEC 2SC5746 Datasheet HTML 7Page - NEC 2SC5746 Datasheet HTML 8Page - NEC 2SC5746 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
Data Sheet PU10007EJ02V0DS
5
2SC5746
VCE = 1 V
f = 2 GHz
Collector Current IC (mA)
GAIN BANDWIDTH PRODUCT
vs. COLLECTOR CURRENT
10
2
4
6
8
0
10
1
100
VCE = 2 V
f = 2 GHz
Collector Current IC (mA)
GAIN BANDWIDTH PRODUCT
vs. COLLECTOR CURRENT
10
8
6
4
2
0
10
1
100
VCE = 1 V
IC = 10 mA
Frequency f (GHz)
INSERTION POWER GAIN,
MAG, MSG vs. FREQUENCY
35
25
30
15
20
5
10
0
0.1
1
10
MAG
MSG
|S21e|
2
VCE = 2 V
IC = 10 mA
Frequency f (GHz)
INSERTION POWER GAIN,
MAG, MSG vs. FREQUENCY
35
25
30
15
20
5
10
0
0.1
1
10
MAG
MSG
|S21e|
2


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn