Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SC5745 Datasheet(PDF) 1 Page - NEC

Part # 2SC5745
Description  NPN SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW NOISE FLAT-LEAD 3-PIN THIN-TYPE ULTRA SUPER MINIMOLD
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC5745 Datasheet(HTML) 1 Page - NEC

  2SC5745 Datasheet HTML 1Page - NEC 2SC5745 Datasheet HTML 2Page - NEC 2SC5745 Datasheet HTML 3Page - NEC 2SC5745 Datasheet HTML 4Page - NEC 2SC5745 Datasheet HTML 5Page - NEC 2SC5745 Datasheet HTML 6Page - NEC 2SC5745 Datasheet HTML 7Page - NEC 2SC5745 Datasheet HTML 8Page - NEC 2SC5745 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
DATA SHEET
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all devices/types available in every country. Please check with local NEC representative for
availability and additional information.
Document No. P15439EJ1V0DS00 (1st edition)
Date Published May 2001 NS CP(K)
Printed in Japan
©
2001
NPN SILICON RF TRANSISTOR
2SC5745
NPN SILICON RF TRANSISTOR FOR
HIGH-FREQUENCY LOW NOISE
FLAT-LEAD 3-PIN THIN-TYPE ULTRA SUPER MINIMOLD
FEATURES
• Low voltage operation, low phase distortion
• Ideal for OSC applications
• Flat-lead 3-pin thin-type ultra super minimold package
ORDERING INFORMATION
Part Number
Quantity
Supplying Form
2SC5745
50 pcs (Non reel)
• 8 mm wide embossed taping
2SC5745-T1
3 kpcs/reel
• Pin 3 (collector) face the perforation side of the tape
Remark To order evaluation samples, consult your NEC sales representative.
Unit sample quantity is 50 pcs.
ABSOLUTE MAXIMUM RATINGS (TA = +25
°°°°C)
Parameter
Symbol
Ratings
Unit
Collector to Base Voltage
VCBO
15
V
Collector to Emitter Voltage
VCEO
5.5
V
Emitter to Base Voltage
VEBO
1.5
V
Collector Current
IC
100
mA
Total Power Dissipation
Ptot
Note
200
mW
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
−65 to +150
°C
Note Mounted on 1.08 cm
2
× 1.0 mm (t) glass epoxy substrate
Because this product uses high-frequency technology, avoid excessive static electricity, etc.


Similar Part No. - 2SC5745

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SC5745 RENESAS-2SC5745 Datasheet
299Kb / 26P
   NPN SILICON RF TRANSISTOR
2001
2SC5745 RENESAS-2SC5745 Datasheet
322Kb / 30P
   NPN SILICON RF TWIN TRANSISTOR
2002
2SC5745-T1 RENESAS-2SC5745-T1 Datasheet
299Kb / 26P
   NPN SILICON RF TRANSISTOR
2001
More results

Similar Description - 2SC5745

ManufacturerPart #DatasheetDescription
logo
NEC
2SC5787 NEC-2SC5787 Datasheet
100Kb / 22P
   NPN SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW NOISE 3-PIN LEAD-LESS MINIMOLD
2SC5801 NEC-2SC5801 Datasheet
33Kb / 1P
   NPN SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW NOISE 3-PIN LEAD-LESS MINIMOLD
2SC5746 NEC-2SC5746 Datasheet
100Kb / 22P
   NPN SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW NOISE 3-PIN LEAD-LESS MINIMOLD
2SC5761 NEC-2SC5761 Datasheet
81Kb / 14P
   NPN SiGe RF TRANSISTOR FOR LOW NOISE & HIGH-GAIN AMPLIFICATION FLAT-LEAD 4-PIN THIN-TYPE SUPER MINIMOLD (M04)
logo
Renesas Technology Corp
2SC4226-T1-A RENESAS-2SC4226-T1-A Datasheet
149Kb / 8P
   NPN Silicon RF Transistor NPN Epitaxial Silicon RF Transistor for High-Frequency Low-Noise Amplification 3-pin super Minimold
2SC4228 RENESAS-2SC4228_15 Datasheet
202Kb / 9P
   NPN EPITAXIAL SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW-NOISE AMPLIFICATION 3-PIN SUPER MINIMOLD
logo
NEC
2SC5606 NEC-2SC5606 Datasheet
68Kb / 6P
   NPN SILICON RF TRANSISTOR FOR LOW NOISE 쨌 HIGH-GAIN AMPLIFICATION 3-PIN ULTRA SUPER MINIMOLD
logo
California Eastern Labs
NESG3031M05-T1-A CEL-NESG3031M05-T1-A Datasheet
673Kb / 9P
   NPN SiGe RF TRANSISTOR FOR LOW NOISE, HIGH-GAIN AMPLIFICATION FLAT-LEAD 4-PIN THIN-TYPE SUPER MINIMOLD (M05, 2012 PKG)
logo
Renesas Technology Corp
2SC4227 RENESAS-2SC4227_15 Datasheet
202Kb / 9P
   NPN EPITAXIAL SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW-NOISE AMPLIFICATION 3-PIN MINIMOLD
2SC5012 RENESAS-2SC5012_15 Datasheet
190Kb / 9P
   NPN EPITAXIAL SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW-NOISE AMPLIFICATION 4-PIN SUPER MINIMOLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com