Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SC5745 Datasheet(PDF) 7 Page - NEC

Part # 2SC5745
Description  NPN SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW NOISE FLAT-LEAD 3-PIN THIN-TYPE ULTRA SUPER MINIMOLD
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC5745 Datasheet(HTML) 7 Page - NEC

Back Button 2SC5745 Datasheet HTML 3Page - NEC 2SC5745 Datasheet HTML 4Page - NEC 2SC5745 Datasheet HTML 5Page - NEC 2SC5745 Datasheet HTML 6Page - NEC 2SC5745 Datasheet HTML 7Page - NEC 2SC5745 Datasheet HTML 8Page - NEC 2SC5745 Datasheet HTML 9Page - NEC 2SC5745 Datasheet HTML 10Page - NEC 2SC5745 Datasheet HTML 11Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
Data Sheet P15439EJ1V0DS
7
2SC5745
7
3
4
6
5
2
1
0
14
12
8
10
6
2
4
0
1
10
100
Collector Current IC (mA)
NOISE FIGURE, ASSOCIATED GAIN
vs. COLLECTOR CURRENT
VCE = 1 V
f = 1 GHz
NF
Ga
7
3
4
6
5
2
1
0
14
12
8
10
6
2
4
0
1
10
100
Collector Current IC (mA)
NOISE FIGURE, ASSOCIATED GAIN
vs. COLLECTOR CURRENT
VCE = 1 V
f = 1.5 GHz
NF
Ga
7
3
4
6
5
2
1
0
14
12
8
10
6
2
4
0
1
10
100
Collector Current IC (mA)
NOISE FIGURE, ASSOCIATED GAIN
vs. COLLECTOR CURRENT
VCE = 2 V
f = 1.5 GHz
NF
Ga
7
3
4
6
5
2
1
0
14
12
8
10
6
2
4
0
1
10
100
Collector Current IC (mA)
NOISE FIGURE, ASSOCIATED GAIN
vs. COLLECTOR CURRENT
VCE = 2 V
f = 1 GHz
NF
Ga
7
3
4
6
5
2
1
0
14
12
8
10
6
2
4
0
1
10
100
Collector Current IC (mA)
NOISE FIGURE, ASSOCIATED GAIN
vs. COLLECTOR CURRENT
VCE = 1 V
f = 2 GHz
NF
Ga
7
3
4
6
5
2
1
0
14
12
8
10
6
2
4
0
1
10
100
Collector Current IC (mA)
NOISE FIGURE, ASSOCIATED GAIN
vs. COLLECTOR CURRENT
VCE = 2 V
f = 2 GHz
NF
Ga
Remark The graphs indicate nominal characteristics.


Similar Part No. - 2SC5745

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SC5745 RENESAS-2SC5745 Datasheet
299Kb / 26P
   NPN SILICON RF TRANSISTOR
2001
2SC5745 RENESAS-2SC5745 Datasheet
322Kb / 30P
   NPN SILICON RF TWIN TRANSISTOR
2002
2SC5745-T1 RENESAS-2SC5745-T1 Datasheet
299Kb / 26P
   NPN SILICON RF TRANSISTOR
2001
More results

Similar Description - 2SC5745

ManufacturerPart #DatasheetDescription
logo
NEC
2SC5787 NEC-2SC5787 Datasheet
100Kb / 22P
   NPN SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW NOISE 3-PIN LEAD-LESS MINIMOLD
2SC5801 NEC-2SC5801 Datasheet
33Kb / 1P
   NPN SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW NOISE 3-PIN LEAD-LESS MINIMOLD
2SC5746 NEC-2SC5746 Datasheet
100Kb / 22P
   NPN SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW NOISE 3-PIN LEAD-LESS MINIMOLD
2SC5761 NEC-2SC5761 Datasheet
81Kb / 14P
   NPN SiGe RF TRANSISTOR FOR LOW NOISE & HIGH-GAIN AMPLIFICATION FLAT-LEAD 4-PIN THIN-TYPE SUPER MINIMOLD (M04)
logo
Renesas Technology Corp
2SC4226-T1-A RENESAS-2SC4226-T1-A Datasheet
149Kb / 8P
   NPN Silicon RF Transistor NPN Epitaxial Silicon RF Transistor for High-Frequency Low-Noise Amplification 3-pin super Minimold
2SC4228 RENESAS-2SC4228_15 Datasheet
202Kb / 9P
   NPN EPITAXIAL SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW-NOISE AMPLIFICATION 3-PIN SUPER MINIMOLD
logo
NEC
2SC5606 NEC-2SC5606 Datasheet
68Kb / 6P
   NPN SILICON RF TRANSISTOR FOR LOW NOISE 쨌 HIGH-GAIN AMPLIFICATION 3-PIN ULTRA SUPER MINIMOLD
logo
California Eastern Labs
NESG3031M05-T1-A CEL-NESG3031M05-T1-A Datasheet
673Kb / 9P
   NPN SiGe RF TRANSISTOR FOR LOW NOISE, HIGH-GAIN AMPLIFICATION FLAT-LEAD 4-PIN THIN-TYPE SUPER MINIMOLD (M05, 2012 PKG)
logo
Renesas Technology Corp
2SC4227 RENESAS-2SC4227_15 Datasheet
202Kb / 9P
   NPN EPITAXIAL SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW-NOISE AMPLIFICATION 3-PIN MINIMOLD
2SC5012 RENESAS-2SC5012_15 Datasheet
190Kb / 9P
   NPN EPITAXIAL SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW-NOISE AMPLIFICATION 4-PIN SUPER MINIMOLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com