Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

D44VH Datasheet(PDF) 1 Page - ON Semiconductor

Part No. D44VH
Description  Complementary Silicon Power Transistors 15 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 80 VOLTS 83 WATTS
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

D44VH Datasheet(HTML) 1 Page - ON Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Complementary Silicon Power
Transistors
These complementary silicon power transistors are designed for
high–speed switching applications, such as switching regulators and
high frequency inverters. The devices are also well–suited for drivers
for high power switching circuits.
Fast Switching —
tf = 90 ns (Max)
Key Parameters Specified @ 100_C
Low Collector–Emitter Saturation Voltage —
VCE(sat) = 1.0 V (Max) @ 8.0 A
Complementary Pairs Simplify Circuit Designs
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Collector–Emitter Voltage
VCEO
80
Vdc
Collector–Emitter Voltage
VCEV
100
Vdc
Emitter Base Voltage
VEB
7.0
Vdc
Collector Current — Continuous
— Peak (1)
IC
ICM
15
20
Adc
Total Power Dissipation @ TC = 25_C
Derate above 25
_C
PD
83
0.67
Watts
W/
_C
Operating and Storage Junction
Temperature Range
TJ, Tstg
–55 to 150
_C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction to Case
RθJC
1.5
_C/W
Thermal Resistance, Junction to Ambient
RθJA
62.5
_C/W
Maximum Lead Temperature for Soldering
Purposes: 1/8
″ from Case for 5 Seconds
TL
275
_C
(2) Pulse Width
v 6.0 ms, Duty Cycle v 50%.
NOTE: All polarities are shown for NPN transistors. For PNP transistors, reverse polarities.
ON Semiconductort
© Semiconductor Components Industries, LLC, 2001
March, 2001 – Rev. 2
1
Publication Order Number:
D44VH/D
D44VH
D45VH
15 AMPERE
COMPLEMENTARY
SILICON
POWER TRANSISTORS
80 VOLTS
83 WATTS
CASE 221A–09
TO–220AB
NPN
PNP


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn