Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NE56632-43D Datasheet(PDF) 11 Page - NXP Semiconductors

Part # NE56632-43D
Description  Active-LOW system reset with adjustable delay time
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

NE56632-43D Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button NE56632-43D Datasheet HTML 7Page - NXP Semiconductors NE56632-43D Datasheet HTML 8Page - NXP Semiconductors NE56632-43D Datasheet HTML 9Page - NXP Semiconductors NE56632-43D Datasheet HTML 10Page - NXP Semiconductors NE56632-43D Datasheet HTML 11Page - NXP Semiconductors NE56632-43D Datasheet HTML 12Page - NXP Semiconductors NE56632-43D Datasheet HTML 13Page - NXP Semiconductors NE56632-43D Datasheet HTML 14Page - NXP Semiconductors NE56632-43D Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Philips Semiconductors
Product data
NE56632-XX
Active-LOW system reset with adjustable delay time
2002 Mar 25
11
APPLICATION INFORMATION
A typical application circuit for the NE56632-XX is shown in
Figure 24. Note that a pull-up resistor, RPU is necessary since the
output is an open collector. The value of RPU is calculated by the
following expression.
RPU ≥ (VCC – VRESET) / IOL
where:
VCC = VS(min) – 0.05 V (for a 3 V reset this is 2.905 V)
VRESET = 0.4 V (this is VOL(max))
IOL = 5 mA; minimum output current at Tamb = 25 °C
Substituting these values into the expression and calculating, finds
RPU should be greater than or equal to 510 Ω. To ensure that the
Active-LOW level is sufficient, a value of 4.7 k
Ω is chosen in the test
and application examples.
12
3
4
5
NE56632-XX
RPU
TO RESET
TERMINAL
OF CPU
SL01605
CD
TO VCC
Figure 24. Typical application.
Figure 25 (NE56632-20 CD versus tPLH) and Figure 26
(NE56632-44 CD versus tPLH) show how tPHL, the “H” transmission
delay or reset release delay time varies as a function of the external
delay capacitance, CD. From Figure 26, typical range of the delay
capacitance is 1 pF to 10 nF which yields typical delays from 200
µs
to 200 ms.
The following formula can be used to find the approximate delay
time based on external delay capacitance, CD and the delay time
coefficient, d shown in Table 2.
tPLH (ms) ≈ CD (µF) × d
For example, a NE56632-44 using an external capacitor,
CD = 1 nF = 1000 pF yields:
tPLH (ms) ≈ (1 × 10–3) (1.85 × 104) ≈ 18.5 ms
Compare this to the value of tPLH ≈ 17 ms for CD = 1000 pF that is
extracted from Figure 26.
SL01611
CD (pF)
1.0E+01
1.0E+02
1.0E+03
1.0E+00
1.0E+00
1.0E+04
1.0E–01
1.0E–02
1.0E–03
1.0E–04
1.0E–05
Figure 25. NE56632-20 CD versus tPLH characteristics.
SL01612
CD (pF)
1.0E+01
1.0E+02
1.0E+03
1.0E+00
1.0E+00
1.0E+04
1.0E–01
1.0E–02
1.0E–03
1.0E–04
1.0E–05
Figure 26. NE56632-44 CD versus tPLH characteristics.
Table 2. Delay time coefficient
Device
d
NE56632–46
1.95
× 104
NE56632–45
1.90
× 104
NE56632–44
1.85
× 104
NE56632–43
1.80
× 104
NE56632–42
1.75
× 104
NE56632–31
1.20
× 104
NE56632–30
1.15
× 104
NE56632–29
1.10
× 104
NE56632–28
1.05
× 104
NE56632–27
1.00
× 104
NE56632–20
0.65
× 104
NE56632–19
0.60
× 104


Similar Part No. - NE56632-43D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NE56631-19 PHILIPS-NE56631-19 Datasheet
107Kb / 11P
   Active-LOW system reset
2003 Feb 14
NE56631-19D PHILIPS-NE56631-19D Datasheet
107Kb / 11P
   Active-LOW system reset
2003 Feb 14
NE56631-20 PHILIPS-NE56631-20 Datasheet
107Kb / 11P
   Active-LOW system reset
2003 Feb 14
NE56631-20D PHILIPS-NE56631-20D Datasheet
107Kb / 11P
   Active-LOW system reset
2003 Feb 14
NE56631-27 PHILIPS-NE56631-27 Datasheet
107Kb / 11P
   Active-LOW system reset
2003 Feb 14
More results

Similar Description - NE56632-43D

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
IC-PST596 MITSUMI-IC-PST596 Datasheet
131Kb / 5P
   System Reset with Delay Time Circuit
logo
Fitipower Integrated Te...
FP6801 FITIPOWER-FP6801 Datasheet
499Kb / 9P
   Microprocessor Reset Circuits With Adjustable Delay Time
logo
Mitsumi Electronics, Co...
IC-PST83XX MITSUMI-IC-PST83XX Datasheet
195Kb / 20P
   CMOS System Reset IC with Delay Time Circuit
logo
NXP Semiconductors
NE56631-XX PHILIPS-NE56631-XX Datasheet
107Kb / 11P
   Active-LOW system reset
2003 Feb 14
logo
Texas Instruments
TLV840 TI-TLV840_V01 Datasheet
1Mb / 29P
[Old version datasheet]   TLV840 Nano-Power Ultra-Low Voltage Supervisor with Adjustable Reset Time Delay
TLV840 TI-TLV840_V04 Datasheet
1Mb / 30P
[Old version datasheet]   TLV840 Nano-Power Ultra-Low Voltage Supervisor with Adjustable Reset Time Delay
TLV840 TI-TLV840_V03 Datasheet
1Mb / 30P
[Old version datasheet]   TLV840 Nano-Power Ultra-Low Voltage Supervisor with Adjustable Reset Time Delay
logo
Advanced Power Electron...
APE6800 A-POWER-APE6800_16 Datasheet
399Kb / 10P
   Reset Timer with Delay Time
APE6800 A-POWER-APE6800 Datasheet
386Kb / 10P
   Reset Timer with Delay Time
logo
Texas Instruments
TLV840 TI-TLV840_V02 Datasheet
1Mb / 29P
[Old version datasheet]   TLV840 Nano-Power Ultra-Low Voltage Supervisor with Adjustable Reset Time Delay
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com