Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CRS20 Datasheet(PDF) 1 Page - PerkinElmer Optoelectronics

Part No. CRS20
Description  Ceramic Chip SMD Reflective Sensor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERKINELMER [PerkinElmer Optoelectronics]
Direct Link  http://www.perkinelmer.com
Logo PERKINELMER - PerkinElmer Optoelectronics

CRS20 Datasheet(HTML) 1 Page - PerkinElmer Optoelectronics

  CRS20 Datasheet HTML 1Page - PerkinElmer Optoelectronics CRS20 Datasheet HTML 2Page - PerkinElmer Optoelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.optoelectronics.perkinelmer.com
Description
This opto device is specially designed for all
applications where the space is very limited
and a highly reliable product is needed.
Especially for hybrid and SMT.
The solder pads are a very good heat sink,
so that high power dissipation is achievable.
Best reflective distance: 0.9 mm (paper).
Features and Benefits
Surface mounting device
Complete ceramic housing
High temperature range
Miniature size
Solder pads conform with
Mil-Std. 883 B
CERLED®
Ceramic Chip SMD
SMD – Reflective Sensor
CRS 20
ALL MEASUREMENTS IN mm


Html Pages

1  2 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
AP3216SGC 3.2x1.6mm SMD CHIP LED LAMPS 1  2  3  4  5  Kingbright Corporation
KP-1608SYC 1.6x0.8mm SMD CHIP LED LAMP 1  2  3  4  Kingbright Corporation
V2F105A150Y2EDP AVX Multilayer Ceramic Transient Voltage Suppressors TVS Protection and EMI Attenuation in a Single Chip 1  2  3  4  5  More AVX Corporation
AP3216SYCK 3.2x1.6mm SMD CHIP LED LAMP 1  2  3  4  Kingbright Corporation
APC3216XXX 3.2 X 1.6MM 1206 SMD CHIP LED 1  Kingbright Corporation
ADN2928 XFP Single Chip Transceiver IC 1  2  3  4  5  More Analog Devices
LTST-C170KRKT Ultra bright AlInGap Chip LED 1  2  3  4  5  More Lite-On Technology Corporation
IBIS4-6600 High resolution 6.6 M Pixel Rolling shutter CMOS Image sensor 1  2  3  4  5  More Cypress Semiconductor
TC236P 680-×500-PIXEL CCD IMAGE SENSOR 1  2  3  4  5  More Texas Instruments
SMD1812 SMD Type 6 V - 60 V 1  2  Littelfuse

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn