Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NE56632-XX Datasheet(PDF) 3 Page - NXP Semiconductors

Part No. NE56632-XX
Description  Active-LOW system reset with adjustable delay time
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

NE56632-XX Datasheet(HTML) 3 Page - NXP Semiconductors

  NE56632-XX Datasheet HTML 1Page - NXP Semiconductors NE56632-XX Datasheet HTML 2Page - NXP Semiconductors NE56632-XX Datasheet HTML 3Page - NXP Semiconductors NE56632-XX Datasheet HTML 4Page - NXP Semiconductors NE56632-XX Datasheet HTML 5Page - NXP Semiconductors NE56632-XX Datasheet HTML 6Page - NXP Semiconductors NE56632-XX Datasheet HTML 7Page - NXP Semiconductors NE56632-XX Datasheet HTML 8Page - NXP Semiconductors NE56632-XX Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Philips Semiconductors
Product data
NE56632-XX
Active-LOW system reset with adjustable delay time
2002 Mar 25
3
ORDERING INFORMATION
TYPE NUMBER
PACKAGE
TEMPERATURE
TYPE NUMBER
NAME
DESCRIPTION
RANGE
NE56632-XXD
SOT23-5 / SOT25 (SO5)
plastic small outline package; 5 leads (see dimensional drawing)
–20 to +75
°C
NOTE:
The device has 12 voltage output options, indicated by the XX on
the ‘Type number’.
XX
VOLTAGE (Typical)
19
1.9 V
20
2.0 V
27
2.7 V
28
2.8 V
29
2.9 V
30
3.0 V
31
3.1 V
42
4.2 V
43
4.3 V
44
4.4 V
45
4.5 V
46
4.6 V
Part number marking
The package is marked with a four letter code. The first three letters
designate the product. The fourth letter, represented by ‘x’, is a date
tracking code.
Part Number
Marking
NE56632-19D
AKZx
NE56632-20D
ALAx
NE56632-27D
ALBx
NE56632-28D
ALCx
NE56632-29D
ALDx
NE56632-30D
ALEx
NE56632-31D
ALFx
NE56632-42D
ALGx
NE56632-43D
ALHx
NE56632-44D
ALJx
NE56632-45D
ALKx
NE56632-46D
ALLx
PIN CONFIGURATION
SL01604
1
2
34
5VCC
VOUT
GND
SUB
TC
NE56632-XX
Figure 2. Pin configuration.
PIN DESCRIPTION
PIN
SYMBOL
DESCRIPTION
1
TC
Delay time control; set with external
capacitor.
2
SUB
Substrate. Connect to ground (GND).
3
GND
Ground. Negative supply.
4
VOUT
Reset output voltage. Active-LOW.
5
VCC
Positive supply voltage; detection threshold
voltage input.
MAXIMUM RATINGS
SYMBOL
PARAMETER
MIN.
MAX.
UNIT
VCC
Supply voltage
–0.3
+10
V
Tamb
Ambient operating temperature
–20
+75
°C
Tstg
Storage temperature
–40
+125
°C
P
Power dissipation
150
mW


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn