Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

NE56632-XX Datasheet(PDF) 6 Page - NXP Semiconductors

Part No. NE56632-XX
Description  Active-LOW system reset with adjustable delay time
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

NE56632-XX Datasheet(HTML) 6 Page - NXP Semiconductors

Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Philips Semiconductors
Product data
NE56632-XX
Active-LOW system reset with adjustable delay time
2002 Mar 25
6
TYPICAL PERFORMANCE CURVES, NE56632-20
(continued)
SL01626
AMBIENT TEMPERATURE, Tamb (°C)
–40
–20
0
20
40
60
80
100
25
27
29
31
33
35
37
Test Circuit 1
VCC1 = VS(min) – 0.05 V
VCC2 = 0.4 V
VO = 0.4 V
RL = 0 Ω
S2 = ON
Figure 9. Output current (ON time 1) versus temperature.
SL01627
AMBIENT TEMPERATURE, Tamb (°C)
–40
–20
0
20
40
60
80
100
40
50
60
70
80
90
100
Test Circuit 2
CL = 100 pF
RL = 4.7 kΩ
CD = 10 nF
VCC = (VS(typ) – 0.4 V) to (VS(typ)+ 0.4 V)
tPLH = Release Delay Time
Figure 10. LOW-to-HIGH delay time versus temperature.
SL01628
AMBIENT TEMPERATURE, Tamb (°C)
–40
–20
0
20
40
60
80
100
80
85
90
95
100
105
110
115
120
Test Circuit 2
CL = 100 pF
RL = 4.7 kΩ
CD = 10 nF
VCC = (VS(typ) + 0.4 V) to (VS(typ)– 0.4 V)
tPHL = Assertion Delay Time
Figure 11. HIGH-to-LOW delay time versus temperature.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn