Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K4C89323AF-TCFB Datasheet(PDF) 3 Page - Samsung semiconductor

Part # K4C89323AF-TCFB
Description  2,097,152-WORDS x 4 BANKS x 36-BITS DOUBLE DATA RATE Network-DRAM
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K4C89323AF-TCFB Datasheet(HTML) 3 Page - Samsung semiconductor

  K4C89323AF-TCFB Datasheet HTML 1Page - Samsung semiconductor K4C89323AF-TCFB Datasheet HTML 2Page - Samsung semiconductor K4C89323AF-TCFB Datasheet HTML 3Page - Samsung semiconductor K4C89323AF-TCFB Datasheet HTML 4Page - Samsung semiconductor K4C89323AF-TCFB Datasheet HTML 5Page - Samsung semiconductor K4C89323AF-TCFB Datasheet HTML 6Page - Samsung semiconductor K4C89323AF-TCFB Datasheet HTML 7Page - Samsung semiconductor K4C89323AF-TCFB Datasheet HTML 8Page - Samsung semiconductor K4C89323AF-TCFB Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 58 page
background image
K4C89363AF
REV. 0.0 Nov. 2002
- 3 -
2,097,152-WORDS x 4 BANKS x 36-BITS DOUBLE DATA RATE Network-DRAM
DESCRIPTION
K4C89363AF is a CMOS Double Data Rate Network-DRAM containing 301,989,888 memory cells. K4C89363AF is organized as
2,097,152-words x 4 banks x36 bits. K4C89363AF feature a fully synchronous operation referenced to clock edge whereby all opera-
tions are synchronized at a clock input which enables high performance and simple user interface coexistence. K4C89363AD can
operate fast core cycle compared with regular DDR SDRAM.
K4C89363AF is suitable for Server, Network and other applications where large memory density and low power consumption are
required. The Output Driver for Network-DRAM is capable of high quality fast data transfer under light loading condition.
FEATURES
Parameter
K4C89363AF
F6
FB
F5
t
CK Clock Cycle Time (min)
CL = 4
4.0 ns
4.5 ns
5.0 ns
CL = 5
3.33 ns
3.75 ns
4.5 ns
CL = 6
3.0ns
3.33 ns
4.0 ns
t RC Random Read/Write Cycle Time (min)
20.0 ns
22.5 ns
25 ns
t RAC Random Access Time (min)
20.0 ns
22.5 ns
25 ns
I DD1S Operating Current (single bank) (max)
TBD
TBD
TBD
I DD2S Power Down Current (max)
TBD
TBD
TBD
I DD3S Self-Refresh Current (max)
TBD
TBD
TBD
Fully Synchronous Operation
-
Double Data Rate (DDR)
- Data input/output are synchronized with both edges of DS / QS.
-
Differential Clock (CLK and CLK ) inputs
- CS , FN and all address input signals are sampled on the positive edge of CLK.
-
Output data (DQs and QS) is aligned to the crossings of CLK and CLK .
Fast clock cycle time of 3.0 ns minimum
-
Clock : 333 MHz maximum
-
Data :
666 Mbps/pin maximum
Quad Independent Banks operation
Fast cycle and Short Latency
Selectable Data Strobe(Uni/Bi-directional data strobe)
Distributed Auto-Refresh cycle in 3.9us
Self-Refresh
Power Down Mode
Variable Write Length Control
Write Latency = CAS Latency-1
Programable CAS Latency and Burst Length
- CAS Laatency = 4, 5, 6
- Burst Length = 2,4
Organization : 2,097,152 words x 4 banks x 36 bits
Power Supply Voltage V
DD : 2.5V ± 0.125V
V DDQ : 1.8V ± 0.1V
1.8V CMOS I/O comply with SSTL - 1.8 (half strength driver)
Package : 144Ball BGA, 1mm x 0.8mm Ball pitch
JTAG(for x36)
Notice :
Network-DRAM is trademark of Samsung Electronics., Co LTD


Similar Part No. - K4C89323AF-TCFB

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4C89083AF-ACF5 SAMSUNG-K4C89083AF-ACF5 Datasheet
1Mb / 55P
   288Mb x18 Network-DRAM2 Specification
K4C89083AF-ACF6 SAMSUNG-K4C89083AF-ACF6 Datasheet
1Mb / 55P
   288Mb x18 Network-DRAM2 Specification
K4C89083AF-ACFB SAMSUNG-K4C89083AF-ACFB Datasheet
1Mb / 55P
   288Mb x18 Network-DRAM2 Specification
K4C89083AF-AIF5 SAMSUNG-K4C89083AF-AIF5 Datasheet
1Mb / 55P
   288Mb x18 Network-DRAM2 Specification
K4C89083AF-AIF6 SAMSUNG-K4C89083AF-AIF6 Datasheet
1Mb / 55P
   288Mb x18 Network-DRAM2 Specification
More results

Similar Description - K4C89323AF-TCFB

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4D64163HF SAMSUNG-K4D64163HF Datasheet
162Kb / 16P
   1M x 16Bit x 4 Banks Double Data Rate Synchronous DRAM
K4D261638E SAMSUNG-K4D261638E Datasheet
215Kb / 16P
   2M x 16Bit x 4 Banks Double Data Rate Synchronous DRAM
logo
Elite Semiconductor Mem...
M13S64322A ESMT-M13S64322A Datasheet
824Kb / 49P
   512K x 32 Bit x 4 Banks Double Data Rate Synchronous DRAM
logo
Toshiba Semiconductor
TC59LM814CFT TOSHIBA-TC59LM814CFT Datasheet
2Mb / 38P
   4,194,304 / 8,388,608-WORDS x 4 BANKS x 16 / 8-BITS Network FCRAM
logo
Sanyo Semicon Device
LC382161T-17 SANYO-LC382161T-17 Datasheet
1Mb / 55P
   2 MEG(65536 words x 16 bits x 2 banks) Synchronous DRAM
logo
White Electronic Design...
EDI416S4030A WEDC-EDI416S4030A Datasheet
1Mb / 27P
   1Mx16 Bits x 4 Banks Synchronous DRAM
WED416S16030A WEDC-WED416S16030A Datasheet
900Kb / 26P
   4M x 16 Bits x 4 Banks Synchronous DRAM
WED48S8030E WEDC-WED48S8030E Datasheet
1Mb / 26P
   2M x 8 Bits x 4 Banks Synchronous DRAM
logo
Elite Semiconductor Mem...
M13S128324A ESMT-M13S128324A Datasheet
866Kb / 49P
   1M x 32 Bit x 4 Banks Double Data Rate SDRAM
M13S2561616A ESMT-M13S2561616A Datasheet
1Mb / 48P
   4M x 16 Bit x 4 Banks Double Data Rate SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com