Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EE-SX671R Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # EE-SX671R
Description  Photomicrosensor with Dark-ON Indicator in Variety of Mounting Styles
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

EE-SX671R Datasheet(HTML) 4 Page - Omron Electronics LLC

  EE-SX671R Datasheet HTML 1Page - Omron Electronics LLC EE-SX671R Datasheet HTML 2Page - Omron Electronics LLC EE-SX671R Datasheet HTML 3Page - Omron Electronics LLC EE-SX671R Datasheet HTML 4Page - Omron Electronics LLC EE-SX671R Datasheet HTML 5Page - Omron Electronics LLC EE-SX671R Datasheet HTML 6Page - Omron Electronics LLC EE-SX671R Datasheet HTML 7Page - Omron Electronics LLC EE-SX671R Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
EE-SX670/671/672/673/674A/R
EE-SX670/671/672/673/674A/R
Operation
 INTERNAL/EXTERNAL CIRCUIT DIAGRAM
Operation
indicator
Load
(relay)
Main
circuit
Logic
circuit
OUT
5to24VDC
0V
← IC
RL
Connect RL only
when a logic
circuit is driven.
L
Note: When using a voltage output, always insert a
resistor in RL.
Light-ON/Dark-ON
PNP Output
NPN Output
Operation
indicator
(red)
Main
circuit
Load
OUT
5to24VDC
L
0V
IC
RL
(See Note)
 TIMING CHART
Light-ON
Dark-ON
ON
OFF
LIGHT indicator
(red)
ON
OFF
Output
transistor
Operates
Releases
Load (relay)
H
L
Output voltage
(logic)
Interrupted
Incident
ON
OFF
LIGHT indicator
(red)
ON
OFF
Output
transistor
Operates
Releases
Load (relay)
H
L
Output voltage
(logic)
Interrupted
Incident
Dimensions
Unit: mm (inch)
 EE-SX670A/R
Two, 3.2 dia. holes
Four, R1
(1) (2)(3)(4)
Optical
axis
Two, 3.8 dia.
holes
Indicator window
Terminal Arrangement
(1)
(2)
(3)
(4)
VCC
L
OUT
L
OUTPUT
GND (0 V)
25.4
(1.00)
19
(0.75)
6.95
(0.27)
6.4
(0.25)
13.4
(0.53)
0.8(0.03)
5
(0.20)
19
(0.75)
2
(0.08)
13.8
(0.54)
0.3
(0.01)
0.7
(0.03)
9
(0.35)
2.54
(0.10)
13.2
(0.52)
5.5(0.22)
3.8
(0.15)
6.2
(0.24)


Similar Part No. - EE-SX671R

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
EE-SX671R OMRON-EE-SX671R Datasheet
470Kb / 9P
   Slot-type Photomicrosensor (Non-modulated)
EE-SX671R OMRON-EE-SX671R Datasheet
1Mb / 12P
   Global Standard Slot-type photomicrosensors with 50- to 100-mA direct switching capacity.
More results

Similar Description - EE-SX671R

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
S86R MACOM-S86R Datasheet
114Kb / 2P
   Variety of mounting styles
logo
Aries Electronics, Inc.
625 ARIES-625 Datasheet
937Kb / 1P
   Available in either Screw Machine or Coined Contacts in a Variety of Styles
logo
TE Connectivity Ltd
KUP TEC-KUP Datasheet
1Mb / 5P
   Wide selection of termination and mounting styles
logo
ITT Industries
DENG9P-P1 ITT-DENG9P-P1 Datasheet
10Mb / 302P
   The ITT Cannon D Subminiature Family of connectors has grown to include a wide variety of styles
logo
PHOENIX CONTACT
2202096 PHOENIX-2202096 Datasheet
52Kb / 2P
   Variety of connection technologies
logo
ETA-USA
VTA05-SC12 ETA-USA-VTA05-SC12 Datasheet
6Mb / 3P
   25W Variety of Models
logo
Bourns Electronic Solut...
91A1A-B28-B15L BOURNS-91A1A-B28-B15L Datasheet
315Kb / 5P
   Available in a variety of pin-out confi gurations
logo
PHOENIX CONTACT
2799348 PHOENIX-2799348 Datasheet
48Kb / 2P
   For a variety of applications
logo
TE Connectivity Ltd
M5600 TEC-M5600 Datasheet
135Kb / 4P
   CE Compliant with a Variety of Pressure Ports
AA-400 TEC-AA-400 Datasheet
136Kb / 1P
   Wide variety of reflectors available
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com