Electronic Components Datasheet Search
  English  â–¼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IDT74FCT16952AT Datasheet(PDF) 5 Page - Integrated Device Technology

Part No. IDT74FCT16952AT
Description  FAST CMOS 16-BIT REGISTERED TRANSCEIVER
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  IDT [Integrated Device Technology]
Homepage  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT74FCT16952AT Datasheet(HTML) 5 Page - Integrated Device Technology

  IDT74FCT16952AT Datasheet HTML 1Page - Integrated Device Technology IDT74FCT16952AT Datasheet HTML 2Page - Integrated Device Technology IDT74FCT16952AT Datasheet HTML 3Page - Integrated Device Technology IDT74FCT16952AT Datasheet HTML 4Page - Integrated Device Technology IDT74FCT16952AT Datasheet HTML 5Page - Integrated Device Technology IDT74FCT16952AT Datasheet HTML 6Page - Integrated Device Technology IDT74FCT16952AT Datasheet HTML 7Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
IDT74FCT16925AT/CT/ET
FASTCMOS16-BITREGISTEREDTRANSCEIVER
INDUSTRIALTEMPERATURERANGE
NOTES:
1. See test circuit and waveforms.
2. Minimum limits are guaranteed but not tested on Propagation Delays.
3. This limit is guaranteed but not tested.
4. Skew between any two outputs, of the same package, switching in the same direction. This parameter is guaranteed by design.
SWITCHING CHARACTERISTICS OVER OPERATING RANGE - INDUSTRIAL
FCT16952AT FCT16952CT
FCT16952ET
Symbol
Parameter
Condition(1)
Min.(2)
Max. Min.(2) Max. Min.(2)
Max. Unit
tPLH
Propagation Delay
CL = 50pF
2
10
2
6.3
1.5
3.7
ns
tPHL
xCLKAB, xCLKBA to xBx, xAx
RL = 500
?
tPZH
Output EnableTime
1.5
10.5
1.5
7
1.5
4.4
ns
tPZL
xOEBA, xOEAB to xAx, xBx
tPHZ
Output Disable Time
1.5
10
1.5
6.5
1.5
3.6
ns
tPLZ
xOEBA, xOEAB to xAx, xBx
tSU
Set-up Time, HIGH or LOW
2.5
?
2.5
?
1.5
?
ns
xAx, xBx to xCLKAB, xCLKBA
tH
Hold Time, HIGH or LOW
2
?
1.5
?
0
?
ns
xAx, xBx to xCLKAB, xCLKBA
tSU
Set-up Time, HIGH or LOW
3
?
3
?
2
?
ns
xCEBA, xCEAB, to xCLKAB, xCLKBA
tH
Hold Time, HIGH or LOW
2
?
2
?
0
?
ns
xCEBA, xCEAB, to xCLKAB, xCLKBA
tW
Pulse Width HIGH or LOW, xCLKAB or xCLKBA (3)
3?
3
?
3?
ns
tSK(o)
Output Skew(4)
?
0.5
?
0.5
?
0.5
ns


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn