Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IDT74FCT16952AT Datasheet(PDF) 3 Page - Integrated Device Technology

Part No. IDT74FCT16952AT
Description  FAST CMOS 16-BIT REGISTERED TRANSCEIVER
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  IDT [Integrated Device Technology]
Homepage  http://www.idt.com
Logo 

IDT74FCT16952AT Datasheet(HTML) 3 Page - Integrated Device Technology

   
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
IDT74FCT16925AT/CT/ET
FASTCMOS16-BITREGISTEREDTRANSCEIVER
INDUSTRIALTEMPERATURERANGE
Symbol
Parameter
Test Conditions(1)
Min.
Typ.(2)
Max.
Unit
VIH
Input HIGH Level
Guaranteed Logic HIGH Level
2
V
VIL
Input LOW Level
GuaranteedLogicLOWLevel
0.8
V
IIH
Input HIGH Current (Input pins)(5)
VCC = Max.
VI = VCC
——
±1
µA
Input HIGH Current (I/O pins)(5)
——
±1
IIL
InputLOWCurrent(Inputpins)(5)
VI = GND
±1
Input LOW Current (I/O pins)(5)
——
±1
IOZH
HighImpedanceOutputCurrent
VCC = Max.
VO = 2.7V
±1
µA
IOZL
(3-StateOutputpins)(5)
VO = 0.5V
±1
VIK
ClampDiodeVoltage
VCC = Min., IIN = –18mA
–0.7
–1.2
V
IOS
ShortCircuitCurrent
VCC = Max., VO = GND(3)
–80
–140
–250
mA
VH
InputHysteresis
100
mV
ICCL
Quiescent Power Supply Current
VCC = Max.
5
500
µA
ICCH
VIN = GND or VCC
ICCZ
DC ELECTRICAL CHARACTERISTICS OVER OPERATING RANGE
FollowingConditionsApplyUnlessOtherwiseSpecified:
Industrial: TA = –40°C to +85°C, VCC = 5.0V ±10%
NOTES:
1. For conditions shown as Min. or Max., use appropriate value specified under Electrical Characteristics for the applicable device type.
2. Typical values are at VCC = 5.0V, +25°C ambient.
3. Not more than one output should be shorted at one time. Duration of the test should not exceed one second.
4. Duration of the condition can not exceed one second.
5. The test limit for this parameter is ±5
µA at TA = -55°C.
Symbol
Parameter
Test Conditions(1)
Min.
Typ.(2)
Max.
Unit
IO
OutputDriveCurrent
VCC = Max., VO = 2.5V(3)
–50
–180
mA
VOH
Output HIGH Voltage
VCC = Min.
IOH = –3mA
2.5
3.5
VIN = VIH or VIL
IOH = –15mA
2.4
3.5
V
IOH = –32mA(4)
23
VOH
OutputLOWVoltage
VCC = Min.
IOL = 64mA
0.2
0.55
V
VIN = VIH or VIL
IOFF
Input/OutputPowerOffLeakage(5)
VCC = 0V, VIN or VO
≤ 4.5V
±1
µA
OUTPUT DRIVE CHARACTERISTICS


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn