Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

735P505X9400H Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 735P505X9400H
Description  Film Capacitors High Current, Wrap-and-Fill, Metalized Polypropylene
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

735P505X9400H Datasheet(HTML) 2 Page - Vishay Siliconix

  735P505X9400H Datasheet HTML 1Page - Vishay Siliconix 735P505X9400H Datasheet HTML 2Page - Vishay Siliconix 735P505X9400H Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.vishay.com
95
Type 735P
Vishay Sprague
Document Number: 42031
Revision 17-Nov-03
For technical questions, contact spresale@vishay.com
MAXIMUM RIPPLE CURRENT
(Amps rms) @ 20kHz - 100kHz
Case Temperature @
Terminal Style L – Units with Wire Leads
PART NUMBER**
D
0.750 [19.05]
0.938 [23.81]
0.938 [23.81]
1.250 [31.75]
1.500 [38.10]
2.250 [57.15]
2.250 [57.15]
+ 85
°C
+ 75
°C
+ 65
°C
+ 55
°C
+ 45
°C
+ 35
°C
+ 25
°C
15.0
12.0
11.0
10.0
9.0
8.0
6.0
4.5
5.3
5.9
6.7
8.2
10.0
11.4
L
ESR LIMIT
(Milliohm)
20kHz -
100kHz
CASE SIZE
CAPACITANCE
(
µF)
1.0*
2.0
3.0
5.0
10.0*
20.0
30.0
735P105X9100L
735P205X9100L
735P305X9100L
735P505X9100L
735P106X9100L
735P206X9100L
735P306X9100L
0.531 [13.49]
0.596 [15.14]
0.717 [18.21]
0.733 [18.62]
0.898 [22.81]
1.000 [25.40]
1.200 [30.48]
9.2
10.8
12.1
13.8
15.0
15.0
15.0
8.5
10.0
11.2
12.7
15.0
15.0
15.0
7.8
9.1
10.3
11.6
14.2
15.0
15.0
7.0
8.2
9.2
10.4
12.7
15.0
15.0
6.0
7.0
8.0
9.0
11.0
13.6
15.0
4.9
5.8
6.5
7.4
9.0
11.1
12.4
200 WVDC
1.0*
2.0*
3.0
5.0*
10.0*
20.0
400 WVDC
1.0*
2.0*
3.0*
5.0*
10.0*
Terminal Style H – Units with Terminal Lugs
100 WVDC
1.0
2.0
3.0
5.0
10.0
20.0
30.0
200 WVDC
1.0
2.0
3.0
5.0
10.0
20.0
400 WVDC
1.0
2.0
3.0
5.0
10.0
* These ratings are stocked.
** Part Numbers listed are for a capacitance tolerance of ± 10%. To specify ± 5% tolerance, change the "X9" in the Part Number to "X5".
ORDERING INFORMATION
735P105X9200L
735P205X9200L
735P305X9200L
735P505X9200L
735P106X9200L
735P206X9200L
0.512 [13.01]
0.698 [17.73]
0.747 [18.97]
0.862 [21.89]
1.030 [26.16]
1.440 [36.58]
1.250 [31.75]
1.250 [31.75]
1.500 [38.10]
1.750 [44.45]
2.250 [57.15]
2.250 [57.15]
735P105X9400L
735P205X9400L
735P305X9400L
735P505X9400L
735P106X9400L
0.713 [18.11]
0.895 [22.73]
1.086 [27.58]
1.192 [30.28]
1.668 [42.37]
20.0
15.0
13.0
11.0
9.0
6.0
9.5
15.0
15.0
15.0
15.0
19.0
15.0
12.0
10.0
6.0
1.500 [38.10]
1.750 [44.45]
1.750 [44.45]
2.250 [57.15]
2.250 [57.15]
7.3
12.0
15.0
15.0
15.0
15.0
9.5
15.0
15.0
15.0
15.0
7.3
12.0
13.8
15.0
15.0
15.0
7.3
11.3
12.6
14.7
15.0
15.0
7.3
10.1
11.3
13.1
15.0
15.0
7.2
8.7
9.8
11.4
13.8
15.0
9.5
15.0
15.0
15.0
15.0
9.5
13.4
15.0
15.0
15.0
9.5
11.6
13.1
15.0
15.0
5.9
7.1
8.0
9.3
11.3
14.1
5.4
6.5
7.3
8.5
10.3
12.8
7.8
9.5
10.7
12.5
15.0
7.1
8.7
9.8
11.4
14.1
5.0
5.8
6.5
7.2
8.7
10.6
11.9
5.5
6.3
7.1
7.9
9.5
11.6
13.0
6.7
7.8
8.7
9.7
11.7
14.2
15.9
7.8
8.9
10.0
11.2
13.5
16.4
18.4
8.7
10.0
11.2
12.5
15.0
18.3
20.5
9.5
11.0
12.3
13.7
16.5
20.0
22.5
10.3
12.0
13.3
14.8
17.8
21.6
24.3
15.0
12.0
11.0
10.0
9.0
8.0
6.0
0.875 [22.23]
1.062 [26.97]
1.062 [26.97]
1.375 [34.93]
1.625 [41.28]
2.375 [60.33]
2.375 [60.33]
0.531 [13.49]
0.596 [15.14]
0.717 [18.21]
0.733 [18.62]
0.898 [22.81]
1.000 [25.40]
1.200 [30.48]
735P105X9100H
735P205X9100H
735P305X9100H
735P505X9100H
735P106X9100H
735P206X9100H
735P306X9100H
735P105X9200H
735P205X9200H
735P305X9200H
735P505X9200H
735P106X9200H
735P206X9200H
0.512 [13.00]
0.698 [17.73]
0.747 [18.97]
0.862 [21.89]
1.030 [26.16]
1.440 [36.58]
1.375 [34.93]
1.375 [34.93]
1.625 [41.28]
1.875 [47.63]
2.375 [60.33]
2.375 [60.33]
20.0
15.0
13.0
11.0
9.0
6.0
7.3
14.3
15.9
18.3
22.4
27.4
7.3
13.3
14.7
17.0
20.7
25.4
7.3
12.1
13.5
15.5
18.9
23.2
7.3
10.8
12.0
13.9
16.9
20.7
7.3
9.4
10.4
12.0
14.6
17.9
6.4
7.7
8.5
9.8
12.0
14.7
5.8
7.0
7.8
8.9
10.9
13.4
7.5
9.1
10.3
11.9
14.7
8.3
10.0
11.3
13.1
16.1
9.5
12.3
13.8
16.0
19.7
9.5
14.2
15.9
18.5
22.7
9.5
15.0
17.8
20.6
25.4
9.5
15.0
19.5
22.6
27.8
9.5
15.0
21.1
24.4
30.0
19.0
15.0
12.0
10.0
6.0
1.625 [41.28]
1.875 [47.63]
1.875 [47.63]
2.375 [60.33]
2.375 [60.33]
0.713 [18.11]
0.895 [22.73]
1.086 [27.58]
1.192 [30.28]
1.668 [42.37]
735P105X9400H
735P205X9400H
735P305X9400H
735P505X9400H
735P106X9400H
STANDARD RATINGS in inches [millimeters]
735P
TYPE
105
CAPACITANCE
This is expressed in
picofarads. The first two
digits are the significant
figures. The third is the
number of zeros to follow.
X9
CAPACITANCE
TOLERANCE
100
DC VOLTAGE RATING
This is expressed in volts.
L = Wire Leads
H = Lugs
L
TERMINAL
STYLE
X9 = ± 10%
X5 = ± 5%
100 WVDC


Similar Part No. - 735P505X9400H

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
735 ETC2-735 Datasheet
362Kb / 1P
   GROMMETS , BUSHINGS
735 ETC2-735 Datasheet
707Kb / 1P
   RS-232 Interface
logo
Alpha Wire
735-405 ALPHAWIRE-735-405 Datasheet
114Kb / 2P
   AK05 ??Polystyrene and Polycarbonate - 125 x 200 mm
logo
List of Unclassifed Man...
735-409 ETC2-735-409 Datasheet
279Kb / 4P
   IP 65 mini distribution box
logo
Oscilent Corporation
735-450-AU OSCILENT-735-450-AU Datasheet
137Kb / 2P
   450 KHz 4 Element
More results

Similar Description - 735P505X9400H

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
732P VISHAY-732P Datasheet
40Kb / 1P
   Film Capacitors Metalized Polypropylene, Wrap-and-Fill
Revision 17-Nov-03
430P VISHAY-430P Datasheet
47Kb / 3P
   Metalized Polyester Film Capacitors Wrap-and-Fill
Revision 13-Nov-03
632P VISHAY-632P Datasheet
50Kb / 5P
   Film Capacitors Metalized Polycarbonate, Wrap-and-Fill
Revision 04-Dec-03
V-735P VISHAY-V-735P Datasheet
77Kb / 3P
   Film Capacitors, High Current, Wrap-and-Fill, Metallized Polypropylene
Revision: 12-Mar-09
730P224X9100 VISHAY-730P224X9100 Datasheet
81Kb / 4P
   Film Capacitors High Frequency, Wrap-and-Fill, Metallized Polypropylene
Revision: 07-Feb-07
V-730P VISHAY-V-730P Datasheet
173Kb / 4P
   Film Capacitors High Frequency, Wrap-and-Fill, Metallized Polypropylene
Revision: 16-Nov-07
logo
Surge Components
SMPT SURGE-SMPT Datasheet
165Kb / 1P
   WRAP AND FILL, NON-INDUCTIVE, METALLIZED POLYPROPYLENE FILM CAPACITORS, AXIAL LEAD
logo
Vishay Siliconix
V-430P VISHAY-V-430P Datasheet
70Kb / 4P
   Metallized Polyester Film Capacitors, Wrap-and-Fill
Revision: 12-Mar-09
logo
Illinois Capacitor, Inc...
102MPW630K ILLINOISCAPACITOR-102MPW630K Datasheet
380Kb / 3P
   105째C Metallized Polypropylene Axial Leaded Wrap and Fill Capacitors
logo
List of Unclassifed Man...
170223160AA ETC2-170223160AA Datasheet
409Kb / 3P
   High Current / Low ESR, Wrap and Fill Axial Leaded Capacitors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com