Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MSP430X22X2 Datasheet(PDF) 1 Page - Texas Instruments

Part No. MSP430X22X2
Description  MIXED SIGNAL MICROCONTROLLER
Download  85 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [Texas Instruments]
Homepage  http://www.ti.com
Logo 

MSP430X22X2 Datasheet(HTML) 1 Page - Texas Instruments

 
Zoom Inzoom in Zoom Outzoom out
 1 / 85 page
background image
MSP430x22x2, MSP430x22x4
MIXED SIGNAL MICROCONTROLLER
SLAS504B − JULY 2006 − REVISED JULY 2007
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
D Low Supply Voltage Range 1.8 V to 3.6 V
D Ultralow-Power Consumption
− Active Mode: 270
μA at 1 MHz, 2.2 V
− Standby Mode: 0.7
μA
− Off Mode (RAM Retention): 0.1
μA
D Ultrafast Wake-Up From Standby Mode in
Less Than 1
μs
D 16-Bit RISC Architecture, 62.5-ns
Instruction Cycle Time
D Basic Clock Module Configurations:
− Internal Frequencies up to 16 MHz With
Four Calibrated Frequencies to
±1%
− Internal Very-Low-Power Low-Frequency
Oscillator
− 32-kHz Crystal
− High-Frequency Crystal up to 16 MHz
− Resonator
− External Digital Clock Source
− External Resistor
D 16-Bit Timer_A With Three
Capture/Compare Registers
D 16-Bit Timer_B With Three
Capture/Compare Registers
D Universal Serial Communication Interface
− Enhanced UART Supporting
Auto-Baudrate Detection (LIN)
− IrDA Encoder and Decoder
− Synchronous SPI
− I2C
E
D 10-Bit, 200-ksps A/D Converter With
Internal Reference, Sample-and-Hold,
Autoscan, and Data Transfer Controller
D Two Configurable Operational Amplifiers
(MSP430x22x4 Only)
D Brownout Detector
D Serial Onboard Programming,
No External Programming Voltage Needed
Programmable Code Protection by
Security Fuse
D Bootstrap Loader
D On Chip Emulation Module
D Family Members Include:
MSP430F2232: 8KB + 256B Flash Memory
512B RAM
MSP430F2252: 16KB + 256B Flash Memory
512B RAM
MSP430F2272: 32KB + 256B Flash Memory
1KB RAM
MSP430F2234: 8KB + 256B Flash Memory
512B RAM
MSP430F2254: 16KB + 256B Flash Memory
512B RAM
MSP430F2274: 32KB + 256B Flash Memory
1KB RAM
Available in a 38-Pin Thin Shrink
Small-Outline Package (TSSOP) and 40-Pin
QFN Package
D For Complete Module Descriptions, Refer
to the MSP430x2xx Family User’s Guide
description
The Texas Instruments MSP430 family of ultralow-power microcontrollers consist of several devices featuring
different sets of peripherals targeted for various applications. The architecture, combined with five low-power
modes is optimized to achieve extended battery life in portable measurement applications. The device features
a powerful 16-bit RISC CPU, 16-bit registers, and constant generators that contribute to maximum code
efficiency. The digitally controlled oscillator (DCO) allows wake-up from low-power modes to active mode in less
than 1
μs.
The MSP430x22xx series is an ultralow-power mixed signal microcontroller with two built-in 16-bit timers, a
universal serial communication interface, 10-bit A/D converter with integrated reference and data transfer
controller (DTC), two general-purpose operational amplifiers in the MSP430x22x4 devices, and 32 I/O pins.
Typical applications include sensor systems that capture analog signals, convert them to digital values, and then
process the data for display or for transmission to a host system. Stand-alone radio-frequency (RF) sensor front
ends are another area of application.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Copyright
© 2007 Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
All trademarks are the property of their respective owners.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MSP430F2101MIXED SIGNAL MICROCONTROLLER 1 2 3 4 5 MoreTexas Instruments
C8051F300Mixed Signal ISP Flash MCU Family 1 2 3 4 5 MoreList of Unclassifed Manufacturers
89C5280C51 8-bit microcontroller family 4K/8K/16K/32K Flash 1 2 3 4 5 MoreNXP Semiconductors
TEF6890HCar radio integrated signal processor 1 2 3 4 5 MoreNXP Semiconductors
PIC16LV5XEPROM-Based 8-Bit CMOS Microcontroller Series 1 2 3 4 5 MoreMicrochip Technology
TMP87C841NCMOS 8-BIT MICROCONTROLLER 1 2 3 4 5 MoreToshiba Semiconductor
AN5650SYNCHRONOUS SIGNAL PROCESSING IC FOR COLOR TV 1 Panasonic Semiconductor
Z86E22CMOS Z8 OTP MICROCONTROLLER 1 2 3 4 5 MoreZilog, Inc.
TMP88CP77FCMOS 8-BIT Microcontroller 1 2 3 4 5 MoreToshiba Semiconductor
BCY34ASMALL SIGNAL PNP TRANSISTORS 1 2 Seme LAB

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn