Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSP430X22X2 Datasheet(PDF) 35 Page - Texas Instruments

Part # MSP430X22X2
Description  MIXED SIGNAL MICROCONTROLLER
Download  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430X22X2 Datasheet(HTML) 35 Page - Texas Instruments

Back Button MSP430X22X2 Datasheet HTML 31Page - Texas Instruments MSP430X22X2 Datasheet HTML 32Page - Texas Instruments MSP430X22X2 Datasheet HTML 33Page - Texas Instruments MSP430X22X2 Datasheet HTML 34Page - Texas Instruments MSP430X22X2 Datasheet HTML 35Page - Texas Instruments MSP430X22X2 Datasheet HTML 36Page - Texas Instruments MSP430X22X2 Datasheet HTML 37Page - Texas Instruments MSP430X22X2 Datasheet HTML 38Page - Texas Instruments MSP430X22X2 Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 85 page
background image
MSP430x22x2, MSP430x22x4
MIXED SIGNAL MICROCONTROLLER
SLAS504B − JULY 2006 − REVISED JULY 2007
35
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
typical characteristics − calibrated 1-MHz DCO frequency
TA − Temperature − °C
0.97
0.98
0.99
1.00
1.01
1.02
1.03
−50.0
−25.0
0.0
25.0
50.0
75.0
100.0
Figure 11. Calibrated 1-MHz Frequency vs Temperature
VCC = 1.8 V
VCC = 2.2 V
VCC = 3.0 V
VCC = 3.6 V
VCC − Supply Voltage − V
0.97
0.98
0.99
1.00
1.01
1.02
1.03
1.5
2.0
2.5
3.0
3.5
4.0
Figure 12. Calibrated 1-MHz Frequency vs VCC
TA = −40 °C
TA = 25 °C
TA = 85 °C
TA = 105 °C


Similar Part No. - MSP430X22X2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430X22X2 TI-MSP430X22X2 Datasheet
1Mb / 87P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X22X2 TI-MSP430X22X2 Datasheet
2Mb / 87P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430x22x2 TI-MSP430x22x2 Datasheet
1Mb / 87P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X22X2 TI-MSP430X22X2_08 Datasheet
2Mb / 87P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X22X2 TI-MSP430X22X2_1 Datasheet
1Mb / 87P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results

Similar Description - MSP430X22X2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F41X2 TI-MSP430F41X2 Datasheet
1Mb / 82P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430L092 TI-MSP430L092 Datasheet
691Kb / 44P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430P325 TI-MSP430P325_10 Datasheet
577Kb / 39P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F543X TI-MSP430F543X_1 Datasheet
927Kb / 90P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X11X TI-MSP430X11X_11 Datasheet
548Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X461X1 TI-MSP430X461X1_10 Datasheet
1Mb / 95P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F11X TI-MSP430F11X_11 Datasheet
686Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F15X TI-MSP430F15X Datasheet
1Mb / 77P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F22X2 TI-MSP430F22X2 Datasheet
896Kb / 81P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F550X TI-MSP430F550X Datasheet
1Mb / 110P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430FE42XA TI-MSP430FE42XA_10 Datasheet
874Kb / 47P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com