Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MKT050103M251 Datasheet(PDF) 29 Page - Sharma Electro Components,Inc

Part # MKT050103M251
Description  FILM CAPACITORS
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARMA [Sharma Electro Components,Inc]
Direct Link  http://www.sharmacomponents.com
Logo SHARMA - Sharma Electro Components,Inc

MKT050103M251 Datasheet(HTML) 29 Page - Sharma Electro Components,Inc

Back Button MKT050103M251 Datasheet HTML 21Page - Sharma Electro Components,Inc MKT050103M251 Datasheet HTML 22Page - Sharma Electro Components,Inc MKT050103M251 Datasheet HTML 23Page - Sharma Electro Components,Inc MKT050103M251 Datasheet HTML 24Page - Sharma Electro Components,Inc MKT050103M251 Datasheet HTML 25Page - Sharma Electro Components,Inc MKT050103M251 Datasheet HTML 26Page - Sharma Electro Components,Inc MKT050103M251 Datasheet HTML 27Page - Sharma Electro Components,Inc MKT050103M251 Datasheet HTML 28Page - Sharma Electro Components,Inc MKT050103M251 Datasheet HTML 29Page - Sharma Electro Components,Inc  
Zoom Inzoom in Zoom Outzoom out
 29 / 29 page
background image
MKTMPX SERIES
SAFETY RECOGNIZED FILM CAPACITOR
1.
Rated Interference Suppression "X2"
Metallized Polypropylene Composite dielectric.
UL 1414 (250V AC), CUL 1414/Canda (250V VAC)
VDE KEMA SEV NEMKO DEMKO SEMKO FIMKO CHINA:
DIN EN 132400 (1994) / IEC60382-14 (1993) AND IEC DRAFT 40 (SEC)677
2.
Ideal for using in Line-By-Pass, Antenna Coupling, Across-The-Line and Spark killer
circuits and available for EMI filter and switching power supply and radio-and
monitor, television application.
3.
F
lame retardant plastic cases and epoxy resin. (compliance with 94V-0)
4.
Self-healing properties.
5.
Proven series wound construction.
6.
Approved By : UL, CSA, VDE, KEMA, SEV, NEMKO, DEMKO, SEMKO, FIMKO, CHINA.
SPECIFICATIONS :
OPERATING TEMPERATURE
-40
to +100
W max
T
RATED VOLTAGE
280VAC
max
CAPACITANCE RANGE
0.0022 ~ 4.7uF
DIELECTRIC STRENGTH
Applied 1500VDC for 1minute or 2100VDC
for 1 second.
CAPACITANCE TOLERANCE
+-10% (K)
H max
Measured after a charging voltage 100 ±15VDC
INSULATION RESISTANCE
for 1 minute.
25 ±2.0
d O
LESS THAN OR EQUAL TO 0.33 F
30,000M
GREATER THAN 0.33 F
10,000M
F
DISSIPATION FACTOR
0.1% MAX. at 1KHz
P±0.5
(Unit : mm)
MAXIMUM PULSE RISE TIME
250 VAC: 120 V/microsecond.
F
SIZE
W
H
T
P
d O
F
SIZE
W
H
T
P
d O
0.0022
13.0
9.0
4.0
10.0
0.6
0.22
26.5
16.5
7.0
22.5
0.8
0.0027
13.0
9.0
4.0
10.0
0.6
0.27
26.5
16.5
8.5
22.5
0.8
0.0033
13.0
9.0
4.0
10.0
0.6
0.33
18.0
14.5
8.5
15.0
0.8
0.0039
13.0
9.0
4.0
10.0
0.6
0.33
26.5
16.5
7.0
22.5
0.8
0.0047
13.0
12.0
5.0
10.0
0.6
0.33
26.5
17.0
8.5
22.5
0.8
0.0056
13.0
12.0
5.0
10.0
0.6
0.39
26.5
20.0
10.0
22.5
0.8
0.0068
13.0
12.0
5.0
10.0
0.6
0.47
17.5
19.0
11.0
15.0
0.8
0.0082
13.0
12.0
5.0
10.0
0.6
0.47
18.0
16.0
10.0
15.0
0.8
0.01
13.0
12.0
5.0
10.0
0.6
0.47
26.5
17.0
8.5
22.5
0.8
0.012
13.0
12.0
5.0
10.0
0.6
0.47
26.5
20.0
10.0
22.5
0.8
0.015
13.0
12.0
5.0
10.0
0.6
0.47
32.0
20.0
11.0
27.5
0.8
0.018
13.0
12.0
5.0
10.0
0.6
0.56
32.0
20.0
11.0
27.5
0.8
0.022
13.0
12.0
5.0
10.0
0.6
0.68
26.5
20.0
10.0
22.5
0.8
0.027
13.0
12.0
5.0
10.0
0.6
0.68
32.0
20.0
11.0
27.5
0.8
0.033
13.0
12.0
5.0
10.0
0.6
0.82
32.0
22.0
13.0
27.5
0.8
0.039
13.0
12.0
6.0
10.0
0.6
0.82
26.5
20.0
10.0
22.5
0.8
0.047
18.0
11.0
5.0
15.0
0.6
1.0
32.0
20.0
11.0
27.5
0.8
0.047
13.0
12.0
6.0
10.0
0.6
1.0
32.0
22.0
13.0
27.5
0.8
0.056
13.0
12.0
6.0
10.0
0.6
1.0
37.0
25.0
13.5
31.5
0.8
0.068
13.0
12.0
6.0
10.0
0.6
1.5
32.0
22.0
13.0
27.5
0.8
0.068
18.0
11.0
5.0
15.0
0.6
1.5
37.0
26.5
17.0
31.5
0.8
0.082
18.0
12.0
5.5
15.0
0.8
1.8
37.0
29.0
19.0
31.5
0.8
0.1
13.5
12.0
6.0
10.0
0.8
2.0
31.0
31.0
22.0
27.5
0.8
0.1
18.0
12.0
6.0
15.0
0.8
2.0
38.0
28.0
18.0
31.5
0.8
0.1
18.0
11.5
5.5
15.0
0.8
2.2
31.0
31.0
22.0
27.5
0.8
0.12
18.0
13.0
6.5
15.0
0.8
2.2
38.0
29.0
19.0
31.5
0.8
0.15
18.0
13.5
7.5
15.0
0.8
2.5
38.0
30.0
20.0
31.5
0.8
0.15
26.5
15.0
6.0
22.5
0.8
3.0
38.0
30.0
20.0
31.5
0.8
0.18
18.0
14.5
8.5
15.0
0.8
3.3
38.8
31.3
21.7
31.5
0.8
0.18
26.5
16.0
6.0
22.5
0.8
4.0
48.0
30.0
30.0
41.5
0.8
0.22
18.0
14.5
8.5
15.0
0.8
4.7
48.0
30.0
30.0
41.5
0.8
D
Dimension Tolerance: +/- 0.5mm
V
DE
CQC
Sharma Film Capacitors
Tel: (949)642-7324
SECI Engineers & Buyers' Guide
Fax: (949)642-7327


Similar Part No. - MKT050103M251

ManufacturerPart #DatasheetDescription
logo
Sharma Electro Componen...
MKT050 SHARMA-MKT050 Datasheet
327Kb / 2P
   Film Capacitors
More results

Similar Description - MKT050103M251

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32559S EPCOS-B32559S Datasheet
327Kb / 18P
   Film Capacitors Metallized Polyester Film Capacitors
B32591 EPCOS-B32591 Datasheet
533Kb / 26P
   Film Capacitors Metallized Polyester Film Capacitors
B32932 EPCOS-B32932 Datasheet
295Kb / 18P
   Film Capacitors Metallized Polyester Film Capacitors
B32537 EPCOS-B32537 Datasheet
308Kb / 20P
   Film Capacitors Metallized Polyester Film Capacitors
B32559C EPCOS-B32559C Datasheet
425Kb / 23P
   Film Capacitors Metallized Polyester Film Capacitors
B32560 EPCOS-B32560_09 Datasheet
577Kb / 32P
   Film Capacitors Metallized Polyester Film Capacitors
B32572 EPCOS-B32572 Datasheet
282Kb / 19P
   Film Capacitors Metallized Polyester Film Capacitors
logo
Sharma Electro Componen...
MKTD04 SHARMA-MKTD04 Datasheet
493Kb / 5P
   Film Capacitors
MKT050 SHARMA-MKT050 Datasheet
327Kb / 2P
   Film Capacitors
logo
EPCOS
B32673Z5474K EPCOS-B32673Z5474K Datasheet
373Kb / 20P
   Film Capacitors
B32924D3335K EPCOS-B32924D3335K Datasheet
356Kb / 17P
   Film Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com