Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MKT050103F251 Datasheet(PDF) 24 Page - Sharma Electro Components,Inc

Part # MKT050103F251
Description  FILM CAPACITORS
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARMA [Sharma Electro Components,Inc]
Direct Link  http://www.sharmacomponents.com
Logo SHARMA - Sharma Electro Components,Inc

MKT050103F251 Datasheet(HTML) 24 Page - Sharma Electro Components,Inc

Back Button MKT050103F251 Datasheet HTML 20Page - Sharma Electro Components,Inc MKT050103F251 Datasheet HTML 21Page - Sharma Electro Components,Inc MKT050103F251 Datasheet HTML 22Page - Sharma Electro Components,Inc MKT050103F251 Datasheet HTML 23Page - Sharma Electro Components,Inc MKT050103F251 Datasheet HTML 24Page - Sharma Electro Components,Inc MKT050103F251 Datasheet HTML 25Page - Sharma Electro Components,Inc MKT050103F251 Datasheet HTML 26Page - Sharma Electro Components,Inc MKT050103F251 Datasheet HTML 27Page - Sharma Electro Components,Inc MKT050103F251 Datasheet HTML 28Page - Sharma Electro Components,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 29 page
background image
Rated
Capacitance
dv/dt
Voltage
Range
µF
Value
50
0.001-1.0
4
63
0.001-1.0
8
100
>0.0068
10
100
0.0033-0.0068
15
100
>0.0033
30
250
0.001-1.0
20
400
0.001-1.0
40
CASE
Dimensions
Millimeters
(Inches)
SIZE
W
H
L
a
b
G
5.2 (0.205)
3.2 (0.126)
7.2 (0.283)
1.0 (0.039)
3.0 (0.118)
H
8.2 (0.323)
4.5 (0.177)
10.0 (0.394)
1.5 (0.059)
4.0 (0.157)
J
8.2 (0.323)
5.0 (0.197)
12.5 (0.492)
2.0 (0.079)
4.0 (0.157)
TOLRANCE ON DIMENSIONS: ±0.2mm (.008")
VOLTAGE
V
DC
(Voltage
Code)
Capacitance
63
100
250
400
630
in
µF
(1J)
(2A)
(2E)
(2G)
(2J)
0.01
G
H
0.015
G
H
0.022
G
H
J
0.033
G
H
J
0.047
G
H
J
0.068
G
H
J
0.1
G
H
J
0.15
H
J
0.22
H
J
CASE SIZE TABLE
PULSE RISE TIME (dv/dt) -
Volts per µSecond.
CASE DIMENSIONS TABLE
Ordering Information
(EXAMPLE)
M
K
T
0
0
S
2
G
4
7
3
K
S
Series
Series Code: MKT 00S
Voltage Code
Voltage Code
1J
2A
2E
2G
2J
DC Voltage
63V
100V 250V
400V 630V
Capacitance
First Two Digits Represent Significant Figures of Capacitance in Picofarads.
Third Digit Indicates Number of Zeros
Tolerance
Capacitance Tolerance Code:
Capacitance Tolerance
±
20%
±
10%
±5%
Code
M
K
J
Packing Method Code
Packing Code
O
T
S
Method
Bulk Tape Stick
Case Sizes
G,H,J
G
H, J
Example at right indicates:
MKT 00S Series, 400 V DC, 0.047 µF,
10%, Stick Magazine packing
INTRODUCTION
The MKT00S Series Metallized Polyester Film Capacitors are miniature capacitors
specially developed for Surface Mount Technology. This series covers a wide range
of values and voltages in three convenient case sizes and have excellent electrical
characteristics. The MKT00S series has fire retardant epoxy molded encapsulation
which also provide high insulation resistance.
FEATURES
Ultra miniature size
Wide value and voltage range in just three case sizes
Flame retardant epoxy encapsulation
Consistent dimensions and surface finish due to molded construction
Compatible with all popular high speed assembly machines
Available in Carrier Tape, Stick and Bulk packing
Self healing capability
Compatible with all standard standard SMT soldering methods
GENERAL SPECIFICATIONS:
Dissipation factor: 0.0070 max at 1 K Hz
Insulation resistance: >15,000 M Ohms at a temperature of 25 ± 5 °C, when
measured at: 10 ±1 V DC for 63V DC rated capacitors, 100 ±15 V DC for 100 to
400V DC rating and, 500 ±50 V DC for 630V DC rating.
Capacitance tolerance: ±10%(K). ±5%(J) available on request
Voltage Test : 1.5 times the rated voltage applied between terminals for 2 sec-
onds.at a temperature of 25 ± 5 °C Temperature range: -40 to 105 °C with
derating above 85 °C. Climatic category: F M E
LIFE TEST DETAILS:
Capacitors shall withstand 125% DC rated voltage or 100% AC rated voltage
applied at 85 °C for 1000 hours. After the test:
1.
Capacitance change shall remain within ±5%.
2.
Dissipation Factor shall be within 1.5 times the original limits.
3.
Insulation Resistance shall be above 50% of the initial limits.
4.
There shall be no remarkable change in the appearance and the marking
shall remain legible.
DIMENSIONS
AND
TOLERANCES:
"d" - 0.5 - 0.6 mm
(0.020" - 0.024")
for dimension "T"
< 3.5mm (0.138")
"d" - 0.6 mm
(0.024")
for dimension
"T" > 3.5mm
(0.138")
"LL'' - 4.0 +1.5mm
(0.16 + 0.06")
for bulk supply
MKT 00S SERIES
F
Fo
orrm
me
errlly
y S
SM
MX
X s
se
erriie
es
s
Sharma Film Capacitors


Similar Part No. - MKT050103F251

ManufacturerPart #DatasheetDescription
logo
Sharma Electro Componen...
MKT050 SHARMA-MKT050 Datasheet
327Kb / 2P
   Film Capacitors
More results

Similar Description - MKT050103F251

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32559S EPCOS-B32559S Datasheet
327Kb / 18P
   Film Capacitors Metallized Polyester Film Capacitors
B32591 EPCOS-B32591 Datasheet
533Kb / 26P
   Film Capacitors Metallized Polyester Film Capacitors
B32932 EPCOS-B32932 Datasheet
295Kb / 18P
   Film Capacitors Metallized Polyester Film Capacitors
B32537 EPCOS-B32537 Datasheet
308Kb / 20P
   Film Capacitors Metallized Polyester Film Capacitors
B32559C EPCOS-B32559C Datasheet
425Kb / 23P
   Film Capacitors Metallized Polyester Film Capacitors
B32560 EPCOS-B32560_09 Datasheet
577Kb / 32P
   Film Capacitors Metallized Polyester Film Capacitors
B32572 EPCOS-B32572 Datasheet
282Kb / 19P
   Film Capacitors Metallized Polyester Film Capacitors
logo
Sharma Electro Componen...
MKTD04 SHARMA-MKTD04 Datasheet
493Kb / 5P
   Film Capacitors
MKT050 SHARMA-MKT050 Datasheet
327Kb / 2P
   Film Capacitors
logo
EPCOS
B32673Z5474K EPCOS-B32673Z5474K Datasheet
373Kb / 20P
   Film Capacitors
B32924D3335K EPCOS-B32924D3335K Datasheet
356Kb / 17P
   Film Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com