Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SN74SSTV16859 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part No. SN74SSTV16859
Description  13-BIT TO 26-BIT REGISTERED BUFFER WITH SSTL 2 INPUTS AND OUTPUTS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74SSTV16859 Datasheet(HTML) 2 Page - Texas Instruments

  SN74SSTV16859 Datasheet HTML 1Page - Texas Instruments SN74SSTV16859 Datasheet HTML 2Page - Texas Instruments SN74SSTV16859 Datasheet HTML 3Page - Texas Instruments SN74SSTV16859 Datasheet HTML 4Page - Texas Instruments SN74SSTV16859 Datasheet HTML 5Page - Texas Instruments SN74SSTV16859 Datasheet HTML 6Page - Texas Instruments SN74SSTV16859 Datasheet HTML 7Page - Texas Instruments SN74SSTV16859 Datasheet HTML 8Page - Texas Instruments SN74SSTV16859 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
SN74SSTV16859
13BIT TO 26BIT REGISTERED BUFFER
WITH SSTL_2 INPUTS AND OUTPUTS
SCES297D − FEBRUARY 2000 − REVISED AUGUST 2004
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
description/ordering information (continued)
The device supports low-power standby operation. When RESET is low, the differential input receivers are
disabled, and undriven (floating) data, clock, and reference voltage (VREF) inputs are allowed. In addition, when
RESET is low, all registers are reset, and all outputs are forced low. The LVCMOS RESET input always must
be held at a valid logic high or low level.
To ensure defined outputs from the register before a stable clock has been supplied, RESET must be held in
the low state during power up.
RGQ PACKAGE
(TOP VIEW)
Q7A
Q6A
Q5A
Q4A
Q3A
Q2A
Q1A
Q13B
VDDQ
Q12B
Q11B
Q10B
Q9B
Q8B
D10
D9
D8
D7
RESET
GND
CLK
CLK
VDDQ
VCC
VREF
D6
D5
D4
1
2
3
4
5
6
7
8
9
10
11
12
13
14
42
41
40
39
38
37
36
35
34
33
32
31
30
29
GND†
† The center die pad must be connected to GND.
FUNCTION TABLE
INPUTS
OUTPUT
RESET
CLK
CLK
D
OUTPUT
Q
H
H
H
H
↑↓
LL
H
L or H
L or H
X
Q0
L
X or
floating
X or
floating
X or
floating
L


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
SN74SSTU32864C 25-BIT CONFIGURABLE REGISTERED BUFFER WITH SSTL 18 INPUTS AND OUTPUTS 1  2  3  4  5  More Texas Instruments
74VCX16839 Low Voltage 20-Bit Selectable Register/Buffer with 3.6V Tolerant Inputs and Outputs 1  2  3  4  5  More Fairchild Semiconductor
74LCX373 Low Voltage Octal Transparent Latch with 5V Tolerant Inputs and Outputs 1  2  3  4  5  More Fairchild Semiconductor
ADA4411-3 Integrated Triple Video Filter and Buffer with Selectable Cutoff Frequencies and Multiplexed Inputs for RGB HD/SD 1  2  3  4  5  More Analog Devices
MM74C240 Inverting . Non-Inverting Octal Buffer and Line Driver with 3-STATE Outputs 1  2  3  4  5  More Fairchild Semiconductor
ATR0841 4-channel Laser Driver with 2 Outputs 3 LVDS Inputs and Internal Termination 1  2  3  4  5  More ATMEL Corporation
TC7MA157FK Low Voltage Quad 2-Channel Multiplexer with 3.6 V Tolerant Inputs and Outputs 1  2  3  4  5  More Toshiba Semiconductor
ZL50062 16K-Channel Digital Switch with High Jitter Tolerance Single Rate 2 4 8 or 16Mbps and 64 Inputs and 64 Outputs 1  2  3  4  5  More Zarlink Semiconductor Inc
74AVC16836A 20-bit registered driver with inverted register enable and Dynamic Controlled Outputs 3-State 1  2  3  4  5  More NXP Semiconductors
SN74SSTE32882 28-Bit to 56-Bit Registered Buffer With Address Parity Test and One Pair to Four Pair Differential Clock PLL Driver 1  2  3  4  5  More Texas Instruments

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn